Part Number Hot Search : 
51117 M81709FP KCC712V CY6214 07000 HD74LS G915T25B HD74LS
Product Description
Full Text Search
 

To Download NP55N04SUG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
NP55N04SUG
SWITCHING N-CHANNEL POWER MOSFET
DESCRIPTION
The NP55N04SUG is N-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER NP55N04SUG PACKAGE TO-252 (MP-3ZK)
FEATURES
* Channel temperature 175 degree rating * Super low on-state resistance RDS(on) = 6.5 m MAX. (VGS = 10 V, ID = 28 A) * Low input capacitance Ciss = 3400 pF TYP. (VDS = 25 V)
(TO-252)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
40 20 55 220 77 1.2 175 -55 to +175 30 90
V V A A W W C C A mJ
Total Power Dissipation (TC = 25C) Total Power Dissipation (TA = 25C) Channel Temperature Storage Temperature Repetitive Avalanche Current Repetitive Avalanche Energy
Note2 Note2
IAR EAR
Notes 1. PW 10 s, Duty Cycle 1% 2. Tch 150C, VDD = 20 V, RG = 25 , VGS = 20 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance Channel to Ambient Thermal Resistance Rth(ch-C) Rth(ch-A) 1.95 125 C/W C/W
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D17401EJ2V0DS00 (2nd edition) Date Published May 2007 NS CP(K) Printed in Japan
2004
The mark shows major revised points. The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
NP55N04SUG
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate to Source Threshold Voltage Forward Transfer Admittance
Note Note
SYMBOL IDSS IGSS VGS(th) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD
TEST CONDITIONS VDS = 40 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = 250 A VDS = 10 V, ID = 28 A VGS = 10 V, ID = 28 A VDS = 25 V, VGS = 0 V, f = 1 MHz VDD = 20 V, ID = 28 A, VGS = 10 V, RG = 0
MIN.
TYP.
MAX. 1 100
UNIT
A
nA V S
2.0 12
3.0 23 5.0 3400 320 210 30 52 78 12
4.0
Drain to Source On-state Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Note
6.5 5100 480 380 66 130 156 30 95
m pF pF pF ns ns ns ns nC nC nC
VDD = 32 V, VGS = 10 V, ID = 55 A IF = 55 A, VGS = 0 V IF = 55 A, VGS = 0 V, di/dt = 100 A/s
63 12 20 0.94 37 40
VF(S-D) trr Qrr
1.5
V ns nC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG
RL VDD
VGS VGS
Wave Form
0
10%
VGS
90%
VDS
90% 90% 10% 10%
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
2
Data Sheet D17401EJ2V0DS
NP55N04SUG
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
120
dT - Percentage of Rated Power - %
100
PT - Total Power Dissipation - W
90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175
100 80 60 40 20 0 0 25 50 75 100 125 150 175
TC - Case Temperature - C
TC - Case Temperature - C

1000
FORWARD BIAS SAFE OPERATING AREA
ID - Drain Current - A
100
RD S G (V
o S(
n)
d it e Li m V ) i0 =1
ID(pulse)
PW
ID(DC) DC
1i m
i
=1
i
00
s
s
1i 0
w Po
10
m
co Se
i
D er si is t io pa
s
y ar nd B do ke ra
n d it e m Li
1
TC = 25C Single Pulse
w n d it e m Li
0.1
0.1
1
10
100
VDS - Drain to Source Voltage - V

rth(t) - Transient Thermal Resistance - C/W
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1000 Rth(ch-A) = 125C/W 100
10 Rth(ch-C) = 1.95C/W 1
0.1 Single Pulse 0.01 100
1m 10 m 100 m 1 10 100 1000
PW - Pulse Width - s
Data Sheet D17401EJ2V0DS
3
NP55N04SUG
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
250 200
ID - Drain Current - A
1000 100 VDS = 10 V Pulsed
150 100 50
VGS = 10 V
ID - Drain Current - A
10 1 0.1 0.01 TA = -55C 25C 125C 175C
Pulsed 0 0 0.4 0.8 1.2 1.6 2
VDS - Drain to Source Voltage - V
0.001 0 1 2 3 4 5 6
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs. CHANNEL TEMPERATURE VGS(th) - Gate to Source Threshold Voltage - V | yfs | - Forward Transfer Admittance - S
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
3.5 3 2.5 2 1.5 1 0.5 0 -100 VDS = VGS ID = 250 A -50 0 50 100 150 200
100 VDS = 10 V Pulsed TA = -55C 25C 125C 175C
10
1 0.1 1 10 100 1000
ID - Drain Current - A
Tch - Channel Temperature - C
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE RDS(on) - Drain to Source On-state Resistance - m
10 8 6 4 2 Pulsed 0 1 10 100 1000
ID - Drain Current - A
10 8 6 4 2 Pulsed 0 0 4 8 12 16 20 VGS - Gate to Source Voltage - V
28 A
ID = 55 A
VGS = 10 V
4
Data Sheet D17401EJ2V0DS
NP55N04SUG
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
RDS(on) - Drain to Source On-state Resistance - m
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10000
Ciss, Coss, Crss - Capacitance - pF
10 8 6 4 2 0 -100 VGS = 10 V ID = 28 A Pulsed -50 0 50 100 150 200
Ciss
1000
VGS = 0 V f = 1 MHz 100 0.1 1 10
Coss Crss
100
Tch - Channel Temperature - C
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
1000
VDS - Drain to Source Voltage - V td(on), tr, td(off), tf - Switching Time - ns
DYNAMIC INPUT/OUTPUT CHARACTERISTICS 50 10 VDD = 32 V 20 V 8V VGS 4 ID = 55 A Pulsed 2 0 0 10 20 30 40 50 60 70 QG - Gate Charge - nC 8 6
VGS - Gate to Source Voltage - V
VDD = 20 V VGS = 10 V RG = 0 100 td(off) tr td(on) tf
45 40 35 30 25 20 15 10 5 0
10
VDS
1 0.1 1 10 100
ID - Drain Current - A
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
1000 100 10 1 0.1 Pulsed 0.01 0 0.5 1 1.5
100
REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT
0V
trr - Reverse Recovery Time - ns
IF - Diode Forward Current - A
VGS = 10 V
di/dt = 100 A/s VGS = 0 V 10 0.1 1 10 100
VF(S-D) - Source to Drain Voltage - V
IF - Diode Forward Current - A
Data Sheet D17401EJ2V0DS
5
NP55N04SUG
PACKAGE DRAWING (Unit: mm)
TO-252 (MP-3ZK)
1.0 TYP.
6.50.2 5.1 TYP. 4.3 MIN. 4
2.30.1 0.50.1 No Plating
6.10.2 10.4 MAX. (9.8 TYP.)
4.0 MIN.
1
0.8
2
3
No Plating 0 to 0.25 0.50.1 1.0
1.14 MAX. 2.3 2.3
0.760.12
1. Gate 2. Drain 3. Source 4. Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Source
Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred.
6
0.51 MIN.
Data Sheet D17401EJ2V0DS
NP55N04SUG
* The information in this document is current as of May, 2007. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of NP55N04SUG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X