Part Number Hot Search : 
OP11A NTE888 ADG936 20TC15M V122K SPD11N10 XB0485P 80007
Product Description
Full Text Search
 

To Download NP3500SCT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NP Series
Preferred Devices
Thyristor Surge Protectors
High Voltage Bidirectional
NP Series Thyristor Surge Protector Devices (TSPD) protect telecommunication circuits such as central office, access, and customer premises equipment from overvoltage conditions. These are bidirectional devices so they are able to have functionality of 2 devices in one package, saving valuable space on board layout. These devices will act as a crowbar when overvoltage occurs and will divert the energy away from circuit or device that is being protected. Use of the NP Series in equipment will help meet various regulatory requirements including: GR-1089-CORE, IEC 61000-4-5, ITU K.20/21/45, IEC 60950, TIA-968-A, FCC Part 68, EN 60950, UL 1950.
ELECTRICAL PARAMETERS VDRM Device NP0640SxT3G NP0720SxT3G NP0900SxT3G NP1100SxT3G NP1300SxT3G NP1500SxT3G NP1800SxT3G NP2100SxT3G NP2300SxT3G NP2600SxT3G NP3100SxT3G NP3500SxT3G V 58 65 75 90 120 140 170 180 190 220 275 320 V(BO) V 77 88 98 130 160 180 220 240 260 300 350 400 VT V 4 4 4 4 4 4 4 4 4 4 4 4 IDRM mA 5 5 5 5 5 5 5 5 5 5 5 5 I(BO) mA 800 800 800 800 800 800 800 800 800 800 800 800 IT A 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mA 150 150 150 150 150 150 150 150 150 150 150 150 SMB JEDEC DO-214AA CASE 403C
http://onsemi.com
BIDIRECTIONAL SURFACE MOUNT THYRISTOR 64 - 350 VOLTS
MT1 MT2
MARKING DIAGRAM
AYWW xxxxG G xxxx = Specific Device Code Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
G = indicates leadfree, RoHS compliant SURGE DATA RATINGS Waveform Specification GR-1089-CORE IEC 61000-4-5 TIA-968-A GR-1089-CORE TIA-968-A ITU-T K.20/21 GR-1089-CORE * Voltage ms 2x10 1.2x50 10x160 10x360 10x560 10x700 10x1000 Current ms 2x10 8x20 10x160 10x360 10x560 5x310 10x1000 x = series ratings A 150 150 90 75 50 75 50 B 250 250 150 125 100 100 80 C 500 400 200 175 150 200 100 Unit A(pk)
ORDERING INFORMATION
See detailed ordering and shipping information on page 4 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
Recognized Components
(c) Semiconductor Components Industries, LLC, 2006
1
November, 2006 - Rev. 0
Publication Order Number: NP0640S/D
NP Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristics (Note 1) Breakover Voltage (Both Polarities) NP0640SxT3G NP0720SxT3G NP0900SxT3G NP1100SxT3G NP1300SxT3G NP1500SxT3G NP1800SxT3G NP2100SxT3G NP2300SxT3G NP2600SxT3G NP3100SxT3G NP3500SxT3G Off-State Voltage (Both Polarities) NP0640SxT3G NP0720SxT3G NP0900SxT3G NP1100SxT3G NP1300SxT3G NP1500SxT3G NP1800SxT3G NP2100SxT3G NP2300SxT3G NP2600SxT3G NP3100SxT3G NP3500SxT3G Off State Current ( VD1 = 50 V ) Both Polarities ( VD2 = VDRM ) Both Polarities IDRM1 IDRM2 IH VT di/dt dv/dt 150 - - 5.0 250 - - - VDRM 58 65 75 90 120 140 170 180 190 220 275 320 2.0 5.0 - 4.0 500 - mA mA mA V A/mSec kV/mSec Symbol V(BO) 77 88 98 130 160 180 220 240 260 300 350 400 V Min Typ Max Unit V
Holding Current (Both Polarities) (Note 4) VS = 500 V; IT = 2.2 A On-State Voltage IT = 1.0 A(pk) (PW = 300 mSec, DC = 2%) Maximum Non-Repetitive Rate of Change of On-State Current (Note 1) (Haefely test method, 1.0 pk < 100 A) Critical Rate of Rise of Off-State Voltage (Linear Waveform, VD = 0.8 VDRM, TJ = 25C)
CAPACITANCE
Typ Characteristics (f=1.0 MHz, 1.0 Vrms, 2 Vdc bias) NP0640SxT3G NP0720SxT3G NP0900SxT3G NP1100SxT3G NP1300SxT3G NP1500SxT3G NP1800SxT3G NP2100SxT3G NP2300SxT3G NP2600SxT3G NP3100SxT3G NP3500SxT3G 1. 2. 3. 4. Electrical parameters are based on pulsed test methods. di/dt must not be exceeded of a maximum of 100 A/mSec in this application. Measured under pulsed conditions to reduce heating Allow cooling before testing second polarity. Symbol Co 70 70 70 70 60 60 60 60 40 40 40 40 125 125 125 125 100 100 100 100 60 60 60 60 210 210 210 210 180 180 180 180 100 100 100 100 A B C Unit pF
http://onsemi.com
2
NP Series
SURGE RATINGS Characteristics Nominal Pulse Surge Short Circuit Current Non - Repetitive Double Exponential Decay Waveform (Notes 5, 6 and 7) 2 x 10 mSec 8 x 20 mSec 10 x 160 mSec 10 x 360 mSec 10 x 560 mSec 10 x 700 mSec 10 x 1000 mSec 5. Allow cooling before testing second polarity. 6. Measured under pulse conditions to reduce heating. 7. Nominal values may not represent the maximum capability of a device. +I Symbol A B C Unit A(pk) IPPS1 IPPS2 IPPS3 IPPS4 IPPS5 IPPS6 IPPS7 150 150 90 75 50 75 50 250 250 150 125 100 100 80 500 400 200 150 150 200 100
Ipp - PEAK PULSE CURRENT - %Ipp
100
Peak Value
tr = rise time to peak value tf = decay time to half value
IT I(BO) IH
50
Half Value
-Voltage VT
+Voltage VDRM V(BO)
0 0 tr tf TIME (ms) -I
Figure 1. Exponential Decay Pulse Waveform
Symbol VDRM V(BO) I(BO) IH VT IT Parameter Peak Off State Voltage Breakover Voltage Breakover Current Holding Current On State Voltage On State Current
Figure 2. Voltage Current Characteristics of TSPD
http://onsemi.com
3
NP Series
ORDERING INFORMATION
Part Number NP0640SAT3G NP0640SBT3G NP0640SCT3G NP0720SAT3G NP0720SBT3G NP0720SCT3G NP0900SAT3G NP0900SBT3G NP0900SCT3G NP1100SAT3G NP1100SBT3G NP1100SCT3G NP1300SAT3G NP1300SBT3G NP1300SCT3G NP1500SAT3G NP1500SBT3G NP1500SCT3G NP1800SAT3G NP1800SBT3G NP1800SCT3G NP2100SAT3G NP2100SBT3G NP2100SCT3G NP2300SAT3G NP2300SBT3G NP2300SCT3G NP2600SAT3G NP2600SBT3G NP2600SCT3G NP3100SAT3G NP3100SBT3G NP3100SCT3G NP3500SAT3G NP3500SBT3G NP3500SCT3G Marking 064A 064B 064C 072A 072B 072C 090A 090B 090C 110A 110B 110C 130A 130B 130C 150A 150B 150C 180A 180B 180C 210A 210B 210C 230A 230B 230C 260A 260B 260C 310A 310B 310C 350A 350B 350C SMB (Pb-Free) 2500 / Tape and Reel Case Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
NP Series
PACKAGE DIMENSIONS
S A
SMB CASE 403C-01 ISSUE A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
D
B
C
INCHES DIM MIN MAX A 0.160 0.180 B 0.130 0.150 C 0.075 0.095 D 0.077 0.083 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.205 0.220
MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
K
P
J
H
SOLDERING FOOTPRINT*
2.261 0.089
2.743 0.108
2.159 0.085
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
NP0640S/D


▲Up To Search▲   

 
Price & Availability of NP3500SCT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X