|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT SURFACE MOUNT NETWORKS NOMC Vishay Thin Film Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body FEATURES * Standard 8, 14 & 16 pin counts (0.150" Narrow Body) JEDEC MS-012 * Rugged molded case construction * Stable thin film element Actual Size * Low temperature coefficient The NOMC series features a standard 8, 14, and 16 pin narrow body (0.150") small outline surface mount style. It can accommodate resistor networks to your particular application requirements. The networks can be constructed with Tamelox(R) or Tantalum Nitride resistor films to optimize performance. TYPICAL PERFORMANCE q TCR TOL ABS 25 ABS 0.10 TRACKING 5 RATIO 0.05 SCHEMATIC STANDARD RESISTANCE OFFERING ISOLATED SCHEMATIC ONLY 1K ohms 2K ohms 5K ohms 10K ohms 20K ohms (16 pin only) 100K ohms Custom schematics available Please consult factory Consult factory for additional values STANDARD ELECTRICAL SPECIFICATIONS TEST PIN NUMBER Resistance Range TCR: Tolerance: Power Rating: Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Ratio Tracking Absolute Ratio Absolute Resistor Package SPECIFICATIONS 14, 16 100 ohms to 500K ohms total 5ppm/C typical 25ppm/C Std to 10ppm/C custom 0.1% to 0.025% 1.0% to 0.10% 50mW per element typical 400mW 500mW 500ppm 150ppm < 0.1ppm/Volt 50 Volts - 55C to + 125C - 55C to + 150C < - 30dB 0.08V/C 100ppm 20ppm 1 year @ + 25C 1 year @ + 25C - 55C to + 125C - 55C to + 125C + 25C + 25C Max. at + 70C Max. at + 70C 2000 hours @ + 70C 2000 hours @ + 70C CONDITIONS R Absolute R Ratio VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081 Document Number: 60007 Revision 21-May-01 www.vishay.com 23 SURFACE MOUNT NETWORKS NOMC Vishay Thin Film Molded, 50 Mil, Dual-In-Line Resistor Networks Narrow Body SURFACE MOUNT DIMENSIONS AND IMPRINTING in inches and millimeters DIMENSION INCHES 14 MM 5.969 3.911 8.636 1.6 1.270 0.381 0.203 0.635 0.152 0.381 INCHES 0.235 0.154 0.390 0.063 0.050 0.015 0.008 0.025 0.006 0.015 0.235 0.154 0.340 0.063 0.050 0.015 0.008 0.025 0.006 0.015 16 MM 5.969 3.91 9.906 1.60 1.270 0.381 0.203 0.635 0.152 0.381 Index Area PIN 1 Locator HE H E O A O C e B L A1 h x 45 e B C L A1 h A MECHANICAL SPECIFICATIONS Resistive Element Substrate Material Terminals Lead Coplanarity Body Plating Marking Resistance to Solvents Tamelox(R) or Tantalum Nitride Silicon Copper 0.004 Molded Epoxy Solder per MIL-PRF-83401 ORDERING INFORMATION CHECK LIST (CUSTOMS) Special requirements should be identified in advance, but as a minimum, you should have the following information ready. ELECTRICAL 1. Resistors, by value and tolerance. 2. Reference resistor(s) and matching of which resistors to which reference resistors. 3. Resistance by ratio. 4. Absolute temperature coefficient of resistivity. 5. Temperature tracking of subordinate resistors to reference resistor(s). 6. Maximum operating voltage. 7. Resistor power ratings. 8. Operating temperature range. MECHANICAL 1. Maximum allowable seated height (from PC board to top of network). 2. Special marking concerns. 3. Schematic pin out of package. How to Order (Standards) Series NOMC Pins 14 16 Schematic 03 = Isolated Equal Value Resistors Resistance Value The first 3 digits are significant figures and the last digit specifies the number of zeros to follow. Eg: 1002 = 10K 1003 = 100K Example: NOMC16031002Z Tolerance and Ratio Tolerance Abs. Tolerance Z = 0.1% A = 0.1% B = 0.1% C = 0.25% D = 0.5% F = 1.0% Ratio 0.025 0.05% 0.1% 0.1% 0.1% 0.5% A 16 PIN Surface Mount Resistor Network with 8 - 10K ohm resistors, 25ppm/C TCR, 5ppm Tracking, 0.1% Absolute, 0.025 Ratio Tolerance. VISHAY THIN FILM * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121 * ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988 * SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA: (610) 407-4800 FAX: (610) 640-9081 www.vishay.com 24 Document Number: 60007 Revision 21-May-01 |
Price & Availability of NOMC16031003Z |