Part Number Hot Search : 
M67748H KBP08M LGM470 2SAR513P LT3437 ENA1030 B8279 650MA
Product Description
Full Text Search
 

To Download NNC-960A-6000A-10V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer NNC-920..960A
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN = 2000..6000 A
Electrical data
Primary D.C. current IPN (A) 2000 3000 4000 5000 6000 Primary current measuring range IP (A) 2300 3400 4500 5600 6600 Type
NNC-920A NNC-930A NNC-940A NNC-950A NNC-960A
2000A-10V 3000A-10V 4000A-10V 5000A-10V 6000A-10V
Features
* Hall effect measuring principle * Galvanic isolation between primary * Isolation voltage 2500V * Low power consumption
and secondary circuit
VC IC Vd RIS VOUT RL
Supply voltage (5 %) Current consumption R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn Isolation resistance @ 500 VDC Output voltage @ IPN, RL = 10 k, TA = 25C Load resistance
15 <30 2.5 >500 10 10
V mA kV M V k
Advantages
* Easy to mount * Small size and space saving * Large-current application * High immunity to external
interference.
Accuracy - Dynamic performance data
X
L
VOE VOH VOT TC G tr
Accuracy @ IPN, TA = 25C (without offset) Linearity (0 .. IPN) Electrical offset voltage, TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 1 x IPN Thermal drift of VOE Thermal drift (% of reading) Response time @ 90% of IP
<1 <1 <50 <70 <2 <0.1 <25
% of IPN % of IPN mV mV mV/K %/K s
Applications
* AC variable speed drives * Uninterruptible Power Supplies * Battery supplied applications * Power supplies for welding
applications, cable TV, communication devices * Commutator power supplies * Electric transmission (UPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass -10 .. +50 -15 .. +60 1.7 C C Kg
Notes : 040824/3
LEM Components
www.lem.com
NNC-920..960A Dimensions (in mm)
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of NNC-960A-6000A-10V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X