|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DOMINANT Semiconductors Innovating Illumination TM DATA SHEET: SPNovaLEDTM RGB SPNovaLED: 20mA SPNovaLED TM Featuring a staggering brilliance and significant flux output, the SPNovaLEDTM showcases the latest technological advent in this range. With its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as automotive signal lights, traffic lights, channel lights, tube lights and garden lights among others. Features: > > > > > > > > Super high brightness surface mount LED. High flux output. 130 viewing angle. Compact package outline (LxW) of 6.0 x 6.0 mm. Ultra low height profile - 1.5 mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance. Applications: > Lighting: backlighting, garden light, architecture lighting, general lighting. etc (c) 2005 SPNovaLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice. 1 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20 mA Optical Characteristics at Ta=25C, If = 20mA Part Number NMRTB-CSS-T3U3+U3V3+R3S3-1 * Red * True Green * Blue T3 U3 U3 V3 R3 S3 320.0 450.0 715.0 1012.0 140.0 202.0 450.0 637.5 1012.0 1400.0 202.0 285.0 IV Bin Intensity @ If=20mA (mcd) Min. Max. Viewing Angle 130 Radiant intensity is measured with an accuracy of 11%. Wavelength Grouping at Ta=25C Color Red True Green Group Full A B C Wavelength distribution (nm) 619 - 630 520 - 525 525 - 530 530 - 535 460 - 465 465 - 470 Blue Dominant wavelength is measured with an accuracy of 1 nm. A B Electrical Characteristics at Ta=25C Part Number NMRTB-CSS * Red * True Green * Blue 1.9 3.0 3.0 2.0 3.2 3.2 2.5 3.6 3.6 Vf @ If = 20mA Min. (V) Typ. (V) Max. (V) Forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1V. 2 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Correlation Between Luminous Intensity And Luminous Flux Color Red IV Bins T3 U3 Luminous Intensity (mcd) Min. 320.0 450.0 715.0 1012.0 140.0 202.0 Luminous Flux (lm) Min. 0.90 1.26 1.93 2.73 0.35 0.51 Max. 450.0 637.5 1012.0 1400.0 202.0 285.0 Max. 1.26 1.79 2.73 3.78 0.51 0.71 True Green U3 V3 Blue R3 S3 Note: Data provided above is based on approximation Material Material Lead-frame Package Encapsulate Soldering Leads Note: Product has no lead (Pb) content. Cu Alloy With Ag Plating High Temperature Resistant Plastic, PPA Silicone Resin Sn-Sn Plating Absolute Maximum Ratings Maximum Value DC forward current (per chip) Peak pulse current (per chip) Reverse Voltage ESD Threshold (HBM) LED junction temperature Operating temperature Storage temperature Red 50 Red 200 True Green, Blue 30 True Green, Blue 100 V kV C C C mA Unit mA Not designed for reverse bias 2 125 -40 ... +100 -40 ... +100 3 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Forward Current Vs Forward Voltage (Red) 3.5 3 Forward Current Vs Forward Voltage (Blue and True Green) 5 4 3 2 1 0 Forward Voltage, V 2.5 2 1.5 1 0.5 0 0 20 40 60 80 100 Forward Voltage, V 0 20 40 60 80 100 Forward Current, mA Forward Current, mA Wavelength Shift Vs Forward Current (Blue) 3 2 1 0 -1 -2 -3 0 20 40 60 80 100 Wavelength Shift Vs Forward Current (True Green) 6 4 Wavelength, nm Wavelength, nm 2 0 -2 -4 -6 -8 -10 0 20 40 60 80 100 Forward Current, mA Forward Current, mA Max Pulse Current Vs Duty Cycle (Red) 220 200 180 Max Pulse Current Vs Duty Cycle (True Green, Blue) 120 100 Pulse Current, mA 160 140 120 100 80 60 40 20 0 1 10 100 Pulse Current, mA 80 60 40 20 0 1 10 100 Duty (%); Tp<= 0.010 sec. Duty (%); Tp <= 0.010 sec. 4 18/01/2007 V(O) DOMINANT TM Innovating Illumination Semiconductors RGB SPNovaLED : 20mA Max Current Vs Ambient Temperature 60 50 Radiation Pattern Max Current Vs Ambient Temperature 30 60 20 10 0 1.0 Red Max Current, mA 50 40 40 0.8 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 True Green / Blue 50 30 20 60 10 70 0.6 0.4 0.2 0 10 20 30 40 50 60 0 70 80 90 100 80 90 0 Ambient Temperature Ambient Temperature Max Current Vs Ambient Temperature 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Max Current Vs Ambient Temperature 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature Ambient Temperature Max Current Vs Ambient Temperature 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Max Current Vs Ambient Temperature 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature Ambient Temperature 5 18/01/2007 V(O) Semiconductors Innovating Illumination TM DOMINANT TM RGB SPNovaLED : 20mA SPNovaLED * RGB : 20mA Package Outlines 6 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Solder Pad Design 7 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Taping and orientation * Reels come in quantity of 1000 units. * Reel diameter is 330 mm. 8 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Packaging Specification 9 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Packaging Specification Moisture sensitivity level Barcode label DOMINANT Semiconductors LOT NO : lotno ROHS Compliant PB Free S/N : xxx D/C: xxxx PART NO : partno QTY : qty GROUP : group Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Average 1pc SPNovaLED Weight (gram) Weight (gram) 0.188 0.034 1 completed bag (1000pcs) 600 10 190 10 DOMINANT TM Semiconductors Cardboard Box For SPNovaLED Cardboard Box Size Large TM Dimensions (mm) Empty Box Weight (kg) 1.74 Reel / Box Quantity / Box (pcs) 416 x 516 x 476 20 reels MAX 20,000 MAX 10 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Recommended Sn-Pb IR-Reflow Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s Temperature (C) 175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s Recommended Pb-free Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s Temperature (C) 200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s Time (sec) 11 18/01/2007 V(O) DOMINANT TM Semiconductors Innovating Illumination RGB SPNovaLED : 20mA Revision History Page Subjects Initial Release Date of Modification 18 Jan 2007 NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors. 12 18/01/2007 V(O) DOMINANT TM Innovating Illumination Semiconductors RGB SPNovaLED : 20mA About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com. Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com Semiconductors Innovating Illumination DOMINANT TM |
Price & Availability of NMRTB-CSS-T3U3U3V3R3S3 |