Part Number Hot Search : 
2SD1869 J05025 CMOZ12V 80P03 MDA206G 01M16 SM79108 10A01
Product Description
Full Text Search
 

To Download NMF1206X7R473S50STRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI 3-Terminal Chip Capacitors
FEATURES
* LOW ESL CHARACTERISTICS * EXCELLENT NOISE SUPPRESSION OVER BROAD FREQUENCY RANGE * AVAILABLE IN EIA 0603, 0805 AND 1206 CASE SIZES * HIGH CAPACITANCE AND CURRENT RATINGS FOR DC POWER LINE RoHS Compliant
includes all homogeneous materials
NMF Series
*See Part Number System for Details
SIGNAL LINE TYPE STANDARD CASE SIZES AND VALUES
Size Part Number NMF0603X7R102S25STRF NMF0603X7R222S25STRF NMF0603X7R103S25STRF NMF0603X7R223S25STRF NMF0603X7R473S25STRF NMF0805X7R471S50STRF NMF0805X7R102S50STRF NMF0805X7R222S50STRF NMF0805X7R103S50STRF NMF0805X7R223S50STRF NMF0805X7R104S25STRF NMF1206X7R471S50STRF NMF1206X7R102S50STRF NMF1206X7R222S50STRF NMF1206X7R472S50STRF NMF1206X7R103S50STRF NMF1206X7R223S50STRF NMF1206X7R473S50STRF NMF1206X7R104S25STRF Capacitance (pF) 1,000 2,200 10,000 22,000 47,000 470 1,000 2,200 10,000 22,000 100,000 470 1,000 2,200 4,700 10,000 22,000 47,000 100,000 Tolerance +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% +50%/-20% Rated Voltage (Vdc) 25 25 25 25 25 50 50 50 50 50 25 50 50 50 50 50 50 50 25 Rated Current (mA) 300 300 1,000 1,000 1,000 300 300 300 1,000 1,000 1,000 300 300 300 300 1,000 1,000 1,000 1,000 Insulation Resistance (M) 1,000 1,000 1,000 1,000 1,000 10,000 10,000 10,000 10,000 10,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 DC Resistance () 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.08 0.1 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.1 Temperature Thickness Range (mm) (C) -55 ~ +125 0.75 -55 ~ +125 0.75 -55 ~ +125 0.75 -55 ~ +125 0.75 -55 ~ +125 0.75 -55 ~ +125 1.00 -55 ~ +125 1.00 -55 ~ +125 1.00 -55 ~ +125 1.00 -55 ~ +125 1.00 -55 ~ +125 1.00 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05 -55 ~ +125 1.05
0603
0805
1206
POWER LINE TYPE STANDARD CASE SIZES AND VALUES
Size Part Number NMF0603X7R104M16PTRF NMF0603X5R105M10PTRF NMF0603X5R225M10PTRF NMF0805X7R332S50PTRF NMF0805Y5V104S25PTRF NMF0805X5R105M10PTRF NMF0805Y5V105Z16PTRF NMF0805X5R475M10PTRF NMF0805X5R106M6.3PTRF Capacitance (pF) Rated Voltage (Vdc) 100,000 20% 16 1,000,000 20% 10 2,200,000 20% 10 3,300 +50%/-20% 50 100,000 +50%/-20% 25 1,000,000 20% 10 1,000,000 +80%/-20% 16 4,700,000 20% 10 10,000,000 20% 6.3 Tolerance Rated Current (mA) 2,000 2,000 2,000 2,000 2,000 4,000 3,000 4,000 4,000 Insulation Resistance (M) 1,000 1,000 1,000 10,000 1,000 500 500 500 500 DC Resistance () 0.1 0.05 0.05 0.06 0.05 0.02 0.04 0.05 0.05 Temperature Thickness Range (mm) (C) -55 ~ +125 0.75 -55 ~ +85 0.75 -55 ~ +85 0.75 -55 ~ +125 1.20 -40 ~ +85 1.00 -55 ~ +85 1.20 -40 ~ +85 1.20 -55 ~ +85 1.00 -55 ~ +85 1.00
0603
0805
PART NUMBER SYSTEM NMF 0603 X7R 222 S 25 S TR F
RoHS Compliant Tape & Reel Application: P=Power Line, S=Signal Line Voltage (Vdc) Capacitance Tolerance Code: M=20%, S=+50%/-20%, Z= +80%/-20% Capacitance Code: expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros Temperature Characteristic Case Size Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
37
EMI 3-Terminal Chip Capacitors
CASE DIMENSIONS (mm)
Series NMF0603 NMF0805 NMF1206 L 1.6 0.15 2.0 0.2 3.2 0.2 W 0.8 0.1 1.25 0.2 1.6 0.2 T a 0.6 0.15 0.25 0.15 0.80 0.2 0.3 0.20 1.0 0.2 0.85 0.2 0.4 0.3 b 0.5 0.15 0.6 0.2 1.0 0.3 c 0.2 0.1 0.2 0.1 0.3 0.1
NMF Series
EQUIVALENT CIRCUIT
T
IN
a b
OUT
GND IN
W
OUT
c L
L
L GND
CONSTRUCTION
Termination Finish: Sn Middle Termination: Ni Base Terminaiton: Cu or Ag
(R)
38
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
EMI 3-Terminal Chip Capacitors
RECOMMENDED REFLOW PROFILE
300
NMF Series
0603 Land Pattern Dimensions (mm)
Temperature - Deg. C
250 200 150 100 50 25 Pre-heat 150C ~ 180C 120 sec. max. Time above 220C 50 sec. max. Ramp-up 25C ~ 150C 60 sec. min. T 150C max.
+260 C Peak Temperature 10 seconds max.
0.4
Cool Down
0.6
0.4 1.0 2.2
0
Time
0805 Land Pattern Dimensions (mm)
Top Side Small Dia. Thru Hole 0.4 ~ 0.6 0.6 Bottom Side Ground Pattern
1206 Land Pattern Dimensions (mm)
Small Dia. Thru Hole 0.5
1.0 0.8 1.4 2.6 Connect to ground pattern of mounting side 0.8 1.0 2.4 5.0
1.2
CARDBOARD CARRIER TAPE DIMENSIONS (mm)
Type 0603 1206 Ao 1.1 0.2 2.0 0.2 Bo 1.9 0.2 3.6 0.2 W F E P1 4.0 0.1 P2 2.0 0.05 P0 4.0 0.1 D0 1.5 +0.1 T max. 0.85 1.05 1.05 Reel Qty 4,000 4,000 3,000 8.0 3.5 1.75 0.2 0.05 0.1
0805 1.45 0.2 2.4 0.2
CARDBOARD CARRIER TAPE
D Po E P2 F Bo W
(R)
T
Ao
P1
Component Pitch
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
39
EMI 3-Terminal Chip Capacitors
EMBOSSED PLASTIC CARRIER TAPE DIMENSIONS (mm)
Chip Thickness 0603 1.0 Type 0805 1.2 Ao 1.5 0.2 Bo 2.3 0.2 W F E P1 4.0 0.1 P2 2.0 0.1 P0 4.0 0.1 D0 1.5 +0.1 T max. 2.0 Reel Qty 3,000 2,000
NMF Series
8.0 3.5 1.75 0.2 0.05 0.1
EMBOSSED PLASTIC CARRIER TAPE
D Po E P2 F Bo W
T
Ao
P
REEL DIMENSIONS (mm)
A 180 2.0 B 50 min. C 13.0 0.5 D 21.0 0.8 E 2.0 0.5 W 10 1.5
E
C
B
D
W A
(R)
40
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NMF1206X7R473S50STRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X