Part Number Hot Search : 
2SK29 AT25040 T6A60 TYN682 471MC AN5276 P0642SC TMR4812
Product Description
Full Text Search
 

To Download NMCY5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Chip Capacitors
FEATURES * HIGH K DIELECTRIC * HIGH CAPACITANCE DENSITY * EXCELLENT MECHANICAL STRENGTH * NICKEL BARRIER TERMINATIONS
Capacitance Range Capacitance Tolerance Operating Temperature Range Temperature Characteristics Rated Voltages Dissipation Factor insulation Resistance Dielectric Withstanding Voltage Test Conditions (EIA-198-2E)
NMC Series Y5V
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
0.01F ~ 0.82F (see high CV datasheet for higher capacitance values) +80%/-20% (Z) -30C ~ +85C +22%, -82% max. capacitance over temperature range 6.3Vdc, 16Vdc, 25Vdc, 50Vdc & 100Vdc (see NMC-H Series for higher voltages) (See Values Table) 10Gigohms min. or 500Megohm/F min. whichever is less @ +25C 150% of Rated Voltage for 5 1 seconds, 50mA maximum current 1KHz, 1.0V 0.2Vrms
PART NUMBER SYSTEM NMC 0805 Y5V 103 Z 50 TRP or TRPLP 3K F
Series
RoHS Compliant Optional Reel Qty (3K=3,000pcs) Tape & Reel (Embossed Plastic Carrier) Tape & Reel (Paper carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros, "R" indicates decimal for under 10pF Temperature Characteristic Size Code (see chart)
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
9
Multilayer Ceramic Chip Capacitors
Y5V CAPACITOR SIZE AND DISSIPATION FACTOR CHART (mm)
EIA Case Size 0201 Length (L) 0.6 0.05 Width (W) 0.3 0.05 Thickness max. (T) 0.33 Termination Width (P) 0.10 ~ 0.20 Capacitance 0.01F 0.015F 0.022F 0.027F 0.033F 0.036F 0.039F 0.047F 0.056F 0.068F 0.075F 0.082F 0.1F 0.15F 0.18F 0.22F 0.27F 0.33F 0.36F 0.39F 0.47F 0.56F 0.68F 0.82F 4 10 6.3 0402 1.0 0.05 0.5 0.05 0.6 0.20.1 10 16 25 50
NMC Series Y5V
1206 3.2 0.2 1.6 0.2 1.80 0.25 ~ 0.71 10 16
9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9%
0603 0805 1.6 0.15 2.0 0.2 0.8 0.15 1.25 0.2 1.0 1.30 0.12 ~ 0.51 0.25 ~ 0.71 Working Voltage (Vdc) 10 16 25 50 6.3 10 16 25 50 100 6.3
7% 7% 7% 7% 7% 7% 7% 7% 7% 7% 7% 7% 7% 9% 9% 9% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 7% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 7% 9% 9% 9% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 9% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 7% 9% 9% 9% 9% 9%* 9%* 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 7% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5%
25
5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5%
50
5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5%
100
5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5%
12.5% 9% 7% 7% 12.5% 12.5% 9% 7% 7% 12.5% 16% 16% 16% 16% 16% 16% 16% 16% 16% 16% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 16% 12.5% 9% 7% 7% 12.5% 16% 12.5% 9% 7% 7% 12.5% 16% 12.5% 9% 7% 7% 12.5% 16% 12.5% 9% 7% 16% 12.5% 9% 7% 16% 12.5% 9% 7% 16% 12.5% 9% 16% 12.5% 9% 16% 12.5% 9% 16% 12.5% 9% 16% 12.5% 9% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 16% 16% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5% 12.5%
16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5% 16% 12.5%
*1.35mm maximum thickness
(CONSULT FACTORY FOR CAPACITANCE VALUES NOT LISTED)
W
H P L 100% Sn over Ni barrier P
See NMC high CV series for values above 0.82uF
(R)
10
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NMCY5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X