Part Number Hot Search : 
LC66558A 512816 MJ100 512816 512816 01916400 N055AT56 2SD221
Product Description
Full Text Search
 

To Download NMC-P1210X7R105K5KVTRPLPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Chip Capacitors
FEATURES * CRACK RESISTANT TERMINATION * SOFT TERMINATION, OPEN MODE FAILURE * WIDE VOLTAGE RANGE (16V TO 5KV) * HIGH CAPACITANCE (UP TO 10F) * RoHS COMPLIANT * SAC SOLDER COMPATIBLE**
Temperature Coefficient Capacitance Range
NMC-P Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details
NPO X7R 2.2pF ~ 0.22F 180pF ~ 10F For 2.2pF ~ 10pF: 0.1pF (B), 0.25pF (C), 0.5pF (D), 1pF (F) Capacitance Tolerance 10% (K) & 20% (M) Above 10pF: 1% (F), 2% (G), 5% (J), 10% (K) Operating Temperature Range -55C ~ +125C Temperature Characteristics 30ppm/C 15% Cap. Rated Voltages 16Vdc, 25Vdc, 50Vdc, 100Vdc, 200Vdc, 250Vdc, 500Vdc, 630Vdc, 1KVdc, 2Kvdc, 3Kvdc & 5Kvdc Q = > 1000 (more then 30pF)* 2.5% max. @ 1KHz, 1.0V 0.2Vrms Q or Dissipation Factor Q = > 400 + 20 x C in pF (30pF and below)* insulation Resistance 10,000Megohm or 500Megohm/F whichever is less @ +25C 200% of rated voltage for 5 seconds, 50mA max. (16V ~ 250V) Dielectric Withstanding Voltage 150% of rated voltage for 5 seconds, 50mA max. (500V ~ 630V) 120% of rated voltage for 5 seconds, 50mA max. (1KV ~ 5KV) *Test Frequency & Voltage: Up to 100pF 1MHz/1.0Vrms, Above 100pF 1KHz/1.0Vrms **Reflow soldering is recommended. Contact NIC regarding the use of other soldering methods.
PART NUMBER SYSTEM NMC-P 1206 X7R 105 K 50 TRP or TRPLP F
RoHS Compliant Tape & Reel (Plastic Carrier) Tape & Reel (Paper Carrier) Voltage (Vdc) Capacitance Tolerance Code (see chart) Capacitance Code, expressed in pF, first 2 digits are significant, 3rd digit is no. of zeros Temperature Characteristic (NPO or X7R) Size Code (see chart) Series
CONSTRUCTION
Base layer (Cu 50V ~ 250V) (Ag 500V ~ up) Flexible layer (Polymer) Barrier layer (Ni) Finish layer (Sn)
OPEN MODE FAILURE AS A RESULT OF BENDING STRESS
Termination Separation (Open Failure Mode)
(R)
NIC COMPONENTS CORP.
NMC-P rev. 1 05302007
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
15
Multilayer Ceramic Chip Capacitors
NPO VALUES AND SIZES (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 2.0pF 3.3 3.9 5.0 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01F 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1 0603 1.60 0.1 0.80 0.1 0.90 max. 0.15 min. 200V 16 25 0805 2.00 0.2 1.25 0.25 1.45 max. 0.20 min. 1206 3.20 0.3 1.60 0.2 1.80 max. 0.30 min. Working Voltage (Vdc) 50 200 250 500 16 25 50 200 250 500 1KV 2KV 3KV
NMC-P Series
1210 3.20 0.30 2.50 0.20 2.60 max. 0.30 min. 16 25 50 200 250 500
(R)
16
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
NPO VALUES AND SIZES (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 2.0pF 3.3 3.9 5.0 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001F 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01F 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1 0.12 0.15 0.22 (R) 1812 1825 4.60 0.3 4.60 0.3 3.20 0.3 6.35 0.4 3.00 max. 2.60 max. 0.30 min. 0.30 min. Working Voltage (Vdc) 1KV 2KV 3KV 5KV 16 25 50 1KV 2KV 3KV 250 500 1KV 1808 4.60 0.3 2.00 0.2 2.20 max. 0.30 min. 2220 5.70 0.4 5.00 0.4 3.00 max. 0.30 min. 1KV 5KV
NMC-P Series
2225 5.70 0.4 6.35 0.4 3.00 max. 0.30 min. 250 500 1KV
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
17
Multilayer Ceramic Chip Capacitors
X7R LOW VOLTAGE VALUES AND SIZES (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 0.1F 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 0805 2.00 0.2 1.25 0.25 1.45 max. 0.20 min. 50 100 1206 3.20 0.3 1.60 0.2 1.80 max. 0.30 min. 50 100 1210 3.20 0.3 2.50 0.2 2.60 max. 0.30 min. 50 1812 1825 4.60 0.3 4.60 0.3 3.20 0.3 6.35 0.4 3.00 max. 2.60 max. 0.30 min. 0.30 min. Working Voltage (Vdc) 100 50 100 50 100
NMC-P Series
2220 5.70 0.4 5.00 0.4 3.00 max. 0.30 min. 50 100 2225 5.70 0.4 6.35 0.4 3.00 max. 0.30 min 50 100
X7R HIGH V0LTAGE VALUES AND SIZES (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 180pF 220 270 330 390 470 560 680 0.001F 0.0015F 0.0022F 0.0027F 0.0033F 0.0039F 0.0047F 0.0056F 0.0068F 0.01F 0.012F 0.015F 0.018F 0.022F 0.027F 0.033F 0.039F 0.047F 0.056F 0.068F 0.1F 0.12F 0.15F 0.18F 0.22F (R) 200 0805 2.00 0.2 1.25 0.25 1.45 max. 0.20 min. 250 500 200 1206 3.20 0.3 1.60 0.2 1.80 max. 0.30 min. Working Voltage (Vdc) 250 500 630 1K 1210 3.20 0.3 2.50 0.2 2.60 max. 0.30 min. 200 250 500 1K
18
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Multilayer Ceramic Chip Capacitors
X7R HIGH V0LTAGE VALUES AND SIZES (mm)
EIA Case Size Length (L) Width (W) Thickness max. (T) Termination Width (P) Capacitance 150pF 180 220 270 330 390 470 560 680 0.001F 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 1.0 1.5 2.2 500 1808 4.60 0.3 2.0 0.2 2.20 max. 0.30 min. 1K 2K 3K 200 250 1812 4.60 0.3 3.2 0.3 3.00 max. 0.30 min. 500 1K 1825 4.60 0.3 6.35 0.4 2.60 max. 0.30 min. Working Voltage (Vdc) 2K 3K 250 500 1K 2220 5.70 0.4 5.00 0.4 3.00 max. 0.30 min. 250 500 1K
NMC-P Series
2225 5.70 0.4 6.35 0.4 3.00 max. 0.30 min. 2K 250 500 1K
W
H P L (R) 100% Sn over Ni barrier
P
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
19


▲Up To Search▲   

 
Price & Availability of NMC-P1210X7R105K5KVTRPLPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X