Part Number Hot Search : 
SIR422DP SN74LS14 SUM60N02 MB90335 D2021UK BLU12 UF5406 SKY77769
Product Description
Full Text Search
 

To Download NLP65-X629G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLP65 Series
* * * * * * * *
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 65-75W AC/DC Universal Input Switch Mode Power Supplies 1 5.0 x 3.0 inch card and 1.26 inch package (1U applications) Smallest industry standard package EN61000-3-2 compliance option (HCC) Overvoltage and short circuit protection 65W with free air convection cooling EN55022, EN55011 conducted emissions level B EN61000-4-2,-3,-4, -5, -6 immunity compliant Enclosure and cover kit options
The NLP65 series is a 65W universal input AC/DC power supply on a 5 x 3 inch card with a maximum component height of 1.26 inches for use in 1U applications. Each model has the option of input harmonic current correction in the same package size making the series ideal for product designs that will need to comply with EN61000-3-2 legislation. The NLP65 provides 65W of output power with free air convection cooling which can be boosted to 75W with 20CFM of air. The NLP65, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B and has immunity compliance to EN61000-4-2,-3,-4, -5, -6. The series is available in a factory installed enclosure with an IEC connector and output connector on flying leads plus a cover kit for self-installation is also available as an accessory. The NLP65 series is designed for use in low power data networking, computer and telecom applications such as hubs, routers, POS terminals, internet servers, cable modems and PABX's. This list is not exclusive as the generic feature set of the NLP65 series with industry standard output configurations provides a solution for most low power applications including many industrial applications.
All specifications are typical at nominal input, full load at 25C unless otherwise stated
2 YEAR WARRANTY
SPECIFICATIONS
(11,12)
OUTPUT SPECIFICATIONS Total regulation (Line and load) Rise time Transient response Main output Auxiliary outputs At turn-on Main output 25% step at 0.1A/s 2.0% 5.0% 1.0s, max. 5.0% or 250mV max. dev., 1ms max. recovery to 1% 0.02%/C Main outputs Cyclic operation Single and multiple 125%, 10% Continuous (See Note 6)
EMC CHARACTERISTICS (continued) Surge Fast transients Radiated immunity Conducted immunity EN61000-4-5, EN61000-4-4, EN61000-4-3, EN61000-4-6,
level level level level
3 3 3 3
Perf. Perf. Perf. Perf.
criteria criteria criteria criteria
1 1 2 2
GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage Switching frequency Approvals and standards (See Notes 9, 13) Weight 120VAC, 60Hz 230VAC, 50Hz 120VAC, 65W Input/output Input/chassis Fixed 16ms @ 65W 78ms @ 65W 72% typical 3000VAC 1500VAC 100kHz, 5kHz EN60950, VDE0805 IEC950, UL1950, BABT CSA C22.2 No. 950 283g (10 oz) MIL-HDBK-217F 150,000 hours min.
Temperature coefficient Overvoltage protection Short circuit protection Minimum output current INPUT SPECIFICATIONS Input voltage range Universal input, (See Note 2) NLP65-76xx version only
85 to 264VAC 120 to 370VDC 47Hz to 63Hz
MTBF
Input frequency range Input surge current (cold start) Safety ground leakage current Input current 120VAC 230VAC 120VAC, 60Hz 230VAC, 50Hz 120VAC, 230VAC, 120VAC, 230VAC, with PFC with PFC without PFC without PFC
GENERAL SPECIFICATIONS Thermal performance (See Notes 1, 3, 10) Operating ambient, 0C to +70C (See derating curve) Non-operating -40C to +85C 50C to 70C ambient, Derate to convection cooled 50% load 0C to 50C, ambient, 65W convection cooled 0C to 50C ambient, 75W 20CFM forced air (See Note 10) Peak (0C to +50C, 60s) See table Non-condensing Operating Non-operating 5Hz to 500Hz per MIL-STD-810E 5% to 95% RH 10,000 feet max. 30,000 feet max. 2.4G rms peak 516.4 Part IV
17A max. 32A max. 0.7mA 1.4mA 1.05A 0.51A 1.40A 0.80A rms rms rms rms
Input fuse
UL/IEC127
(11,12)
250VAC S 3.15A Relative humidity Altitude Level B Level A Perf. criteria 1 Perf. criteria 1 Vibration (See Note 5) Shock
EMC CHARACTERISTICS Conducted emissions Radiated emissions ESD air ESD contact
EN55022, FCC part 15 EN55022, FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4
File Name: NLP65.PDF Rev: 15 Jan 2002
NLP65 Series
OUTPUT VOLTAGE +5V (IA) +12V (IB) -12V +5V (IA) +15V (IB) -15V +5V (IA) +24V (IB) +5V (IA) +12V (IB) +5V +12V +15V +24V Notes
1
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 65-75W AC/DC Universal Input Switch Mode Power Supplies 2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENT RIPPLE MAX
(1) (4)
TOTAL REGULATION
(6)
NON-HARMONIC CORRECTED NLP65-7608
HARMONIC CORRECTED NLP65-9608
GROUND PIN
(12, 14)
PEAK 9.1A 3.3A
(3)
FAN
(10)
7.5A 2.5A 0.65A 7.5A 2.2A 0.65A 7.0A 2.0A 7.0A 2.5A 10.0A 5.4A 4.4A 2.7A
8.0A 3.0A 0.8A 8.0A 2.5A 0.8A 8.0A 2.0A 8.0A 3.0A 12.0A 6.5A 5.3A 3.5A
50mV 150mV 120mV 50mV 150mV 150mV 50mV 240mV 50mV 150mV 50mV 120mV 150mV 240mV
2.0% 5.0% 5.0% 2.0% 5.0% 5.0% 2.0% 5.0% 2.0% 5.0% 2.0% 2.0% 2.0% 2.0% N
9 10 11
NLP65-X608G
0.81A 9.1A 2.9A 0.85A 9.1A 2.6A 9.1A 3.3A 13.0A 7.0A 5.7A 3.5A
NLP65-7610
NLP65-9610
NLP65-X610G
NLP65-7620
NLP65-9620
NLP65-X620G
NLP65-7629
NLP65-9629
NLP65-X629G
NLP65-7605 NLP65-7612 NLP65-7615 NLP65-7624
NLP65-9605 NLP65-9612 NLP65-9615 NLP65-9624
NLP65-X605G NLP65-X612G NLP65-X615G NLP65-X624G
2
3 4
5 6
7 8
Natural convection cooling. Models NLP65-X629, NLP65-X608, NLP65X610 must not exceed 62.5 Watts continuous output power with natural convection. Model NLP65-X620 not to exceed 65 Watts continuous output power with natural convection. Model NLP65-763V3 must not exceed 33 Watts continuous output power. When the input voltage is less than 90VAC the operating temperature range is 0C to +40C. The ripple and regulation specifications may not be met. Peak output current lasting less than 60 seconds with duty cycle less than 5%. During peak loading, output voltage may exceed total regulation limits. Figure is peak-to-peak for convection power rating. Output noise measurements are made across a 20MHz bandwidth using a 6 inch twisted pair, terminated with a 10F electrolytic capacitor and a 0.1F ceramic capacitor. Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G rms 5Hz to 500Hz. A minimum load on the main output is required for proper start up. For multiple outputs and single +5V output, the minimum load on the +5V is 0.2A. For single outputs greater than +5V the minimum load is 0.1A. To maintain stated regulation then: for single output units I 0.2A for multiple output units 0.25 I(A)/I(B) 5, for I(A) 0.2A. For optimum reliability, no part of the heatsink should exceed 120oC, and no semiconductor case temperature should exceed 130oC. CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements.
12
13 14 15
This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. Maximum continuous output power for all multiple output models must not exceed 75 Watts with 20CFM forced air cooling. Conducted and radiated emissions testing were performed using the standard EN55022 set-up with a stand alone NLP65 unit placed on a grounded metal plate with a line choke on the AC input and ground wires (i.e. the wires are looped through an EMI suppression toroid). For system compliance it is usually necessary to install an `off-the-shelf' AC inlet with an integral line filter in the system chassis or to install a line choke on the input wires as close as possible to AC entry point of the system chasssis. Please contact the applications group at Artesyn for assistance with EMI compliance. The NLP65 units with the suffix `G' is the ground pin and ground choke option. J2, L6 and JP10 are included. J2 is a safety agency approved grounding pin, L6 is a ground choke and JP10 is a jumper. This option is intended for use in non-metallic chassis applications where grounding is not possible via the mounting screws. The ground choke is provided to assist system EMC compliance. When performing conducted emissions testing on stand alone units, the `G' option is required to meet level B. To order simply add the suffix `G' to the standard model number, e.g. NLP657608G, NLP65-9608G. This option is available for both the PFC and nonPFC versions. All models require a minimum mounting stand-off of 0.25 inches (6.35mm) in the end use product. These standard models are available with an enclosure. To order an enclosed version, see model numbering options below. No PFC version, EN61000-3-2 is not applicable to this model.
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1096 Licence No. 93678 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C Approval No. 606975
Model Numbering Options
1 The enclosure version includes: IEC connector, on/off switch, wire harness output connector and fitted cover. To order, please add the suffix `E' to the end of the model number, e.g. NLP65-X608E. See NLP65 enclosure for details. A Safety earth ground pin and ground choke are available as an option. To order, please add the suffix `G' to the end of the model number, e.g. NLP65-X608G. To order a snap-on cover (unfitted), order the part number NLP65C. To order a mounting bracket (unfitted), order the part number NLP65MB.
2
3 4
www.artesyn.com
File Name: NLP65.PDF Rev: 15 Jan 2002
NLP65 Series
Mechanical Notes
A All dimensions are in inches (mm).
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 65-75W AC/DC Universal Input Switch Mode Power Supplies 3
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
5.00 (127.00) 4.550 (115.57) 0.225 (5.715)
J1 3 1 N L
J3 1
3.00 (76.20) J2 C19 T1
6
2.550 (64.770)
Mounting Hole Diameter 0.156 (4.00)
MAXIMUM COMPONENT HEIGHT 1.26 (32.00) TOLERANCE: .xxx 0.005" .xx 0.02" ALL DIMENSIONS IN INCHES (mm)
INPUT PIN CONNECTIONS J1 Pin 1 AC Line Pin 2 No Pin Pin 3 AC Neutral J2 (ON `G' SUFFIX ONLY) Pin 1 Safety Ground Input and output connectors
AC (J1) connector type Molex 26-60-4030 type.
J3 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6
OUTPUT PIN CONNECTIONS SINGLE -XX05 ONLY SINGLE V (A) No Connection V (A) V (A) V (A) V (A) Return Return Return Return Return No Connection
DUAL V (B) V (A) V (A) Return Return N/C
TRIPLE V (B) V (A) V (A) Return Return V (C)
Mating connectors
AC (J1) mating connector type Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp terminals. DC (J3) mating connector type Molex 09-50-3061 with Molex 2478 phosphor bronze crimp terminals or equivalent.
DERATING CURVE Output Power (Watts) 75W 20 CFM FORCED AIR COOLING 65W
DC (J3) connector type Molex 26-60-4060 type.
Note: The input and output connectors are the same as those used on NFS40, NFN40, NAL40, NAN40 and NLP40.
NATURAL CONVECTION COOLING
38W 32W
0C
10C 20C 30C 40C 50C 60C
70C
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
www.artesyn.com
File Name: NLP65.PDF Rev: 15 Jan 2002


▲Up To Search▲   

 
Price & Availability of NLP65-X629G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X