|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NJU6369 Series 1.5V Operation Fundamental Quartz Crystal Oscillator sGENERAL DESCRIPTION The NJU6369 series is a C-MOS IC for fundamental quartz crystal oscillator that consists of an oscillation amplifier, 5-stage divider and 3-state output buffer, and can oscillate at 1.5V very low voltage. The 5-stage divider generates only one frequency selected of f0,f0/2,f0/4 f0/8, f0/16 and f0/32 by internal circuits is output. The oscillation amplifier is realized very low stand-by current using NAND circuit. The 3-state output buffer is C-MOS compatible. sFEATURES qOperating Voltage qMaximum Oscillation Frequency sPACKAGE OUTLINE NJU6369XC-D 1.5 to 3.6V 40MHz@1.5V 50MHz@1.8V 60MHz@2.5V sPAD LOCATION Thin-Chip CONT XT XT VSS VDD FOUT IOH/IOL=2mA@1.8V IOH/IOL=5mA@2.5V IOH/IOL=6mA@3.3V q5-Stage Divider Maximum Divider f0/32 qOscillation Stop and Output Stand-by Function q3-State Output Buffer qOscillation Capacitors Cg and Cg on-chip qPackage Outline Thin-Chip qC-MOS Technology sLINE-UP TABLE Type No. A B C D E F FOUT f0 f0/2 f0/4 f0/8 f0/16 f0/32 Internal Connect Connected A Line Connected B Line Connected C Line Connected D Line Connected E Line Connected F Line Cg/Cd 8/9pF 8/9pF 8/9pF 8/9pF 8/9pF 8/9pF qLow Operating Current qHigh Fan-out sCOORDINATES No 1 2 3 4 5 8 Pad Name CONT XT XT VSS FOUT VDD X -178 -178 -178 -178 206 206 Y 231 77 -77 -231 -231 231 NJU6369 Starting Point:Chip Center Unit[um] Chip Size:0.7x0.75mm Thin-Chip Thickness:20020um Pad Size:90x90um sBLOCK DIAGRAM XT Rf VDD VSS XT Cg 1/ 2 1/ 2 1/ 2 1/ 2 1/ 2 Cd A B C D E F 3 - STATE BUFFER FOUT CONT 2002/04/24 ( 1 / 6 ) NJU6369 Series sTREMINAL DESCRIPTION SYMBOL CONT FUNCTION Oscillation and 3-state Output Buffer Control CONT FOUT Output either one frequency selected of f0, H or OPEN f0/2,f0/4,f0/8, f0/16 and f0/32 Note1) L Oscillation Stop and High impedance Output XT Quartz Crystal Connecting Terminals XT VSS VSS=0V FOUT Frequency Output VDD VDD=1.8V/2.5V/3.3V Note1) Refer to the line-up table. sABSOLUTE MAXIMUM RATINGS (Ta=25C) PARAMETER SYMBOL RATING UNIT Supply Voltage VDD -0.5 to +7.0 V Input Voltage VIN VSS-0.5 to VDD+0.5 V Output Voltage VO -0.5 to VDD+0.5 V Input Current IIN mA 10 Output Current IO mA 25 Operating Temperature Range Topr -40 to +85 C Storage Temperature Range Tstg -55 to +125 C Note2) If the supply voltage(VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is limit specified. Note3) Decupling capacitor should be connected between VDD and VSS due to the stabilized operation for the circuit. 2002/04/24 ( 2 / 6 ) NJU6369 Series sELECTRICAL CHARACTERISTICS PARAMETER Operating Voltage SYMBOL VDD CONDITIONS MIN 1.5 TYP MAX 3.6 (Ta=25C) UNIT V PARAMETER SYMBOL Operating Current IDD Oscillation Stopping Current Stand-by Current Input Voltage Output Current Input Current ISTB Ist VIH VIL IOH IOL IIN CONDITIONS A version,fosc=16MHz,CL=15pF B version,fosc=16MHz,CL=15pF C version,fosc=16MHz,CL=15pF D version,fosc=16MHz,CL=15pF E version,fosc=16MHz,CL=15pF F version,fosc=16MHz,CL=15pF CONT=VSS, No load CONT=XT=VSS, No load Note4) MIN TYP (VDD=1.8V,Ta=25C) MAX UNIT 2 1.5 1 mA 1 1 1 3 1 1.8 0.54 uA uA V V mA mA uA uA uA K pF MHz 1 1.28 0 2 2 3.0 0.5 3-state Off Leakage IOZ Current Feedback Resistance Rf Internal Capacitor Cg/Cd fosc=16MHz Maximum Oscillation FMAX Frequency Output Signal CL=15pF, @VDD/2 SYM Symmetry CL=30pF, @VDD/2 Output Signal Rise CL=15pF,10% to 90% tr Time CL=30pF,10% to 90% Output Signal Fall CL=15pF,90% to 10% tf Time CL=30pF,90% to 10% TPLZ Output Disable time CL=15pF,RUP=10k TPZL Output Enable Time CL=15pF,RUP=10k Note4) Excluding input current on CONT Terminal. VOH=1.62V VOL=0.18V CONT=0.8VDD CONT=0.2VDD CONT=VSS, FOUT= VDD or VSS 4.5 0.7 0.1 255 8/9 50 45 45 50 50 3 6 3 6 55 55 6 12 6 12 250 250 % ns ns ns ns 2002/04/24 ( 3 / 6 ) NJU6369 Series PARAMETER SYMBOL CONDITIONS A version,fosc=16MHz,CL=15pF B version,fosc=16MHz,CL=15pF C version,fosc=16MHz,CL=15pF D version,fosc=16MHz,CL=15pF E version,fosc=16MHz,CL=15pF F version,fosc=16MHz,CL=15pF CONT=VSS, No load CONT=XT=VSS, No load Note4) 1.75 0 5 5 7.5 1.2 MIN TYP (VDD=2.5V,Ta=25C) MAX UNIT 3 2.5 2 mA 2 2 2 5 1 2.5 0.75 uA uA V V mA mA uA uA uA K pF MHz 50 50 2.8 4.5 2.8 4.5 55 55 5.5 9 5.5 9 200 200 % ns ns ns ns Operating Current IDD Oscillation Stopping Current Stand-by Current Input Voltage Output Current Input Current ISTB Ist VIH VIL IOH IOL IIN 2 3-state Off Leakage IOZ Current Feedback Resistance Rf Internal Capacitor Cg/Cd fosc=16MHz Maximum Oscillation FMAX Frequency Output Signal CL=15pF, @VDD/2 SYM Symmetry CL=30pF, @VDD/2 Output Signal Rise CL=15pF,10% to 90% tr Time CL=30pF,10% to 90% Output Signal Fall CL=15pF,90% to 10% tf Time CL=30pF,90% to 10% TPLZ Output Disable time CL=15pF,RUP=10k TPZL Output Enable Time CL=15pF,RUP=10k Note4) Excluding input current on CONT Terminal. VOH=2.25V VOL=0.25V CONT=0.8VDD CONT=0.2VDD CONT=VSS, FOUT= VDD or VSS 12.0 2.0 0.1 255 8/9 60 45 45 2002/04/24 ( 4 / 6 ) NJU6369 Series PARAMETER SYMBOL CONDITIONS A version,fosc=16MHz,CL=15pF B version,fosc=16MHz,CL=15pF C version,fosc=16MHz,CL=15pF D version,fosc=16MHz,CL=15pF E version,fosc=16MHz,CL=15pF F version,fosc=16MHz,CL=15pF CONT=VSS, No load CONT=XT=VSS, No load Note4) 2.31 0 6 6 10.0 1.8 MIN TYP (VDD=3.3V,Ta=25C) MAX UNIT 5 4 3 mA 3 3 3 5 1 3.3 0.99 uA uA V V mA mA uA uA uA K pF MHz 50 50 2.5 4 2.5 4 55 55 5 8 5 8 150 150 % ns ns ns ns Operating Current IDD Oscillation Stopping Current Stand-by Current Input Voltage Output Current Input Current ISTB Ist VIH VIL IOH IOL IIN 2 3-state Off Leakage IOZ Current Feedback Resistance Rf Internal Capacitor Cg/Cd fosc=16MHz Maximum Oscillation FMAX Frequency Output Signal CL=15pF, @VDD/2 SYM Symmetry CL=30pF, @VDD/2 Output Signal Rise CL=15pF,10% to 90% tr Time CL=30pF,10% to 90% Output Signal Fall CL=15pF,90% to 10% tf Time CL=30pF,90% to 10% TPLZ Output Disable time CL=15pF,RUP=10k TPZL Output Enable Time CL=15pF,RUP=10k Note4) Excluding input current on CONT Terminal. VOH=2.97V VOL=0.33V CONT=0.8VDD CONT=0.2VDD CONT=VSS, FOUT= VDD or VSS 15.0 3.0 0.1 255 8/9 60 45 45 2002/04/24 ( 5 / 6 ) NJU6369 Series sMEASURMENT CIRCUITS (1)Output Signal Symmetry(CL=15pF) 1000pF Pulse Generator 50 XT VDD FOUT CL=15pF VSS 1/2VDD H L (2)Output Signal Rise/Fall Time(CL=15pF) 1000pF Pulse Generator 50 XT VDD FOUT CL=15pF VSS tr tf 90% 50% 10% (3)Output Disable/Enable Time(CL=15pF,RUP=10k) VDD XT Pulse Generator 50 CONT VSS FOUT RUP=10k CONT 0.2VDD TPLZ 0.8VDD TPZL VOH VOL CL=15pF FOUT [CAUTION] The specifications on this data book are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this data book are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. 2002/04/24 ( 6 / 6 ) |
Price & Availability of NJU6369 |