Part Number Hot Search : 
4502B IRFB3207 IRF630 MC1450 BUW32 1N4732 SE5561 GBU8005
Product Description
Full Text Search
 

To Download NJM286F38 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2867/68
LOW DROPOUT VOLTAGE REGULATOR
GENERAL DESCRIPTION The NJM2867/68 is a 100mA output low dropout voltage regulator with ON/OFF control. Advanced Bipolar technology achieves low noise, high ripple rejection and low quiescent current. Small packaging, 0.1F small decoupling capacitor, built-in noise bypass capacitor make the NJM2865/66 suitable for space conscious applications. PACKAGE OUTLINE
NJM2867F3
NJM2867F/NJM2868F
FEATURES High Ripple Rejection 75dB typ. (f=1kHz Vo=3V Version) Output Noise Voltage Vno=40Vrms typ. Output capacitor with 0.1F ceramic capacitor (Vo2.8V) Output Current Io(max.)=100mA High Precision Output Vo1.0% Low Dropout Voltage 0.10V typ. (Io=60mA) ON/OFF Control (Active High) Internal Short Circuit Current Limit Internal Thermal Overload Protection Bipolar Technology Package Outline SC88A (NJM2867F3), SOT-23-5 (NJM2867F/NJM2868F) PIN CONFIGURATION
5 4
123
PIN FUNCTION 1.CONTROL 2.GND 3.NC 4.VOUT 5.VIN
5
4
123
PIN FUNCTION 1. VIN 2.GND 3.CONTROL 4.NC 5.VOUT
NJM2867F/NJM2867F3
NJM2868F
EQUIVALENT CIRCUIT
VIN Control Bandgap Reference Thermal Protection VOUT
GND
Ver.2004-12-22
-1-
NJM2867/68
OUTPUT VOLTAGE RANK LIST NJM2867 Device Name NJM2867F3-/F21 NJM2867F3-/F24 NJM2867F3-/F25 NJM2867F3-/F26 NJM2867F3-/F28 NJM2868 Device Name NJM2868F21 NJM2868F24 NJM2868F25 NJM2868F26 NJM2868F28
VOUT 2.1V 2.4V 2.5V 2.6V 2.8V
Device Name NJM2867F3-/F29 NJM2867F3-/F03 NJM2867F3-/F31 NJM2867F3-/F32 NJM2867F3-/F33
VOUT 2.9V 3.0V 3.1V 3.2V 3.3V
Device Name NJM2867F3-/F34 NJM2867F3-/F38 NJM2867F3-/F05
VOUT 3.4V 3.8V 5.0V
VOUT 2.1V 2.4V 2.5V 2.6V 2.8V
Device Name NJM2868F29 NJM2868F03 NJM2868F31 NJM2868F32 NJM2868F33
VOUT 2.9V 3.0V 3.1V 3.2V 3.3V
Device Name NJM2868F34 NJM2868F38 NJM2868F05
VOUT 3.4V 3.8V 5.0V
(Ta=25C) RATINGS UNIT +14 V +14(*1) V SC88A 250(*2) Power Dissipation PD mW 200(*3) SOT-23-5 350(*2) Operating Temperature C Topr -40+85 Storage Temperature C Tstg -40+125 (*1): When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage. (*2): Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers) (*3): Device itself.
ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL Input Voltage VIN Control Voltage VCONT
-2-
Ver.2004-12-22
NJM2867/68
ELECTRICAL CHARACTERISTICS (VIN=Vo+1V, CIN=0.1F, Co=0.1F(2.3VMAX. +1.0% 180 100 - 0.10 0.03 0.18 - - - - 0.6
UNIT V A nA mA %/V %/mA V dB ppm/C Vrms V V
A
VIN
IIN
VIN
VOUT
0.1F *4 (ceramic)
0.1F
NJM2867/68
IOUT V VOUT
A V VCONT
ICONT
CONTROL
GND
*4
2.3VVer.2004-12-22
-3-
NJM2867/68
TYPICAL APPLICATION 1 In the case where ON/OFF Control is not required: VIN
0.1F R (0~300k)
CONTROL
VIN
VOUT
VOUT
NJM2867/68
0.1F *5
GND
*5
2.3VConnect control terminal to VIN terminal The quiescent current can be reduced by using a resistance "R". Instead, it increases the minimum operating voltage. For further information, please refer to Figure "Output Voltage vs. Control Voltage". 2 In use of ON/OFF CONTROL:
VIN
VIN
VOUT
VOUT
0.1F R
NJM2867/68
0.1F *5
CONTROL
GND
*5
2.3VState of control terminal: *"H" output is enabled. *"L" or "open" output is disabled.
-4-
Ver.2004-12-22
NJM2867/68
POWER DISSIPATION vs. AMBIENT TEMPERATURE
NJM2867/68F Power Dissipation (Topr=-40+85,Tj=125,PD=200mW(Ta25))
500
Power Dissipation PD(mW)
400
On Board(114.3x76.2x1.6mm, FR-4)
300 Device itself 200
100
0 -50 -25 0 25 50 75 100
Ambient Temperature Ta()
NJM2867F3 Power Dissipation (Topr=-40+85,Tj=125)
500
Power Dissipation PD(mW)
400
300
On Board(114.3x76.2x1.6mm, FR-4)
200
100
0 -50 -25 0 25 50 75 100
Ambient Temperature Ta()
Ver.2004-12-22
-5-
NJM2867/68
ELECTRICAL CHARACTERISTICS
NJM2867/68_3.0V Output Voltage vs. Input Voltage
@:Ta=25 C Co=0.1F(Ceramic) 3.5 3.1 3
o
3.2
4
NJM2867/68_3.0V Output Voltage vs. Output Current
Output Voltage : Vo(V)
Output Voltage : Vo(V)
Io=0A 3
2.5
2
2.9 Io=30mA 2.8 Io=100mA
1.5
1 @:Ta=25 C VIN=4.0V Co=0.1F(Ceramic) 0 50 100 150 200
o
0.5
2.7 2.7
0 2.8 2.9 3 3.1 3.2 3.3 3.4
Input Voltage : V IN(V)
Output Current : Io(mA)
NJM2867/68_3.0V Ground Pin Current v.s. Output Current
20 @:Ta=25 C VIN=4.0V Co=0.1F(Ceramic) 15
o
0.3
NJM2867/68_3.0V Dropout Voltage vs. Output Current
@:Ta=25 C Co=0.1F(Ceramic)
o
0.25
Ground Pin Current : IGND (mA)
Dropout Voltage:dVI-O (V)
0.2
10
0.15
0.1
5
0.05
0 0 50 100 150
0 0 50 100 150
Output Current : IO(mA)
Output Current:Io(mA)
60
NJM2867/68_3.0V Control Current vs. Control Voltage
@:Ta=25 C VIN=4.0V Co=0.1F(Ceramic) Io=30mA
o
4
NJM2867/68_3.0V Output Voltage vs. Control Voltage
3.5 Rc=0
50
3
(mA)
Output Voltage : Vo(V)
40
Cont
2.5 Rc=50k 2
Control Current : I
30
1.5
20
Rc=50k Rc=0 Rc=100k
Rc=100k
1 @:Ta=25 C VIN=4.0V Co=0.1F(Ceramic) Io=30mA 0 0.5 1 1.5 2 2.5 3
o
10
0.5
0 0 1 2 3 4
0
Control Voltage : V Cont(V)
Control Voltage : V Cont(V)
-6-
Ver.2004-12-22
NJM2867/68
ELECTRICAL CHARACTERISTICS
NJM2867/68_3.0V Load Regulation vs. Output Current NJM2867/68_3.0V Peak Output Current vs. Input Voltage
0
200
-10
-30
-40
Peak Output Current : IoMAX(mA)
@:Ta=25 C VIN=4.0V Co=0.1F(Ceramic)
o
Load Regulation : dVo/dIo(mV)
-20
150
100
-50
-60
50
-70
@:Ta=25 C Co=0.1F(Ceramic) 0 100 150 4 6 8 10 12 14
o
-80 0 50
Output Current : Io(mA)
Input Voltage : VIN(V)
NJM2867/68_3.0V Quiescent Current v.s. Input Voltage
2000 @:Ta=25 C Output is open. Co=0.1F(Ceramic) including Icont 1500
o
100
NJM2867/68_3.0V Output Noise Voltage vs. Output Current
@:Ta=25 C VIN=4.0V LPF:80kHz
o
Output Noise Voltage : Vn(mVrms)
80 Co=0.1F 60 Co=0.22F
Quiescent Current : IQ (mA)
1000
40
500
20
0 0 5 10 15
0 1m
10m
100m
1m
10m
100m
Input Voltage : VIN(V)
Output Current : Io(A)
NJM2867/68_3.0V Ripple Rejection Ratio v.s. Frequency
100 Io=0mA
90
Ripple Rejection Ratio : RR (dB)
80
Io=10mA
70 60
Io=30mA
50 40 @:Ta=25 C VIN=4.0V ein=200mVrms Co=0.1F(Ceramic) 10 10 100 100 1k 1000
4 10k 10 5 100k 10 o
30 20
Frequency : f (Hz)
Ver.2004-12-22
-7-
NJM2867/68
ELECTRICAL CHARACTERISTICS
NJM2867/68_3.0V Equivalent Serise Resistance vs. Output Current
@:Ta=25 C Co=0.1F(Ceramic) f=1kHz 80
o
100
NJM2867/68_3.0V Ripple Rejection vs. Output Current
100
Equivalent Serise Resistance : ESR( )
90
Ripple Rejection : RR (dB)
10
70 f=10kHz 60
STABLE REGION
50
1
40 @:Ta=25 C VIN=4.0V ein=200mVrms Co=0.1F(Ceramic) 0.01 0.1 1 10 100
o
30
20 0.001
0.1
1m
10m
100m
1m
10m
100m
Output Current : Io(mA)
Output Current : Io(A)
0.3
NJM2867/68_3.0V Dropout Voltage v.s. Temperature
@:Io=60mA Co=0.1F(Ceramic)
3
NJM2867/68_3.0V Control Voltage v.s. Temperature
0.25
2.5
Control Voltage : VCONT(ON) (V)
Dropout Voltage:dVI-O (V)
0.2
2
0.15
1.5
0.1
1
0.05
0.5
@:VIN=4.0V Io=30mA Co=0.1F(Ceramic) -50 0 50 100
o
0 -50 0 50 100
o
0 150 150
Temperature : Ta ( C)
Temperature : Ta ( C)
3.1
NJM2867/68_3.0V Output Voltage v.s. Temperature
@:VIN=4.0V Io=30mA Co=0.1F(Ceramic)
250
NJM2867/68_3.0V Quiescent Current v.s. Temperature
200 3.05
Quiescent Current : IQ (mA)
Output Voltage Vo (V)
150
3
100
2.95
50 @:VIN=4.0V Output is open. Co=0.1F(Ceramic) 2.9 -50 0 50 100
o
150
0 -50 0 50 100
o
150
Temperature Ta ( C)
Temperature : Ta ( C)
-8-
Ver.2004-12-22
NJM2867/68
ELECTRICAL CHARACTERISTICS
NJM2867/68_3.0V Line Regulation v.s. Temperature
@:dVIN=4.0-9.0V Io=30mA Co=0.1F(Ceramic) 0.025 0.05
0.1
0.03
NJM2867/68_3.0V Load Regulation v.s. Temperature
@:VIN=4.0V Io=0.60mA Co=0.1F(Ceramic)
Load Regulation : dVo/dIo (%/mA)
Line Regulation : dVo/dIo (%/V)
0.02
0
0.015
0.01
-0.05
0.005
-0.1 -50
0 0 50 100
o
150
-50
0
50
100
o
150
Temperature : Ta ( C)
Temperature : Ta ( C)
4
NJM2867/68_3.0V Output Voltage v.s. Temperature
200
NJM2867/68_3.0V Short Circuit Current v.s. Temperature
@:VIN=4.0V Output is short to ground. Co=0.1F(Ceramic)
3.5 150
2.5
Short Circuit Current : ISC (mA)
@:VIN=4.0V Io=30mA Co=0.1F(Ceramic) -50 0 50 100
o
3
Output Voltage Vo (V)
2
100
1.5
1
50
0.5 0
150
200
0 -50 0 50 100
o
150
Temperature Ta ( C)
Temperature : Ta ( C)
NJM2867/68_3.0V ON/OFF Transient Response
7 6 5 Output Voltage : Vo [V] 4 3 Output Voltage 2 1 0 -1 0 4 8 12 Time : t [mS] 16 20 -15 -20 -25 -30 Control Voltage 10 5 0 -5 -10
7 6 5 Output Voltage : Vo [V] 4 3
NJM2867/68_3.0V ON/OFF Transient Response without load
10 5 Control Voltage 0 -5 -10 Output Voltage 2 1 0 -1 0 0.4 0.8 1.2 Time : t [mS] 1.6 2 -15 -20 -25 -30
Control Voltage : Vo [V]
@:Ta=25 C VDD=4.0V Co=0.1F(Ceramic) Io=30mA
o
@:Ta=25oC VDD=4.0V Co=0.1F(Ceramic) Io=0mA
Ver.2004-12-22
Control Voltage : Vo [V]
-9-
NJM2867/68
ELECTRICAL CHARACTERISTICS
NJM2867/68_3.0V Load Transient Response
3.25 3.2 3.15 Output Voltage : Vo [V] 3.1 3.05 Output Voltage 3 2.95 2.9 2.85 0 40 80 120 Time : t [S] 160 -100 -150 -200 -250 200 Output Current 150 100 50 0 -50
NJM2867/68_3.0V Line Transient Response
3.1 3.08 3.06
Output Current : Io [mA]
7 6 Input Voltage 5 4 3 Output Voltage 2 1 0 -1 200 Input Voitage : VIN [V]
Output Voltage : Vo [V]
3.04 3.02 3 2.98 2.96 2.94 0 40 80 120 Time : t [ S] 160
@:Ta=25 C VDD=4.0V Co=0.1F(Ceramic)
o
@:Ta=25 C VDD=4.0V Co=0.1F(Ceramic) Io=30mA
o
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 10 -
Ver.2004-12-22


▲Up To Search▲   

 
Price & Availability of NJM286F38

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X