Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
 

To Download NJM2866F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJM2865/66
LOW DROPOUT VOLTAGE REGULATOR
GENERAL DESCRIPTION The NJM2865/66 is a 100mA output low dropout voltage regulator with ON/OFF control. Advanced Bipolar technology achieves low noise, high ripple rejection and low quiescent current. Small packaging, 1F small decoupling capacitor, built-in noise bypass capacitor make the NJM2865/66 suitable for space conscious applications. PACKAGE OUTLINE
NJM2865F3
NJM2865F/66F
FEATURES High Ripple Rejection 75dB typ. (f=1kHz Vo=3V Version) Output Noise Voltage Vno=45Vrms typ. Output capacitor with 1.0F ceramic capacitor (Vo2.7V) Output Current Io(max.)=100mA High Precision Output Vo1.0% Low Dropout Voltage 0.10V typ. (Io=60mA) Input Voltage Range +2.3V +14V(Vo2.0 Version) ON/OFF Control (Active High) Internal Short Circuit Current Limit Internal Thermal Overload Protection Bipolar Technology Package Outline SC88A (NJM2865F3), SOT-23-5 (NJM2865F/66F) PIN CONFIGURATION
5 4
123
1. CONTROL 2. GND 3. NC 4. VOUT 5. VIN
5
4
123
1. VIN 2. GND 3. CONTROL 4. NC 5. VOUT
NJM2865F3 / NJM2865F EQUIVALENT CIRCUIT
VIN Control
NJM2866F
V OUT Thermal Protection Bandgap Reference
GND
Ver.2004-12-22
-1-
NJM2865/66
OUTPUT VOLTAGE RANK LIST Device Name VOUT Device Name NJM2865F3-/F15 1.5V NJM2865F3-/F29 NJM2865F3-/F18 1.8V NJM2865F3-/F03 NJM2865F3-/F21 2.1V NJM2865F3-/F31 NJM2865F3-/F24 2.4V NJM2865F3-/F32 NJM2865F3-/F25 2.5V NJM2865F3-/F33 NJM2865F3-/F26 2.6V NJM2865F3-/F34 NJM2865F3-/F28 2.8V NJM2865F3-/F35 Device Name NJM2866F15 NJM2866F18 NJM2866F21 NJM2866F24 NJM2866F25 NJM2866F26 NJM2866F28 VOUT 1.5V 1.8V 2.1V 2.4V 2.5V 2.6V 2.8V Device Name NJM2866F29 NJM2866F03 NJM2866F31 NJM2866F32 NJM2866F33 NJM2866F34 NJM2866F35 VOUT 2.9V 3.0V 3.1V 3.2V 3.3V 3.4V 3.5V VOUT 2.9V 3.0V 3.1V 3.2V 3.3V 3.4V 3.5V Device Name NJM2865F3-/F36 NJM2865F3-/F38 NJM2865F3-/F46 NJM2865F3-/F48 NJM2865F3-/F05 VOUT 3.6V 3.8V 4.6V 4.8V 5.0V
Device Name NJM2866F36 NJM2866F38 NJM2866F46 NJM2866F48 NJM2866F05
VOUT 3.6V 3.8V 4.6V 4.8V 5.0V
(Ta=25C) RATINGS UNIT +14 V +14(*1) V SC88A 250(*2) Power Dissipation PD mW 200(*3) SOT-23-5 350(*2) Operating Temperature C Topr -40+85 Storage Temperature C Tstg -40+125 (*1): When input voltage is less than +14V, the absolute maximum control voltage is equal to the input voltage. (*2): Mounted on glass epoxy board based on EIA/JEDEC. (114.3x76.2x1.6mm: 2Layers) (*3): Device itself. Operating voltage VIN=+2.3V +14.0V (In case of Vo<2.1V) ELECTRICAL CHARACTERISTICS (Vo2.0V version: VIN=Vo+1V, CIN=0.1F, Co=1.0F: Vo2.7V (Co=2.2F: Vo2.6V), Ta=25C) PARAMETER SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT
Output Voltage Quiescent Current Quiescent Current at Control OFF Output Current Line Regulation Load Regulation Dropout Voltage Ripple Rejection Average Temperature Coefficient of Output Voltage Output Noise Voltage Control Voltage for ON-state Control Voltage for OFF-state Vo IQ IQ(OFF) Io Vo/VIN Vo/Io VI-O RR Vo/Ta VNO VCONT(ON) VCONT(OFF) Io=30mA Io=0mA, expect Icont VCONT=0V Vo-0.3V VIN=Vo+1V Vo+6V, Io=30mA Io=0 60mA Io=60mA ein=200mVrms,f=1kHz,Io=10mA, Vo=3V Version Ta=0 85C, Io=10mA f=10Hz 80kHz, Io=10mA Vo=3V Version -1.0% - - 100 - - - - - - 1.6 - - 120 - 130 - - 0.10 75 50 45 - - +1.0% 180 100 - 0.10 0.03 0.18 - - - - 0.6 V A nA mA %/V %/mA V dB ppm/C Vrms V V
ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL Input Voltage VIN Control Voltage VCONT
-2-
Ver.2004-12-22
NJM2865/66
ELECTRICAL CHARACTERISTICS (Vo2.0V version: VIN= Vo+1V, CIN=0.1F, Co=2.2F,Ta=25C) PARAMETER SYMBOL TEST CONDITION MIN.
Output Voltage Quiescent Current Quiescent Current at Control OFF Output Current Line Regulation Load Regulation Ripple Rejection Average Temperature Coefficient of Output Voltage Output Noise Voltage Control Voltage for ON-state Control Voltage for OFF-state Vo IQ IQ(OFF) Io Vo/VIN Vo/Io RR Vo/Ta VNO VCONT(ON) VCONT(OFF) Io=30mA Io=0mA, expect Icont VCONT=0V Vo-0.3V VIN=Vo+1V Vo+6V, Io=30mA Io=0 60mA ein=200mVrms,f=1kHz,Io=10mA, Vo=1.8V Version Ta=0 85C, Io=10mA f=10Hz 80kHz, Io=10mA Vo=1.8V Version -1.0% - - 100 - - - - - 1.6 -
TYP.
- 120 - 130 - - 80 50 27 - -
MAX.
+1.0% 180 100 - 0.10 0.03 - - - - 0.6
UNIT
V A nA mA %/V %/mA dB ppm/C Vrms V V
(*4): The above specification is a common specification for all output voltages. Therefore, it may be different from the individual specification for a specific output voltage.
TEST CIRCUIT
A
VIN
IIN
VIN
VOUT IOUT V VOUT
0.1F
NJM2865/66
1.0F *note1 (ceramic)
A V VCONT
ICONT
CONTROL
GND
*note1 1.6VVer.2004-12-22
-3-
NJM2865/66
TYPICAL APPLICATION 1 In the case where ON/OFF Control is not required:
VIN
0.1F R (0300k)
VIN
VOUT
VOUT
NJM2865/66
1.0F *note1
(ceramic)
CONTROL
GND
*note1 1.6VConnect control terminal to VIN terminal The quiescent current can be reduced by using a resistance "R". Instead, it increases the minimum operating voltage. For further information, please refer to Figure "Output Voltage vs. Control Voltage". 2 In use of ON/OFF CONTROL:
VIN
VIN
VOUT
VOUT
0.1F R
NJM2865/66
1.0F *note1
(ceramic)
CONTROL
GND
*note1 1.6VState of control terminal: *"H" output is enabled. *"L" or "open" output is disabled.
-4-
Ver.2004-12-22
NJM2865/66
POWER DISSIPATION vs. AMBIENT TEMPERATURE
NJM2865/66F Power Dissipation (Topr=-40+85,Tj=125,PD=200mW(Ta25))
500
Power Dissipation PD(mW)
400
On Board(114.3x76.2x1.6mm, FR-4)
300 Device itself 200
100
0 -50 -25 0 25 50 75 100
Ambient Temperature Ta()
NJM2865F3 Power Dissipation (Topr=-40+85,Tj=125)
500
Power Dissipation PD(mW)
400
300
On Board(114.3x76.2x1.6mm, FR-4)
200
100
0 -50 -25 0 25 50 75 100
Ambient Temperature Ta()
Ver.2004-12-22
-5-
NJM2865/66
ELECTRICAL CHARACTERISTICS
NJM2865/66_3.0V Output Voltage vs. Input Voltage
@:Ta=25 C Co=1.0F(Ceramic) 3.5 3.1 3
o
3.2
4
NJM2865/66_3.0V Output Voltage vs. Output Current
Output Voltage : Vo(V)
Output Voltage : Vo(V)
Io=0A 3
2.5
2
2.9
1.5
Io=30mA 2.8 Io=100mA
1 @:Ta=25 C VIN=4.0V Co=1.0F(Ceramic) 0 50 100 150 200
o
0.5
2.7 2.7
0 2.8 2.9 3 3.1 3.2 3.3 3.4
Input Voltage : V IN(V)
Output Current : Io(mA)
NJM2865/66_3.0V Ground Pin Current v.s. Output Current
20 @:Ta=25 C VIN=4.0V Co=1.0F(Ceramic)
0.25
o
0.3
NJM2865/66_3.0V Dropout Voltage vs. Output Current
@:Ta=25 C Co=1.0F(Ceramic)
o
Ground Pin Current : IGND (mA)
15
Dropout Voltage:dVI-O (V)
0.2
10
0.15
0.1
5
0.05
0 0 50 100 150
0 0 50 100 150
Output Current : IO(mA)
Output Current:Io(mA)
60
NJM2865/66_3.0V Control Current vs. Control Voltage
@:Ta=25 C VIN=4.0V Co=1.0F(Ceramic) Io=30mA
o
4
NJM2865/66_3.0V Output Voltage vs. Control Voltage
3.5
50
3
(mA)
Rc=0
Output Voltage : Vo(V)
40
Control Current : I
Cont
2.5
30
2
Rc=50k
20
Rc=0 Rc=50k
1.5 Rc=100k 1 @:Ta=25 C VIN=4.0V Co=1.0F(Ceramic) Io=30mA 0 0.5 1 1.5 2 2.5 3
o
10 0.5 Rc=100k 0 0 1 2 3 4 0
Control Voltage : V Cont(V)
Control Voltage : V Cont(V)
-6-
Ver.2004-12-22
NJM2865/66
ELECTRICAL CHARACTERISTICS
NJM2865/66_3.0V Load Regulation vs. Output Current
0
200
NJM2865/66_3.0V Peak Output Current vs. Input Voltage
-10
Peak Output Current : IoMAX(mA)
@:Ta=25 C VIN=4.0V Co=1.0F(Ceramic)
o
Load Regulation : dVo/dIo(mV)
-20
150
-30
-40
100
-50
-60
50
-70
@:Ta=25 C Co=1.0F(Ceramic) 0 100 150 4 6 8 10 12 14
o
-80 0 50
Output Current : Io(mA)
Input Voltage : VIN(V)
NJM2865/66_3.0V Quiescent Current v.s. Input Voltage
2000 @:Ta=25 C Output is open. Co=1.0F(Ceramic) including Icont 1500
o
100
NJM2865/66_3.0V Output Noise Voltage vs. Output Current
@:Ta=25 C VIN=4.0V LPF:80kHz
o
Output Noise Voltage : Vn(mVrms)
80
Quiescent Current : IQ (mA)
Co=1.0F 60
1000
40 Co=2.2F 20
500
0 0 5 10 15
0 1m 0.001
10m 0.01
100m 0.1
1m 1
10m 10
100m 100
Input Voltage : VIN(V)
Output Current : Io(A)
NJM2865/66_3.0V Ripple Rejection Ratio v.s. Frequency
100 Io=0mA 90
Ripple Rejection Ratio : RR (dB)
80
Io=10mA
70
60
Io=30mA
50
40 @:Ta=25 C VIN=4.0V ein=200mVrms Co=1.0F(Ceramic) 10 10 100 100 1k 1000
4 10k 10 5 100k 10 o
30
20
Frequency : f (Hz)
Ver.2004-12-22
-7-
NJM2865/66
ELECTRICAL CHARACTERISTICS
NJM2865/66_3.0V Equivalent Serise Resistance vs. Output Current
100 @:Ta=25 C Co=1.0F(Ceramic) 90 f=1kHz
o
NJM2865/66_3.0V Ripple Rejection vs. Output Current
100
Equivalent Serise Resistance : ESR( )
80
10
Ripple Rejection : RR (dB)
70 f=10kHz 60
1
STABLE REGION
50
40 @:Ta=25 C VIN=4.0V ein=200mVrms Co=1.0F(Ceramic) 0.01 0.1 1 10 100
o
0.1
30
20 0.001
0.01 1m 10m 100m 1m 10m 100m
Output Current : Io(mA)
Output Current : Io(A)
0.3
NJM2865/66_3.0V Dropout Voltage v.s. Temperature
@:Io=60mA Co=1.0F(Ceramic)
NJM2865/66_3.0V Control Voltage v.s. Temperature
3
0.25
2.5
Control Voltage : VCONT(ON) (V)
Dropout Voltage:dVI-O (V)
0.2
2
0.15
1.5
0.1
1
0.05
0.5
@:VIN=4.0V Io=30mA Co=1.0F(Ceramic) -50 0 50 100
o
0 -50 0 50 100
o
0 150 150
Temperature : Ta ( C)
Temperature : Ta ( C)
NJM2865/66_3.0V Output Voltage v.s. Temperature
3.1 @:VIN=4.0V Io=30mA Co=1.0F(Ceramic)
NJM2865/66_3.0V Quiescent Current v.s. Temperature
250
200 3.05
Quiescent Current : IQ (mA)
Output Voltage Vo (V)
150
3
100
2.95
50 @:VIN=4.0V Output is open. Co=1.0F(Ceramic) 2.9 -50 0 50 100
o
0 150 -50 0 50 100
o
150
Temperature Ta ( C)
Temperature : Ta ( C)
-8-
Ver.2004-12-22
NJM2865/66
ELECTRICAL CHARACTERISTICS
NJM2865/66_3.0V Line Regulation v.s. Temperature
0.1 @:dVIN=4.0-9.0V Io=30mA Co=1.0F(Ceramic) 0.025 0.05 0.03 @:VIN=4.0V Io=0-60mA Co=1.0F(Ceramic)
NJM2865/66_3.0V Load Regulation v.s. Temperature
Load Regulation : dVo/dIo (%/mA)
0 50 100
o
Line Regulation : dVo/dIo (%/V)
0.02
0
0.015
0.01
-0.05
0.005
-0.1 -50
0 150 -50 0 50 100
o
150
Temperature : Ta ( C)
Temperature : Ta ( C)
NJM2865/66_3.0V Output Voltage v.s. Temperature
4
NJM2865/66_3.0V Short Circuit Current v.s. Temperature
200 @:VIN=4.0V Output is short to ground. Co=1.0F(Ceramic)
3.5 150
2.5
Short Circuit Current : ISC (mA)
@:VIN=4.0V Io=30mA Co=1.0F(Ceramic) -50 0 50 100
o
3
Output Voltage Vo (V)
2
100
1.5
1
50
0.5
0 150 200
0 -50 0 50 100
o
150
Temperature Ta ( C)
Temperature : Ta ( C)
NJM2865/66_3.0V ON/OFF Transient Response
7 6 5 Output Voltage : Vo [V] 4 3 Output Voltage 2 1 0 -1 0 4 8 12 Time : t [mS] 16 20 -15 -20 -25 -30 Control Voltage 10 5 0 -5 -10 7 6 5 Output Voltage : Vo [V] 4 3
NJM2865/66_3.0V ON/OFF Transient Response without load
10 5 Control Voltage 0 -5 -10 Output Voltage 2 1 0 -1 0 0.4 0.8 1.2 Time : t [mS] 1.6 2 -15 -20 -25 -30
Control Voltage : Vo [V]
@:Ta=25 C VDD=4.0V Co=1.0F(Ceramic) Io=30mA
o
@:Ta=25 C VDD=4.0V Co=1.0F(Ceramic) Io=0mA
o
Ver.2004-12-22
Control Voltage : Vo [V]
-9-
NJM2865/66
ELECTRICAL CHARACTERISTICS
NJM2865/66_3.0V Load Transient Response
3.08 3.06 3.04 3.02 3 2.98 2.96 2.94 2.92 0 40 80 120 Time : t [S] 160
o
NJM2865/66_3.0V Line Transient Response
150 100 50 0 Output Current : Io [mA] 3.1 3.08 6 5
Output Current
Input Voltage
Output Voltage : Vo [V] Input Voltage : VIN [V] 3.06 3.04 3.02 4 3 2
Output Voltage : Vo [V]
Output Voltage
-50 -100 -150 -200 -250 200
Output Voltage
3 2.98 2.96 2.94
o
1 0 -1 -2 200
@:Ta=25 C VDD=4.0V Co=1.0F(Ceramic)
@:Ta=25 C VDD=4.0V Co=1.0F(Ceramic) Io=30mA
0 40 80 120 Time : t [S] 160
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 10 -
Ver.2004-12-22


▲Up To Search▲   

 
Price & Availability of NJM2866F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X