Part Number Hot Search : 
SWSS01 MC4407A INFINEON BT555 DS80C TDA7361 SD140P TSH72
Product Description
Full Text Search
 

To Download NFS40-7628 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFS40 and NFN40 SERIES
Single and triple output
* * * * * * * * 5.0 x 3.0 x 1.2 inch package (1U applications) Industry standard package Overvoltage and short circuit protection 40W with free air convection Fixed frequency operation (NFN Series) NFS40: EN55022, EN55011 conducted emissions level A NFN40: EN55022, EN55011 conducted emissions level B UL, VDE and CSA safety approvals
[ 2 YEAR WARRANTY ]
The NFS40 and NFN40 are industry standard 40 Watt power supplies with the capability to supply 50W in a forced air ambient and to automatically operate from any voltage between 85VAC and 264VAC. Use of MOSFET based switching circuits allows for enhanced features such as output regulation down to zero load (NFN40). Universal input voltage eliminates the need to change jumpers or switch settings to cater for different or widely varying line voltages. In addition to the input voltage range, VDE, UL, CSA, EN60950 and IEC950 approvals make the NFS40 and NFN40 ideal for use in equipment installed throughout the world. The fixed frequency operation of the NFN40 further reduces emissions below VDE class B and significantly reduces leakage current. These low profile switchers with high power density are intended for use in small, digital systems.
SPECIFICATION
OUTPUT SPECIFICATIONS Output voltage adjustability Line regulation LL to HL, FL Total regulation FL to NL Transient response
All specifications are typical at nominal input, full load at 25C unless otherwise stated GENERAL SPECIFICATIONS 5.0% 5.0% 0.2% 1.0% 2.0% 5.0% Switching frequency 120mV max. dev. 500s recovery 0.02%/C 125% 15% Vout Weight 280g (9.88oz) MIL-HDBK-217E 170,000 hours 90W input power limit Continuous Short term MTBF (See Note 9) Approvals and standards (See Note 13) Hold-up time Efficiency Isolation voltage Input/output Input/chassis NFS NFN 110VAC, 40 Watts 230VAC, 40 Watts 14ms 110ms 70% typical 3000VAC 1500VAC Variable Fixed, 45kHz 5kHz VDE0805, EN60950 IEC950, IEC1010, UL1950 CSA C22.2 No. 950
+5V output on triples Vout on singles Main output Auxiliary outputs Main output Auxiliary outputs +5V (1.5A to 3A)
Temperature coefficient All outputs Overvoltage protection Output power limit Short circuit protection +5V output
Primary power limited Single outputs Multiple outputs
ENVIRONMENTAL SPECIFICATIONS Thermal performance (See Notes 8, 10) Operating 0C to +70C Non-operating -40C to +85C 50C ambient temp., 40W Convection cooled Forced air cooling 50W @ 20CFM 50C to 70C ambient Derate linearly to 50% load Peak (60 seconds) 60W Non-condensing Operating Non-operating 5% to 80% RH 10,000 feet max. 40,000 feet max. 2.4G rms peak
INPUT SPECIFICATIONS Input voltage range Input frequency range Max. input surge current Safety ground leakage current 132VAC, cold start 264VAC, cold start NFS: 110VAC, 60Hz 230VAC, 50Hz NFN: 132VAC, 60Hz 240VAC, 50Hz Universal input 85 to 264VAC 120 to 370VDC 47 to 440Hz 12A max. 24A max. 0.13mA 0.32mA 155A 261A max. max. max. max.
Relative humidity Altitude
EMC CHARACTERISTICS Conducted emissions Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022 (NFS), FCC part 15 EN55022 (NFN), FCC part 15 EN55022 (NFS and NFN) EN61000-4-2, level 3 Perf. EN61000-4-2, level 4 Perf. EN61000-4-5, level 3 Perf. EN61000-4-4, level 3 Perf. EN61000-4-3, level 3 Perf. EN61000-4-6, level 3 Perf. Level A Level B Level A criteria 1 criteria 1 criteria 1 criteria 1 criteria 2 criteria 2
Vibration (See Note 11) 5Hz to 500Hz,
PAGE 24
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
40-50W AC/DC
40 to 50 Watt AC/DC universal input switch mode power supplies
OUTPUT VOLTAGE +5.1V (A) +12.0V (B) -12.0V (C) +5.1V (A) +12.0V (B) -12.0V (C) +5.1V (A) +12.0V (B) -5.0V (C) +5.1V (A) +15.0V (B) -15.0V (C) +5.1V +12.0V +15.0V +24.0V OUTPUT CURRENTS MAX 3A 2A 0.35A 4A 0.35A 0.35A 3A 2A 0.35A 3A 2A 0.35A 6A 3.3A 2.6A 1.6A
(1)
PEAK 7A 3A 1A 7A 1A 1A 7A 3A 1A 7A 2.5A 1A 12A 5A 4A 2.5A
(2)
FAN 5A 2A
(3)
RIPPLE 50mV
(4)
TOTAL REGULATION 2.0% 5.0% 5.0% 2.0% 5.0% 5.0% 2.0% 5.0% 5.0% 2.0%
(5)
MODEL NUMBER NFS40-7608
(5,6)
(D)
NFN40-7608
(5,6)
120mV 120mV 50mV 120mV 120mV 50mV 120mV 50mV 50mV 150mV 150mV 100mV 120mV 150mV 240mV
8
0.5A 5A 0.5A 0.5A 5A 2A 0.5A 5A 2A 0.5A 8A 4A 3.3A 2A
NFS40-7628
(12)
NFN40-7628
(12)
1
NFS40-7607
(5,6)
NFN40-7607
(5,6)
NFS40-7610
(5,6)
NFN40-7610
(5,6)
+10.0%/-3.0% 5.0% 2.0% 2.0% 2.0% 2.0% NFS40-7605 NFS40-7612 NFS40-7615 NFS40-7624 NFN40-7605 NFN40-7612 NFN40-7615 NFN40-7624
Notes
1 2 Natural convection cooled, 40W maximum. Peak output current lasting less than 30 seconds with duty cycle less than 10%. During peak loading, outputs may go outside of total regulation limits. Peak total power must not exceed 60W. Forced air, 20 CFM at 1 atmosphere, 50W maximum. Figure is peak-to-peak. Output noise is measured across a 50MHz bandwidth using a 12 inch twisted pair, terminated with a 47F capacitor. Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. Also, 0.25NFS40-7628 and NFN40-7628 power supplies as both have regulated auxiliary outputs. A minimum load of 0.5A is required on the +5V output to obtain full current from the negative output. The NFS40 offers the possibility of power sharing between outputs. Consult factory for details. Derating curve is application specific for ambient temperatures >50C, for optimum reliability no part of the heatsink should exceed 110oC and no semiconductor case temperature should exceed 115oC. A 4W minimum load is required to achieve the NFS design MTBF. This restriction does not apply to the NFN series. Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. Three orthogonal axes, sweep at 1 octave/minute, 5 minute dwell at four major resonances. The NFS40-7628 and NFN40-7628 have separately linear regulated +12V and -12V outputs. The loading conditions in note 5 and note 6 do not apply. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
9 10 11 12
3 4 5
13
6 7
DERATING CURVE (See Notes 8, 9, 10)
Output Power (Watts)
50W 20 CFM FORCED AIR COOLING
International Safety Standard Approvals
NFS40: VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1044 Licence No. 4389, 2559, 1651 and 1044 NFN40: VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1067 Licence No. 4389, 2559, 1651 and 1044 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
40W
NATURAL CONVECTION COOLING 4W
4W MIN LOAD REQ. TO ACHIEVE NFS DESIGN MTBF
25W 20W
0C 10C
20C
30C
40C
50C
60C
70C
http://www.artesyn.com
PAGE 25
40-50W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40 to 50 Watt AC/DC universal input switch mode power supplies
Mechanical notes
A NFS40 models only: In order to meet safety requirements, a non-metallic stand-off is mandatory for one hole as specified in the mechanical drawing. B The ground pad of the mounting hole near P1 allows system grounding through a metal stand-off. C To improve conducted noise, the ground pad of the mounting hole near the output connector should be connected with the ground pad of the mounting hole near P1 (P1 for NFS40 models and J3 on NFN40 models). Use metal stand-offs attached to a common metal chassis. This connection also significantly attenuates common mode noise. D A standard L-bracket and cover is available for mounting which contains all screws, connectors and necessary mounting hardware. Details are on page 72. Order part number `NFS40 COVER KIT'.
AC mating connector
Molex 09-50-3031 or equivalent with Molex 08-50-0164 or equivalent crimp terminals.
NFS40 AND NFN40 PIN CONNECTIONS J1 -7608, -7628 -7607 -7610 SINGLES Pin 1 AC Line AC Line AC Line AC Line Pin 2 AC Neutral AC Neutral AC Neutral AC Neutral J2 Pin 1 +12V +12V +15V +Vout Pin 2 +5.1V +5.1V +5.1V +Vout Pin 3 +5.1V +5.1V +5.1V +Vout Pin 4 Return Return Return Return Pin 5 Return Return Return Return Pin 6 -12V -5V -15V Return P1/J3 (C) Pin 1 Safety Ground
DC mating connector
Molex 09-50-3061 or equivalent with Molex 08-50-0164 or equivalent crimp terminals.
0.156 (3.96) Dia. (4 Places)
5.00 (127.00)
NON-METALLIC STAND-OFF (SEE NOTE A) Q1
C5
MAXIMUM COMPONENT HEIGHT 1.2 inches
3.00 (76.2)
J1
~ N ~ L F1
F 3.15A, H 250VAC
1
T1
2.550 (64.8)
J2
P1/J3 (SEE NOTE C)
4.55 (115.8) 0.22 (5.59) ALL DIMENSIONS IN INCHES (mm)
0.22 (5.59)
DS_NFSN40_20000101.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 26


▲Up To Search▲   

 
Price & Availability of NFS40-7628

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X