Part Number Hot Search : 
DM74AL DZ13B M30620F 15800 X9221UP MBR2580 A9842J 1N5305
Product Description
Full Text Search
 

To Download NESG2101M16-T3-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
NEC's NPN SiGe NESG2101M16 HIGH FREQUENCY TRANSISTOR
FEATURES
* * * HIGH BREAKDOWN VOLTAGE SiGe TECHNOLOGY VCEO = 5 V (Absolute Maximum) HIGH OUTPUT POWER: P1dB = 21 dBm at 2 GHz LOW NOISE FIGURE: NF = 0.9 dB at 2 GHz NF = 0.6 dB at 1 GHz HIGH MAXIMUM STABLE POWER GAIN: MSG = 17 dB at 2 GHz LOW PROFILE M16 PACKAGE: 6-pin lead-less minimold M16
* *
DESCRIPTION
NEC's NESG2101M16 is fabricated using NECs high voltage Silicon Germanium process (UHS2-HV), and is designed for a wide range of applications including low noise amplifiers, medium power amplifiers, and oscillators
ELECTRICAL CHARACTERISTICS (TA = 25C)
PART NUMBER PACKAGE OUTLINE SYMBOLS P1dB GL NF Ga NF Ga MSG |S21E| fT Cre ICBO DC IEBO hFE Notes:
2
NESG2101M16 M16 UNITS dBm dB dB dB dB dB dB dB GHz pF nA nA 130 190 14.5 11.5 14 11.0 MIN TYP 21 15 0.9 13.0 0.6 19.0 17.0 13.5 17 0.4 0.5 100 100 260 1.2 MAX
PARAMETERS AND CONDITIONS Output Power at 1 dB Compression Point VCE = 3.6 V, ICQ = 10 mA, f = 2 GHz, ZS = ZSOPT, ZL = ZLOPT Linear Gain, VCE = 3.6 V, ICQ = 10 mA, f = 2 GHz, Noise Figure at VCE = 2 V, IC = 10 mA, f = 2 GHz, ZS = ZSOPT, ZL = ZLOPT Associated Gain at VCE = 2 V, IC = 10 mA, f = 2 GHz, ZS = ZSOPT, ZL = ZLOPT Noise Figure at VCE = 2 V, IC = 7mA, f = 1 GHz, ZS = ZSOPT, ZL = ZLOPT Associated Gain at VCE = 2 V, IC = 7 mA, f = 1 GHz, ZS = ZSOPT, ZL = ZLOPT Maximum Stable Gain1 at VCE = 3 V, IC = 50 mA, f = 2 GHz Insertion Power Gain at VCE = 3 V, IC = 50 mA, f = 2 GHz Gain Bandwidth Product at VCE = 3 V, IC = 50 mA, f = 2 GHz Reverse Transfer Capacitance2 at VCB = 2 V, IE = 0 mA, f = 1 MHz Collector Cutoff Current at VCB = 5V, IE = 0 Emitter Cutoff Current at VEB = 1 V, IC = 0 DC Current Gain3 at VCE = 2 V, IC = 15 mA
RF
1. MSG = S21 S12 2. Collector to base capacitance when the emitter pin is grounded. 3. Pulsed measurement, pulse width 350 s, duty cycle 2 %.
California Eastern Laboratories
NESG2101M16 ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCBO VCEO VEBO IC PT2 TJ TSTG PARAMETERS UNITS V V V mA mW C C RATINGS 13.0 5.0 1.5 100 190 150 -65 to +150 Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M16 6-PIN LEAD-LESS MINIMOLD
Note: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on 1.08 cm2 x 1.0 mm (t) glass epoxy PCB.
1.00.05 0.8+0.07 -0.05
0.150.05
0.125+0.1 -0.05
1
0.4
Hz
1.2+0.07 -0.05
2
0.8
0.4
3
ORDERING INFORMATION
PART NUMBER QUANTITY SUPPLYING FORM
0.50.05
NESG2101M16-T3-A 10 K pcs reel
Pin 1 (Collector), Pin 6 (Emitter) face the perforation side of the tape
PIN CONNECTIONS 4. Base 1. Collector 5. Emitter 2. Emitter 6. Emitter 3. Emitter
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
4
5
6
11/13/2003
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of NESG2101M16-T3-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X