Part Number Hot Search : 
C1312 DD010 D1853 SED1180 LS411060 AT91C SKM111AR ON0433
Product Description
Full Text Search
 

To Download NDL5461P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 m InGaAs PIN PHOTO DIODE MODULE
FEATURES
* SMALL DARK CURRENT: ID = 0.1 nA * HIGH QUANTUM EFFICIENCY: = 86% at = 1300 nm = 75% at = 1550 nm * DETECTING AREA SIZE: 80 m * COAXIAL MODULE WITH MULTIMODE FIBER: GI-50/125 * OPTIONAL SINGLE MODE FIBER: SM-9/125 * LOW OPERATING VOLTAGE: VR = 5 V
NDL5461P SERIES
DESCRIPTION
The NDL5461P Series are InGaAs PIN photo diode modules with multimode fiber. They are designed for long wavelength transmission systems and cover the wavelength range between 1000 and 1600 nm with high efficiency.
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C)
PART NUMBER SYMBOLS ID Ct S fC PARAMETERS AND CONDITIONS Dark Current, VR = 5 V Terminal Capacitance, VR = 5 V, f = 1 MHz Quantum Efficiency, = 1300 nm = 1550 nm Responsivity, = 1300 nm = 1550 nm Cut-off Frequency, VR = 5 V, = 1300 nm, RL = 50 UNITS nA pF % A/W GHz 75 64 0.78 0.80 2.5 MIN NDL5461P Series TYP 0.1 1.0 86 75 0.89 0.94 MAX 1.0 1.5
California Eastern Laboratories
NDL5461P SERIES ABSOLUTE MAXIMUM RATINGS1
(TC = 25C, unless otherwise specified) SYMBOLS VR IF PIN TC TSTG PARAMETERS Reverse Voltage Forward Current Optical Input Power Operating Case Temp. Storage Temperature UNITS V mA mW C C RATINGS 20 10 8 -40 to +85 -40 to +85
Note: 1. Operation in excess of any one of these parameters may result in permanent damage.
TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified)
WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY
TEMPERATURE DEPENDENCE OF RESPONSIVITY
Responsivity (Relative Value), S/S (%)
100
10 = 1300 nm
Quantum Efficiency, (%)
80
60
0
40
20
0 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
-10 -60
-40
-20
0
20
40
60
80
100
Wavelength, (m)
Operating Case Temperature, TC (C)
REVERSE VOLTAGE DEPENDENCE OF DARK CURRENT
10
101
TEMPERATURE DEPENDENCE OF DARK CURRENT
VR = 5 V
Dark Current, Current, ID (nA)
1.0
TC = 75C 50C 25C
Dark Current, ID (nA)
100
0.1 0C
10-1
0.01
-25C
10-2
0.001
0
10
20
10-3 -60
-40
-20
0
20
40
60
80
100
Reverse Voltage, VR (V)
Operating Case Temperature, TC (C)
NDL5461P SERIES TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified)
REVERSE VOLTAGE DEPENDENCE OF TERMINAL CAPACITANCE
5 f = 1.0 MHz
FREQUENCY RESPONSE
VR = 10 V = 1300 nm RL = 50
Terminal Capacitance, Ct (pF)
1
0.5 0.01 0.1 1 10 100
Response (3 dB/div.)
0
2.5
5.0
Reverse Voltage, VR (V)
Frequency, f (GHz)
NDL5461P SERIES OUTLINE DIMENSIONS (Units in mm)
NDL5461P NDL5461P1
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
2.5 30.0 MAX 6.0 - 0.1
+0.0
2.5 14.00.1 30.0 MAX
6.90.3 6.0- 0.1 12.5 MIN 0.45
3 1
+0.0
6.90.3
4.00.1 3.90.5 12.5 MIN
2.2 (2 places)
6.0 - 0.1
+0.0
2
7.00.3 3.00.3 2.0 1.5
2
3 1
4.00.3 2.0 18.00.1 3 1
PIN CONNECTIONS 1. Anode (Negative) 2. Cathode (Positive) 3. Case NDL5461P2
2
ORDERING INFORMATION
PART NUMBER NDL5461P NDL5461PC NDL5461PD NDL5461PS NDL5461PSC NDL5461PSD NDL5461P1 NDL5461P1C NDL5461P1D NDL5461P1S NDL5461P1SC NDL5461P1SD NDL5461P2 NDL5461P2C NDL5461P2D NDL5461P2S NDL5461P2SC NDL5461P2SD AVAILABLE CONNECTOR Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector DESCRIPTION GI-50/125 No Flange
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
SM-9/125
GI-50/125
2.5 30.0 MAX
Flat Mount Flange
SM-9/125
6.0- 0.1
+0.0
GI-50/125
2.50.1 0.50.1
Vertical Flange
12.5 MIN 2.5 (2 places)
2 3 1
SM-9/125
7.00.15
2.0 12.00.1 16.00.2
NDL5461P SERIES HANDLING PRECAUTION FOR PD/APD MODULE
The NEC PD/APD module has heat shrink tubing to protect the ferrule edge (*1) and the junction between the ferrule and the module body (*2). In order to avoid breaking the fiber and/or optical coupling degradation, NEC recommends the following handling precautions: 1. Do not make the fiber bend radius less than 30 mm (*3). 2. Do not bend the fiber within the 18 mm section from the module body (*4). 3. Do not stress the ferrule with a lateral force exceeding 500 g (*5).
fiber
30 mm MIN (*3)
(*1) 18 mm MIN (*4) ferrule (*5) (*2)
module body
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM DATA SUBJECT TO CHANGE WITHOUT NOTICE 2/24/2000


▲Up To Search▲   

 
Price & Availability of NDL5461P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X