Part Number Hot Search : 
PC1006 EL911107 BA6817 MAX2235E D1975 512K3 6GBU005 WM8955
Product Description
Full Text Search
 

To Download NDL5421P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 m InGaAs PIN PHOTO DIODE MODULE
FEATURES
* SMALL DARK CURRENT: ID = 0.1 nA * HIGH QUANTUM EFFICIENCY: = 86% at = 1300 nm = 75% at = 1550 nm * DETECTING AREA SIZE: 50 m * LOW OPERATING VOLTAGE: VR = 5 V * LOW TERMINAL CAPACITANCE: Ct = 0.7 pF at f = 1.0 MHz, VR = 5 V * COAXIAL MODULE WITH MULTIMODE FIBER OR OPTIONAL SINGLEMODE FIBER: GI-50/125, SM-9/125 * HIGH SPEED RESPONSE: fC = 2.5 GHz MIN
NDL5421P SERIES
DESCRIPTION
The NDL5421P Series is an InGaAs PIN photo diode module with multimode fiber. It is designed for 2.5 Gb/s optical fiber communication systems and covers the wavelength range between 1000 and 1600 with high efficiency.
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C)
PART NUMBER PACKAGE OUTLINE SYMBOLS ID Ct S fC PARAMETERS AND CONDITIONS Dark Current, VR = 5 V Terminal Capacitance, VR = 5 V, f = 1 MHz Quantum Efficiency, = 1300 nm = 1550 nm Responsivity, = 1300 nm = 1550 nm UNITS nA pF % A/W GHz 75 64 0.78 0.80 2.5 MIN NDL5421P Series TYP 0.1 0.7 86 75 0.89 0.94 MAX 1.0 0.9
Cut-off Frequency, VR = 5 V, = 1300 nm, RL = 50
California Eastern Laboratories
NDL5421P SERIES ABSOLUTE MAXIMUM RATINGS1
(TC = 25C, unless otherwise specified) SYMBOLS VR IF PIN TC TSTG PARAMETERS Reverse Voltage Forward Current Optical Input Power Operating Case Temp. Storage Temperature UNITS V mA mW C C RATINGS 20 10 8 -40 to +85 -40 to +85
Note: 1. Operation in excess of any one of these parameters may result in permanent damage.
TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified)
WAVELENGTH DEPENDENCE OF QUANTUM EFFICIENCY
TEMPERATURE DEPENDENCE OF RESPONSIVITY
Responsivity (Relative Value), S/S (%)
100
10 = 1300 nm
Quantum Efficiency, (%)
80
60
0
40
20
0 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
-10 -60
-40
-20
0
20
40
60
80
100
Wavelength, (m)
Operating Case Temperature, TC (C)
REVERSE VOLTAGE DEPENDENCE OF DARK CURRENT
10
TEMPERATURE DEPENDENCE OF DARK CURRENT
101 VR = 5 V
1.0
TC = 75C 50C
Dark Current, ID (nA)
Dark Current,ID (nA)
100
0.1
25C
10-1
0C 0.01 -25C
10-2
0.001 0 10 20
10-3 -60
-40
-20
0
20
40
60
80
100
Reverse Voltage, VR (V)
Operating Case Temperature, TC (C)
NDL5421P SERIES TYPICAL PERFORMANCE CURVES (TC = 25C, unless otherwise specified)
REVERSE VOLTAGE DEPENDENCE OF TERMINAL CAPACITANCE
2 f = 1.0 MHz
12 9 6
FREQUENCY RESPONSE
VR = 5 V = 1300 nm PIN = -10dB RL = 50
Terminal Capacitance, Ct (pF)
1
Response (dB)
3 0 -3 -6 -9 -12
0.5
0.3 0.1 0.3 1 3 10
-15 0 2.5 5.0
Reverse Voltage, VR (V)
Frequency, f (GHz)
ORDERING INFORMATION
PART NUMBER NDL5421P NDL5421PC NDL5421PD NDL5421PS NDL5421PSC NDL5421PSD NDL5421P1 NDL5421P1C NDL5421P1D NDL5421PS1 NDL5421P1SC NDL5421P1SD NDL5421P2 NDL5421P2C NDL5421P2D NDL5421PS2 NDL5421P2SC NDL5421P2SD AVAILABLE CONNECTOR Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector DESCRIPTION GI-50/125 No Flange
SM-9/125
GI-50/125
Flat Mount Flange
SM-9/125
GI-50/125
Vertical Flange
SM-9/125
NDL5421P SERIES OUTLINE DIMENSIONS (Units in mm)
NDL5421P NDL5421P1
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
2.5 30.0 MAX 6.0 - 0.1
+0.0
2.5 14.00.1 30.0 MAX
6.90.3 6.0- 0.1 12.5 MIN 0.45
3 1
+0.0
6.90.3
4.00.1 3.90.5 2-2.2 12.5 MIN
6.0 - 0.1
+0.0
2
7.00.3 3.00.3 2.0 1.5
2
3 1
4.00.3 2.0 18.00.1 3 1
PIN CONNECTIONS 1. Anode (Negative) 2. Cathode (Positive) 3. Case NDL5421P2
2
Optical Fiber GI-50/125 Length: 1 m MIN Shrunk Tube
2.5 30.0 MAX
6.0- 0.1
+0.0
2.50.1 0.50.1
12.5 MIN
2-2.5
2 3 1
7.00.15
2.0 12.00.1 16.00.2
NDL5421P SERIES HANDLING PRECAUTION FOR PD/APD MODULE
The NEC PD/APD module has heat shrink tubing to protect the ferrule edge (*1) and the junction between the ferrule and the module body (*2). In order to avoid breaking the fiber and/or optical coupling degradation, NEC recommends the following handling precautions: 1. Do not make the fiber bend radius less than 30 mm (*3). 2. Do not bend the fiber within the 18 mm section from the module body (*4). 3. Do not stress the ferrule with a lateral force exceeding 500 g (*5).
fiber
30 mm MIN (*3)
(*1) 18 mm MIN (*4) ferrule (*5) (*2)
module body
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES Headquarters 4590 Patrick Henry Drive Santa Clara, CA 95054-1817 (408) 988-3500 Telex 34-6393 FAX (408) 988-027 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) Internet: http://WWW.CEL.COM 11/14/2000 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of NDL5421P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X