Part Number Hot Search : 
MAX69 FR370 1N5407 ELM307SM 1N4623 T1235H 58000 1200B
Product Description
Full Text Search
 

To Download NDHV310APB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NICHIA
Product Guide
Violet Laser Diode
NDHV310APB
Features
* Optical Output Power: 30mW * Single Transverse Mode * Can Type: 5.6 with Photo Diode
PD 2 1 LD
1. LD Anode 2. PD Anode 3. Common
3
Absolute Maximum Ratings
Item Optical Output Power LD Reverse Voltage PD Storage Temperature Operating Case Temperature
Symbol Po Vr(LD) Vr(PD) Tstg Tc
Absolute Maximum Ratings
35 5 20 -35 ~ 85 -10 ~ 60
Unit
mW V V C C
Initial Electrical/Optical Characteristics
Item Optical Output Power Peak Wavelength* Threshold Current Operating Current Slope Efficiency Operating Voltage FWHM Beam Divergence Angle Position Monitor Current** Symbol Po p
Ith Iop
Min 400 0.7 5 18 0.1
(Tc=25C, Po=30mW/CW) Typ. Max Unit 30 mW 408 45 70 1.2 4.5 8 24 0.25 415 60 90 1.6 5.5 13 30 2.5 3 80 0.6 nm mA mA W/A V m mA
Vop //
Emission Point Accuracy
// X, Y, Z
Im
All figures in this specification are measured by Nichia's method and may contain measurement deviations
*: FWHM < 1nm **: When used at 30mW by monitor APC drive and Temperature is changed from 20 C to 60 C, optical output may increase or decrease up to 10%. Also, when used at constant temperature 25 C, 30mW by monitor APC drive, optical output may change up to 5% in 24 hours. If your application requires precise output power control, monitor current should not be used as reference for output power. Use additional external PD to monitor output power.
NICHIA CORPORATION
http://www.nichia.co.jp HEAD OFFICE: P.O.BOX 6 ANAN, TOKUSHIMA-KEN 774-8601, JAPAN PHONE: +81-884-22-2311 FAX: +81-884-23-1802 CONTACT TOKYO SALES DEPARTMENT OPTOELECTRONICS PRODUCTS DIV.: 13F TAMACHI CENTER BUILDING, 34-7, SHIBA 5-CHOME, MINATO-KU, TOKYO 108-0014, JAPAN PHONE: +81-3-3456-3108 FAX: +81-3-5440-7330 E-mail: laser@tokyo.nichia.co.jp
UTZ-SC0009_0 -1-
NICHIA
Typical Characteristics
Optical Output Power vs. Forward Current
30 Optical Output Power Po [mW] 20C 60C Forward Voltage Vf [V] 40C 20 6 5 4 3 2 1 0 0 20 40 60 80 0 20
Product Guide
Forward Voltege vs. Forward Current
10
20C 40C 60C
0 Forward Current If [mA]
40 Forward Current If [mA]
60
80
Far Field Pattern
1 Relative Intensity [dB] 0.8 Relative Intensity 0.6 0.4 0.2 0 -60 -40 -20 0 Angle [] 20 40 60 Tc=25C Po=30mW // 3 2 1 0 -1 -2 -3 -4 -5 0
Frequency Response
5mW
30mW
Tc=25C
1
2 Frequency [GHz]
3
4
Typical Spectrum
Tc=25C Po=30mW Peak Wavelength [nm] 414
Peak Wavelength vs. Case Temperature
Po=30mW 412 410 408 406 404
Relative Optical Output Power
406
407
408 Wavelength [nm]
409
410
10
20
30
40
50
60
70
Case Temp Tc [C]
UTZ-SC0009_0 -2-
NICHIA
Top View
Product Guide
+0 -0.03
Outline Dimension 5.6
4.2 0.2
Bottom View
Y +
3.55 0.1
2
1
X +
(90)
3
0.40.1 1.00.1 ( 1.6) (0.4) 2.0 0.2
Side View
2.30.2
3.55 0.1
0.250.03 Glass Thickness
Connection
2 1
Emitting Point 1.30.08 Reference Plane
PD
LD
1.20.1
6.51.0 3x0.450.1
3
1. LD Anode 2. PD Anode 3. Common
( ) are reference figures
Safety of Laser light
Laser light can damage the human eye and the eyes of animals. Do not look at any laser light directly or through any optical lens. When handling a laser diode, do not look directly at the light generated by it. Wear appropriate safety glasses to prevent light from entering the eye by reflection off of another surface. Nichia LDs are classified in Class 3B of IEC60825-1 and 21 CFR Part 1040.10 Safety Standards. It is absolutely necessary to take overall safety measures against User's modules, equipment and systems into which Nichia LDs are incorporated and/or integrated.
Operating method
Laser diodes are to change forward voltage and light output power due to the fluctuation in temperature etc. They have some tendency to gradually increase electric current necessary to keep the output power constant during their operation. When precise optical output control is required, it is recommended to use an external photo diode to monitor output power and use APC (Automatic Power Control) function in the operating circuit.
Cautions on LD handling
Static Electricity and surge damage the LDs. It is recommended to use a wrist strap or anti-electrostatic glove when handling the Product. Nichia LDs described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). Consult Nichia's sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the LDs may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). The specifications of the Product may be modified for improvement without prior notice. The formal specifications must be exchanged and signed by both parties before a user starts mass production. Strictly prohibited are reverse engineering and disassembly concerning, but not limited to, structure and composition of the Product. Caution-use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation exposure.
UTZ-SC0009_0 -3-


▲Up To Search▲   

 
Price & Availability of NDHV310APB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X