Part Number Hot Search : 
B1116 SL2512F AK5388EQ D66DV C253J D66DV 18627131 2SA673
Product Description
Full Text Search
 

To Download NCS2530DTBR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCS2530 Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
NCS2530 is a triple 1.1 mA 200 MHz current feedback monolithic operational amplifier featuring high slew rate and low differential gain and phase error. The current feedback architecture allows for a superior bandwidth and low power consumption. This device features an enable pin.
Features http://onsemi.com MARKING DIAGRAM
* * * * * * * * * * * * *
-3.0 dB Small Signal BW (AV = +2.0, VO = 0.5 Vp-p) 200 MHz Typ Slew Rate 450 V/ms Supply Current 1.1 mA per amplifier Input Referred Voltage Noise 4.0 nV/ Hz THD -55 dB (f = 5.0 MHz, VO = 2.0 Vp-p) Output Current 100 mA Enable Pin Available These devices are manufactured with a Pb-Free external lead finish only.** Portable Video Line Drivers Radar/Communication Receivers Set Top Box NTSC/PAL/HDTV
3 2
Gain = +2 RF = 1.2kW RL = 100W
16
TSSOP-16 DT SUFFIX CASE 948F 1 2530 A L Y W
NCS 2530 ALYW
= NCS2530 = Assembly Location = Wafer Lot = Year = Work Week
Applications
TSSOP-16 PINOUT -IN1 +IN1 VEE -IN2 VS = 5V VOUT = 0.5V +IN2 VS = 5V VOUT = 0.7V VEE +IN3 -IN3 1 2 3 4 5 6 7 8 + - (Top View) - + - + 16 EN1 15 OUT1 14 VCC 13 EN2 12 OUT2 11 VCC EN3
NORMAILIZED GAIN(dB)
1 0
10 OUT3 9
-1 -2 -3
VS = 2.5V VOUT = 2.0V VS = 5V VOUT = 2.0V VS = 2.5V VOUT = 0.7V VS = 2.5V VOUT = 0.5V 0.1 10 1 FREQUENCY (MHz) 100 1000
ORDERING INFORMATION
Device NCS2530DTB NCS2530DTBR2 Package TSSOP-16* Shipping 96 Units/Rail
-4 -5 -6 0.01
TSSOP-16* 2500 Tape & Reel
Figure 1. Frequency Response: Gain (dB) vs. Frequency Av = +2.0, RL = 100 W
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *This package is inherently Pb-Free. ** For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
June, 2005 - Rev. 0
Publication Order Number: NCS2530/D
NCS2530
PIN FUNCTION DESCRIPTION
Pin 10, 12, 15 Symbol OUTx Function Output Equivalent Circuit
VCC ESD OUT
VEE
3, 6 2, 5, 7
VEE +INx
Negative Power Supply Non-inverted Input
ESD +IN VCC
ESD -IN
VEE
1, 4, 8 11, 14 9, 13, 16
-INx VCC EN
Inverted Input Positive Power Supply Enable
EN
See Above
VCC ESD
VEE
ENABLE PIN TRUTH TABLE
High* Enable *Default open state
VCC
Low Disabled
Enabled
+IN -IN
OUT
CC
VEE
Figure 2. Simplified Device Schematic
http://onsemi.com
2
NCS2530
ATTRIBUTES
Characteristics ESD Human Body Model Machine Model Charged Device Model Moisture Sensitivity (Note 2) Flammability Rating Oxygen Index: 28 to 34 Value 2.0 kV (Note 1) 200 V 1.0 kV Level 1 UL 94 V-0 @ 0.125 in
1. 0.8 kV between the input pairs +IN and -IN pins only. All other pins are 2.0 kV. 2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Parameter Power Supply Voltage Input Voltage Range Input Differential Voltage Range Output Current Maximum Junction Temperature (Note 3) Operating Ambient Temperature Storage Temperature Range Power Dissipation Thermal Resistance, Junction-to-Air Symbol VS VI VID IO TJ TA Tstg PD RqJA Rating 11 vVS vVS 100 150 -40 to +85 -60 to +150 (See Graph) 178 Unit VDC VDC VDC mA C C C mW C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
MAXIMUM POWER DISSIPATION
1400 Maximum Power Dissapation (mW) 1200
The maximum power that can be safely dissipated is limited by the associated rise in junction temperature. For the plastic packages, the maximum safe junction temperature is 150C. If the maximum is exceeded momentarily, proper circuit operation will be restored as soon as the die temperature is reduced. Leaving the device in the "overheated'' condition for an extended period can result in device damage.
1000 800 600 400 200 0 -50
-25
0
50 75 25 100 Ambient Temperature (C)
125
150
Figure 3. Power Dissipation vs. Temperature
http://onsemi.com
3
NCS2530
AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = -5.0 V, TA = -40C to +85C, RL = 100 W to GND, RF = 1.2 kW, AV = +2.0, Enable is left open, unless otherwise specified).
Symbol Characteristic Conditions Min Typ Max Unit FREQUENCY DOMAIN PERFORMANCE BW Bandwidth 3.0 dB Small Signal 3.0 dB Large Signal 0.1 dB Gain Flatness Bandwidth Differential Gain Differential Phase MHz AV = +2.0, VO = 0.5 Vp-p AV = +2.0, VO = 2.0 Vp-p AV = +2.0 AV = +2.0, RL = 150 W, f = 3.58 MHz AV = +2.0, RL = 150 W, f = 3.58 MHz 200 140 30 0.02 0.1 MHz %
GF0.1dB dG dP
TIME DOMAIN RESPONSE SR ts Slew Rate Settling Time 0.01% 0.1% Rise and Fall Time Turn-on Time Turn-off Time AV = +2.0, Vstep = 2.0 V AV = +2.0, Vstep = 2.0 V AV = +2.0, Vstep = 2.0 V (10%-90%) AV = +2.0, Vstep = 2.0 V 450 35 18 5 900 500 ns ns ns V/ms ns
tr tf tON tOFF
HARMONIC/NOISE PERFORMANCE THD HD2 HD3 IP3 SFDR eN iN Total Harmonic Distortion 2nd Harmonic Distortion 3rd Harmonic Distortion Third-Order Intercept Spurious-Free Dynamic Range Input Referred Voltage Noise Input Referred Current Noise f = 5.0 MHz, VO = 2.0 Vp-p, RL = 150 W f = 5.0 MHz, VO = 2.0 Vp-p f = 5.0 MHz, VO = 2.0 Vp-p f = 10 MHz, VO = 2.0 Vp-p f = 5.0 MHz, VO = 2.0 Vp-p f = 1.0 MHz f = 1.0 MHz, Inverting f = 1.0 MHz, Non-Inverting -55 -67 -57 35 58 4 15 15 dBc dBc dBc dBm dBc
nV pA
Hz Hz
http://onsemi.com
4
NCS2530
DC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = -5.0 V, TA = -40C to +85C, RL = 100 W to GND, RF = 1.2 kW, AV = +2.0, Enable is left open, unless otherwise specified).
Symbol Characteristic Conditions Min Typ Max Unit DC PERFORMANCE VIO DVIO/DT IIB DIIB/DT VIH VIL Input Offset Voltage Input Offset Voltage Temperature Coefficient Input Bias Current Input Bias Current Temperature Coefficient Input High Voltage (Enable) (Note 4) Input Low Voltage (Enable) (Note 4) +Input (Non-Inverting), VO = 0 V -Input (Inverting), VO = 0 V (Note 4) +Input (Non-Inverting), VO = 0 V -Input (Inverting), VO = 0 V VCC-1.5V VCC-3.5V -5.0 -5.0 -4.0 "0.7 6.0 "2.0 "0.4 "40 "10 +5.0 +5.0 +4.0 mV mV/C mA nA/C V V
INPUT CHARACTERISTICS VCM CMRR RIN CIN Input Common Mode Voltage Range (Note 4) Common Mode Rejection Ratio Input Resistance Differential Input Capacitance (See Graph) +Input (Non-Inverting) -Input (Inverting) "3.0 50 "4.0 55 4.0 350 1.0 65 V dB MW W pF
OUTPUT CHARACTERISTICS ROUT VO IO Output Resistance Output Voltage Swing Output Current "3.0 "60 0.02 "3.5 "100 W V mA
POWER SUPPLY VS IS,ON IS,OFF Operating Voltage Supply Power Supply Current - Enabled (per amplifier) Power Supply Current - Disabled (per amplifier) Crosstalk PSRR Power Supply Rejection Ratio VO = 0 V VO = 0 V Channel to Channel, f = 5.0 MHz (See Graph) 50 0.6 0.2 10 1.1 0.35 60 60 80 2.0 0.5 V mA mA dB dB
4. Guaranteed by design and/or characterization.
http://onsemi.com
5
NCS2530
AC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = -2.5 V, TA = -40C to +85C, RL = 100 W to GND, RF = 1.2 kW, AV = +2.0, Enable is left open, unless otherwise specified).
Symbol Characteristic Conditions Min Typ Max Unit FREQUENCY DOMAIN PERFORMANCE BW Bandwidth 3.0 dB Small Signal 3.0 dB Large Signal 0.1 dB Gain Flatness Bandwidth Differential Gain Differential Phase MHz AV = +2.0, VO = 0.5 Vp-p AV = +2.0, VO = 1.0 Vp-p AV = +2.0 AV = +2.0, RL = 150 W, f = 3.58 MHz AV = +2.0, RL = 150 W, f = 3.58 MHz 180 130 15 0.02 0.1 MHz %
GF0.1dB dG dP
TIME DOMAIN RESPONSE SR ts Slew Rate Settling Time 0.01% 0.1% Rise and Fall Time Turn-on Time Turn-off Time AV = +2.0, Vstep = 1.0 V AV = +2.0, Vstep = 1.0 V AV = +2.0, Vstep = 1.0 V (10%-90%) AV = +2.0, Vstep = 1.0 V 350 40 18 8.0 900 500 ns ns ns V/ms ns
tr tf tON tOFF
HARMONIC/NOISE PERFORMANCE THD HD2 HD3 IP3 SFDR eN iN Total Harmonic Distortion 2nd Harmonic Distortion 3rd Harmonic Distortion Third-Order Intercept Spurious-Free Dynamic Range Input Referred Voltage Noise Input Referred Current Noise f = 5.0 MHz, VO = 1.0 Vp-p, RL = 150 W f = 5.0 MHz, VO = 1.0 Vp-p f = 5.0 MHz, VO = 1.0 Vp-p f = 10 MHz, VO = 1.0 Vp-p f = 5.0 MHz, VO = 1.0 Vp-p f = 1.0 MHz f = 1.0 MHz, Inverting f = 1.0 MHz, Non-Inverting -55 -67 -57 35 58 4.0 15 15 dBc dBc dBc dBm dBc
nV pA
Hz Hz
http://onsemi.com
6
NCS2530
DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = -2.5 V, TA = -40C to +85C, RL = 100 W to GND, RF = 1.2 kW, AV = +2.0, Enable is left open, unless otherwise specified).
Symbol Characteristic Conditions Min Typ Max Unit DC PERFORMANCE VIO DVIO/DT IIB DIIB/DT VIH VIL Input Offset Voltage Input Offset Voltage Temperature Coefficient Input Bias Current Input Bias Current Temperature Coefficient Input High Voltage (Enable) (Note 5) Input Low Voltage (Enable) (Note 5) +Input (Non-Inverting), VO = 0 V -Input (Inverting), VO = 0 V (Note 5) +Input (Non-Inverting), VO = 0 V -Input (Inverting), VO = 0 V VCC-1.5V VCC-3.5V -5.0 -5.0 -4.0 "0.5 6.0 "2.0 "0.4 "40 "10 +5.0 +5.0 +4.0 mV mV/C mA nA/C V V
INPUT CHARACTERISTICS VCM CMRR RIN CIN Input Common Mode Voltage Range (Note 5) Common Mode Rejection Ratio Input Resistance Differential Input Capacitance (See Graph) +Input (Non-Inverting) -Input (Inverting) "1.3 50 "1.5 55 4.0 350 1.0 65 V dB MW W pF
OUTPUT CHARACTERISTICS ROUT VO IO Output Resistance Output Voltage Swing Output Current "1.0 "40 0.02 "1.4 "80 W V mA
POWER SUPPLY VS IS,ON IS,OFF Operating Voltage Supply Power Supply Current - Enabled (per amplifier) Power Supply Current - Disabled (per amplifier) Crosstalk PSRR Power Supply Rejection Ratio VO = 0 V VO = 0 V Channel to Channel, f = 5.0 MHz (See Graph) 50 0.5 0.05 5.0 0.9 0.15 60 60 80 1.9 0.35 V mA mA mA dB
5. Guaranteed by design and/or characterization. VIN + -
VOUT
RF RF
RL
Figure 4. Typical Test Setup (AV = +2.0, RF = 1.8 kW or 1.2 kW or 1.0 kW, RL = 100 W)
http://onsemi.com
7
NCS2530
3 2 NORMAILIZED GAIN(dB) 1 0 -1 -2 -3 -4 -5 -6 0.01 0.1 Gain = +2 RF = 1.2kW RL = 100W VS = 2.5V VOUT = 0.5V VS = 5V VOUT = 0.5V 6 3 0 -3 -6 -9 100 1000 -12 0.01 VS = 5V VOUT = 0.7V VS = 2.5V VOUT = 0.7V VS = 5V VOUT = 1.0V VS = 2.5V VOUT = 1.0V 0.10 1 10 FREQUENCY (MHz) 100 1000 Gain = +1 RF = 1.2kW RL = 100W VS = 5V VOUT = 0.5V VS = 2.5V VOUT = 0.5V
VS = 2.5V VOUT = 2.0V VS = 5V VOUT = 2.0V VS = 2.5V VOUT = 0.7V VS = 2.5V VOUT = 0.7V 1 10 FREQUENCY (MHz)
Figure 5. Frequency Response: Gain (dB) vs. Frequency Av = +2.0
6 NORMAILIZED GAIN(dB) 3 0 -3 -6 -9 -12 0.01 VOUT = 2.0V RL = 100W 0.10 VS = 2.5V AV = +2 VS = 5V AV = +2 VS = 2.5V AV = +4 1 10 FREQUENCY (MHz) 100 1000 VS = 5V AV = +4 6 3 0 -3 -6 -9 -12 0.01
NORMALIZED GAIN (dB)
Figure 6. Frequency Response: Gain (dB) vs. Frequency Av = +1.0
NORMALIZED GAIN (dB)
VS = 5V AV = +4
VS = 5V AV = +2
VS = 5V AV = +1
VS = 2.5V AV = +1 VS = 2.5V AV = +4 VOUT = 0.5V RL = 100W 0.10 VS = 2.5V AV = +4 10 1 FREQUENCY (MHz) 100 1000
Figure 7. Large Signal Frequency Response Gain (dB) vs. Frequency
VS = 5V
Figure 8. Small Signal Frequency Response Gain (dB) vs. Frequency
VS = 5V
Figure 9. Small Signal Step Response Vertical: 500 mV/div Horizontal: 10 ns/div
Figure 10. Large Signal Step Response Vertical: 500 mV/div Horizontal: 10 ns/div
http://onsemi.com
8
NCS2530
-40 -45 DISTORTION (dB) -50 -55 -60 -65 -70 -75 -80 10 -70 100 FREQUENCY (MHz) 1000 0.5 1 1.5 2 2.5 VOUT (VPP) 3 3.5 4 HD3 HD2 THD VS = 5V VOUT = 2VPP RL = 150W -40 -45 DISTORTION (dB) -50 THD -55 -60 -65 HD3 VS = 5V f = 5MHz RL = 150W
HD2
Figure 11. THD, HD2, HD3 vs. Frequency
Figure 12. THD, HD2, HD3 vs. Output Voltage
7 VOLTAGE NOISE (nV/pHz) 6 5 4 3 2 5.0V CMRR (dB) 2.5V
-20 -25 -30 -35 -40 -45 -50 -55 VS = 5V
1 0 1 10 100 FREQUENCY (kHz) 1000
-60 -65 10k 100k 1M FREQUENCY (Hz) 10M 100M
Figure 13. Input Referred Noise vs. Frequency
Figure 14. CMRR vs. Frequency
0 DIFFERENTIAL GAIN (%) -10 -20 PSRR(dB) +5.0V -30 -40 -50 -5.0V -60 -70 0.01 +2.5 -2.5V
0.06 0.04 0.02 0 VS = 5V RL = 150W 4.43MHz 3.58MHz
-0.02 10MHz 20MHz
-0.04 -0.06 -0.8
0.1
1 FREQUENCY (MHz)
10
100
-0.6
0.2 0.4 -0.4 -0.2 0 OFFSET VOLTAGE (V)
0.6
0.8
Figure 15. PSRR vs. Frequency
Figure 16. Differential Gain
http://onsemi.com
9
NCS2530
0.06 20MHz DIFFERENTIAL PHASE () 0.04 0.02 0 4.43MHz 3.58MHz VS = 5V RL = 150W -0.6 0.2 -0.4 -0.2 0 0.4 OFFSET VOLTAGE (V) 0.6 0.8 10MHz CURRENT (mA) 1.4 1.3 1.2 25C 1.1 1 0.9 0.8 0.7 0.6 4 5 6 8 7 9 POWER SUPPLY VOLTAGE (V) 10 11 -40C 85C
-0.02
-0.04 -0.06 -0.8
Figure 17. Differential Phase
Figure 18. Supply Current vs. Power Supply vs. Temperature (Enabled)
.14 85C OUTPUT VOLTAGE (VPP) .12 CURRENT (mA) .1 .08 .06 .04 .02 0 4 5 7 9 6 8 POWER SUPPLY VOLTAGE (V) 10 11 25C -40C
8 7 6 85C 5 4 3 2 4 5 6 8 7 9 SUPPLY VOLTAGE (V) 10 11 -40C 25C
Figure 19. Supply Current vs. Power Supply vs. Temperature (Disabled)
Figure 20. Output Voltage Swing vs. Supply Voltage
9 8 OUTPUT VOLTAGE (VPP) 7 6 5 4 3 2 1 0 1 10 100 1000 LOAD RESISTANCE (W) 10k AV = +2 f = 1MHz VS = 2.5V OUTPUT RESISTANCE (W) VS = 5V
100 VS = 5V 10
1
0.1
0.01 0.01
0.1
1 10 FREQUENCY (MHz)
100
Figure 21. Output Voltage Swing vs. Load Resistance
Figure 22. Output Impedance vs. Frequency
http://onsemi.com
10
NCS2530
18 12 6 GAIN (dB) 0 -6 -12 -18 -24 -30 1 10 100 FREQUENCY (MHz) 1000 VS = 5V RF = 1.2kW RL = 100W Gain= +2 100pF TRANSIMPEDANCE (W) 10M 1M VS = 5V
100k 10k 1k 100 10 1 0.01 0.1 1 100 10 FREQUENCY (MHz) 1000 10k
47pF 10pF
Figure 23. Frequency Response vs. CL
Figure 24. Transimpedance (ROL) vs. Frequency
VS = 5V EN OUT EN OUT
VS = 5V
Figure 25. Turn ON Time Delay Vertical: 10 mV/Div, Horizontal: 4 ns/Div (Output Signal: Square Wave, 10 MHz, 2 Vpp)
0 NORMAILIZED GAIN(dB) -10 CROSSTALK (dB) -20 -30 -40 -50 Channel 3 -60 -70 10 Channel 1 Gain = +2 VS = 5V 2 1 0 -1 -2 -3 -4 -5 100 FREQUENCY (MHz) 1000
Figure 26. Turn OFF Time Delay Vertical: 10 mV/Div, Horizontal: 4 ns/Div (Output Signal: Square Wave, 10 MHz, 2 Vpp)
2 3 1
Gain = +2 VS = 5V 0.1 1 10 FREQUENCY (MHz) 100 1000
-6 0.01
Figure 27. Crosstalk (dBc) vs. Frequency (Crosstalk measured on Channel 2 with input signal on Channel 1 and 3)
Figure 28. Channel Matching Gain (dB) vs. Frequency
http://onsemi.com
11
NCS2530
General Design Considerations Printed Circuit Board Layout Techniques
The current feedback amplifier is optimized for use in high performance video and data acquisition systems. For current feedback architecture, its closed-loop bandwidth depends on the value of the feedback resistor. The closed-loop bandwidth is not a strong function of gain, as is for a voltage feedback amplifier, as shown in Figure 29.
10 5 0 -5
RF = 1 kW RF = 1.2 kW RF = 1.8 kW AV = +2 VCC = +5 V VEE = -5 V 0.1 1.0 10 100 1000 10000
Proper high speed PCB design rules should be used for all wideband amplifiers as the PCB parasitics can affect the overall performance. Most important are stray capacitances at the output and inverting input nodes as it can effect peaking and bandwidth. A space (3/16 is plenty) should be left around the signal lines to minimize coupling. Also, signal lines connecting the feedback and gain resistors should be short enough so that their associated inductance does not cause high frequency gain errors. Line lengths less than 1/4 are recommended.
Video Performance
GAIN (dB)
-10 -15
This device designed to provide good performance with NTSC, PAL, and HDTV video signals. Best performance is obtained with back terminated loads as performance is degraded as the load is increased. The back termination reduces reflections from the transmission line and effectively masks transmission line and other parasitic capacitances from the amplifier output stage.
ESD Protection
-20 0.01
FREQUENCY (MHz)
Figure 29. Frequency Response vs. RF
The -3.0 dB bandwidth is, to some extent, dependent on the power supply voltages. By using lower power supplies, the bandwidth is reduced, because the internal capacitance increases. Smaller values of feedback resistor can be used at lower supply voltages, to compensate for this affect.
Feedback and Gain Resistor Selection for Optimum Frequency Response
A current feedback operational amplifier's key advantage is the ability to maintain optimum frequency response independent of gain by using appropriate values for the feedback resistor. To obtain a very flat gain response, the feedback resistor tolerance should be considered as well. Resistor tolerance of 1% should be used for optimum flatness. Normally, lowering RF resistor from its recommended value will peak the frequency response and extend the bandwidth while increasing the value of RF resistor will cause the frequency response to roll off faster. Reducing the value of RF resistor too far below its recommended value will cause overshoot, ringing, and eventually oscillation. Since each application is slightly different, it is worth some experimentation to find the optimal RF for a given circuit. A value of the feedback resistor that produces X0.1 dB of peaking is the best compromise between stability and maximal bandwidth. It is not recommended to use a current feedback amplifier with the output shorted directly to the inverting input.
All device pins have limited ESD protection using internal diodes to power supplies as specified in the attributes table (See Figure 30). These diodes provide moderate protection to input overdrive voltages above the supplies. The ESD diodes can support high input currents with current limiting series resistors. Keep these resistor values as low as possible since high values degrade both noise performance and frequency response. Under closed-loop operation, the ESD diodes have no effect on circuit performance. However, under certain conditions the ESD diodes will be evident. If the device is driven into a slewing condition, the ESD diodes will clamp large differential voltages until the feedback loop restores closed-loop operation. Also, if the device is powered down and a large input signal is applied, the ESD diodes will conduct. Note: Human Body Model for +IN and -IN pins are rated at 0.8 kV while all other pins are rated at 2.0 kV.
VCC
External Pin
Internal Circuitry
VEE
Figure 30. Internal ESD Protection
http://onsemi.com
12
NCS2530
PACKAGE DIMENSIONS
TSSOP-16 CASE 948F-01 ISSUE A
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K K1
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N
J
N 0.15 (0.006) T U
S
0.25 (0.010) M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
A -V- N F DETAIL E
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
http://onsemi.com
13
EE C CC EE C CC
-W-
NCS2530
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
14
NCS2530/D


▲Up To Search▲   

 
Price & Availability of NCS2530DTBR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X