Part Number Hot Search : 
R60J106 MTP52 ML3401 NTROLBR 4LCX1 12P10 MN4006B LE35CD
Product Description
Full Text Search
 

To Download NCP5810MUTXG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP5810 Dual 1 W Output AMOLED Driver Supply
The NCP5810 is a dual-output DC/DC converter which can generate both a positive and a negative voltage. Both PWM converters achieve high efficiency for portable application. Thanks to the high output voltage accuracy and signal integrity the NCP5810 is particularly suitable for powering applications such as AMOLED display drivers. The output voltage of the inverter is fully configurable using external feedback resistors, where the output voltage of the boost is internally fixed. The switching regulator operates at 1.75 MHz which allows the use of small inductors and ceramic capacitors. In addition both converters are internally compensated which simplifies the design and reduces the PCB component count. Cycle-by-cycle peak current limit and thermal shut down provide value added features to protect the device. The NCP5810 is housed in a low profile space efficient 3 x 3 x 0.55 mm LLGA package.
Features http://onsemi.com
1
12 PIN LLGA MU SUFFIX CASE 513AD
MARKING DIAGRAM
5810 AYWG G 5810 = Device Code A = Assembly Location Y = Year W = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
* * * * * * * * *
High Overall Efficiency: 83% (Refer to Figure 4) Low Noise 1.75 MHz PWM DC/DC Converter Positive Output Fixed + 4.6 V Negative Output from - 2.0 to - 15.0 V High Output Voltage Accuracy Excellent Line Transient Rejection Soft Start to Limit Inrush Current Enable Control Facility with True-Shut Down Small LLGA 3 x 3 x 0.55 mm Package
Typical Applications
VOUTP SWP PGND AGND VREF VS
1 2 3
12 11 10
LXP PVIN SWN EN AVIN FBN
* AMOLED Driver Supply

Cellular Phones MP3 Player Digital Cameras Personal Digital Assistant and Portable Media Player GPS
NCP5810
4 5 6 9 8 7
(Top View) 12-pin 3 x 3 x 0.55 mm LLGA
Exposed pad must be soldered to PCB Ground plane
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 12 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
April, 2007 - Rev. 0
Publication Order Number: NCP5810/D
NCP5810
VBAT U1
11 12
L1 4.7 mH LXP
PVIN
C1 4.7 mF
3
SWP VOUTP
2 1
VOUTP C3 4.7 mF
PGND
ENABLE
9
EN
NCP5810
VS
6
VBAT C2 1 mF
8
AVIN AGND VREF D1 FBN SWN
10
VOUTN C4 4.7 mF
4
5
7
R2 D1: ON NSR0320MW2 L1, L2: TDK VLF3010AT-4R7 C1: 4.7 mF 6.3 V X5R C2: 1 mF 6.3 V X5R 0603 C1,C3,C4: 4.7 mF 6.3 V X5R 0805 56 k C5 0.1 mF R1 536 k
L2 4.7 mH
C6
10 pF
Figure 1. Typical Application Circuit
Option of powering Vbat CINA 1 mF AVIN PVIN CINP 4.7 mF L1 4.7 mH D2
LXP
SWP
Thermal Shut down
VOUTP MP0 COUTP 4.7 mF VOUTP
ENABLE EN
BOOST PWM CONTROLLER
MN1
Bangap 1.26 V
Osc 1.75 Mhz MP1
VS SWN Verf 1.26 V D1 VOUTN COUTN 4.7 mF R1
NEGATIVE BUCK PWM CONTROLLER
4.7 mH L2
AGND
FBN
PGND
VREF 0.1 mF
R2
10 pF
Figure 2. Simplified Block Diagram
http://onsemi.com
2
NCP5810
PIN FUNCTION DESCRIPTION
Pin 1 Pin Name VOUTP Type OUTPUT Description Positive Power Output: A filter capacitor is necessary on this pin for the stability of the loop, to smooth the current flowing into the load, and limit the noise created by the fast transients present in this circuitry. A 4.7 mF ceramic bypass capacitor to GND is recommended. Cares must be observed to avoid EMI through the PCB copper tracks connected to this pin. Switch LXP: Positive power switch pin where one end of the L1 inductor is connected. Typical application uses a 4.7 mH inductor. Power Ground: This pin is the power ground and carries the high switching current. A high quality ground must be provided to avoid any noise spikes/uncontrolled operation. Cares must be observed to avoid high-density current flow in a limited PCB copper track. Analog Ground: This pin is the analog ground of the device notably used by VREF. Voltage Reference: This output provides a 1.265 V voltage reference used notably for the negative feedback resistive network. Positive Output Voltage Sense: This pin is the output voltage sense input for the positive boost converter and must be connected to COUTP bypass capacitor. Feedback Negative: This pin is the feedback voltage input for the negative Buck-Boost inverter. The middle point of a resistive bridge divider must be connected here. The resistive network must be connected between VREF and the anode of external Schottky. Analog Power Supply: The external voltage supply is connected to this pin. A 4.7 mF ceramic capacitor must be connected across this pin and the power ground to achieve the specified output power parameters. Enable: An active high logic level on this pin enables the circuit. A built-in pull-down resistor disables the device if the pin is left open. Also in disable condition the device provide a true cut-off from PVIN to VOUTP and SWN. Switch Negative: Negative power switch pin where one end of the L2 inductor is connected. Typical application uses a 4.7 mH inductor. Power Supply: This pin is the power supply of the device. A 4.7 mF ceramic capacitor or larger must bypass this input to the ground. This capacitor should be placed as close a possible to this input. Switch LXP: The inductor should be connected between this node and SWP. This output supplies power from PVIN and give a true-cut off function in disable condition.
2 3
SWP PGND
POWER POWER
4 5 6 7
AGND VREF VS FBN
POWER OUTPUT INPUT INPUT
8
AVIN
POWER
9
EN
INPUT
10 11 12
SWN PVIN LXP
INPUT POWER POWER
http://onsemi.com
3
NCP5810
MAXIMUM RATINGS (Note 1)
Rating Power Supply Voltage (Note 2) Human Body Model (HBM) ESD Rating are (Note 3) Machine Model (MM) ESD Rating are (Note 3) Digital Input Voltage Digital Input Current LLGA 3x3 mm package (Notes 6 and 7) Thermal Resistance Junction-to-Case Operating Ambient Temperature Range Operating Junction Temperature Range Maximum Junction Temperature Storage Temperature Range Moisture Sensitivity (Note 5) Symbol Vbat ESD HBM ESD MM ENP, ENN RqJC TA TJ TJMAX TSTG MSL Value 7.0 2000 200 -0.3 Vin Vbat+0.3 1 12 -40 to +85 -40 to +125 +150 -65 to +150 Level 1 Unit V V V V mA C/W C C C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. NOTES: 1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = 25C 2. According to JEDEC standard JESD22-A108B. 3. This device series contains ESD protection and passes the following tests: Human Body Model (HBM) 2.0 kV per JEDEC standard: JESD22-A114 for all pins. Machine Model (MM) 200 V per JEDEC standard: JESD22-A115 for all pins. 4. Latchup Current Maximum Rating: 100 mA per JEDEC standard: JESD78., class II 5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J-STD-020A. 6. The thermal shutdown set to 165C (typical) avoids irreversible damage on the device due to power dissipation. 7. The RqCA is dependent on the PCB heat dissipation. The maximum power dissipation (PD) is dependent on the min input voltage, the max output current and external components selected.
RqCA +
125 * TA * R qJC PD
http://onsemi.com
4
NCP5810
ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between -40C to +85C and VIN between 2.7 V to 4.6 V (Unless
otherwise noted). Typical values are referenced to TA = +25C and VIN = 3.7 V (Unless otherwise noted) Characteristic POSITIVE BOOST DC/DC CONVERTER Positive Operational Output Voltage Range Maximum Inductor Peak Current Switches P0 ON Resistance Switches N1 ON Resistance Switches N1 Leakage Current At VIN = 4.2 V Efficiency (Notes 8, 9) Positive Output Current Available (Notes 9, 10) VIN 3.1 V VIN 2.9 V, TA between 0 to +85C Output Voltage Line Regulation IOUTP = 0 mA 2.7 < VIN < 4.6 Output Voltage Line Transient Overshoot (Note 12) Power Supply Ripple Rejection (Notes 9, 13) 1.0 Hz to 1.0 kHz 1.0 kHz to 10 kHz Output Voltage Load Regulation (Note 14) Output Voltage Load Transient Response: Overshoot and Undershoot Vs. Steady State Voltage (Notes 9, 15) NEGATIVE BUCK DC/DC CONVERTER Typical Negative Operational Output Voltage Range Peak Inductor Current (Note 9) Switches P2 ON Resistance Switches P2 Leakage Current At VIN = 4.2 V Efficiency (Notes 8, 9) Negative Output Power Available (Notes 9, 10) @ VOUTN = -5.4 V VIN 3.1 V VIN 2.9, TA between 0 to +85C Output Voltage Reference 0 mA < IREF < 100 mA Feedback Voltage Threshold in Steady State: 2.7 < VIN < 4.6 Feedback Input Current Output Voltage Line Regulation at IOUTN = 0 mA (Note 11) 2.7 < VIN < 4.6 Output Voltage Line Transient Overshoot (Note 12) Power Supply Ripple Rejection (Notes 9, 13) 1.0 Hz to 1.0 kHz 1.0 kHz to 10 kHz Load Regulation (Notes 11, 14) Load Transient Response: Overshoot and Undershoot Vs. Steady State Voltage (Notes 9, 15) VOUTN IPEAKN_MAX P2MOS RDSON P2MOS L EFF POUTN - 0 OVR FBVN FBICN LINE_RN LINE_TN PSRRN - - LOAD RN LTRN - - 60 40 - - - - 0.5 100 %/100mA mV -1 % -2 % -50 - - 175 - 1.265 0.632 - - 4 - 100 +1 % +2 % 50 20 - V mV nA mV mV dB -15 620 - - - - 800 700 0.05 80 -2.0 920 1400 0.5 - V mA mW mA % mA VOUTP IPEAKP_MAX P0MOS RDSON N1MOS RDSON N1MOS L EFF IOUTP 0 0 LINE_RP LINE_TP PSRRP - - LOAD_RP LTRP - - 60 40 - - - - 0.5 100 %/100mA mV - - 270 - - 4 - 145 10 - mV mV dB 4.55 530 - - - - 4.6 700 320 300 0.05 85 4.65 800 640 600 0.5 - V mA mW mW mA % mA Symbol Min Typ Max Unit
http://onsemi.com
5
NCP5810
ELECTRICAL CHARACTERISTICS (Min & Max Limits apply for TA between -40C to +85C and VIN between 2.7 V to 4.6 V. Typical values are referenced to TA = +25C and VIN = 3.7 V, unless otherwise noted)
Rating Operational Power Supply Internal Oscillator Frequency, TA = 25C, VIN = 3.7 V Maximum Duty Cycle Stand by Current at IOUTP = IOUTN = 0 mA, EN = Low VIN = 4.2 V, TA between 0 to +85C Quiescent Current @ VOUTN = -5.4 V @ TA = +25C Switching (Note 9) No Switching Soft Start Time to limit the Inrush Current Thermal Shut Down Protection Thermal Shut Down Protection Hysteresis Voltage Input Logic Low Voltage Input Logics High EN pin Pull Down Resistance Symbol VIN FOSC MDCY ISTB IQ - - SST TSD TSDH VIL VIH RENP - - - - 1.2 280 1.5 1.0 1.0 165 15 - - 400 3.0 - - - - 0.4 - 670 ms C C V V kW Min 2.7 1.6 87 - Typ - 1.75 90 - Max 4.6 1.9 - 2.0 Unit V MHz % mA mA
NOTES: 8. Efficiency is defined by 100 * (Pout / Pin), Vin = 3.1 to 4.2 V, L = VLF3010AT-4R7MR70 (DCR = 280 mW max, Isat = 700 mA), Load = 15 to 30 mA, Voutn = -5.4 V. 9. Guaranteed by design and characterized. 10. Typical application circuit and components depicted Figure 1. 11. Tested at 25C and guaranteed from -40C to +85C by characterization. 12. Line drop and rise between 3.4 to 2.9 V in 50 ms at IOUT = 25 mA, VOUTN = -5.4 V. 13. Ripple = 0.2 V p-p at 25C, Cout = 4.7 mF, IOUT = 0 to 100 mA, VIN = 3.7 V. 14. IOUT from 0 to 100 mA. 15. Load step 10 to 90 mA and 90 to 10 mA, rising and falling edge in 10 ms, Cout = 4.7 mF, VIN = 3.7 V.
http://onsemi.com
6
NCP5810
TYPICAL OPERATING CHARACTERISTICS
80 VIN = 4.5 V EFFICIENCY (%) EFFICIENCY (%)
80 VIN = 3.7 V
70 VIN = 3.7 V VIN = 2.9 V 60
70 VIN = 2.9 V
60
50 0 50 100 150 IOUT (mA)
VOUTN = -5.4 V 200 250
50 0 50 100 150 IOUT (mA)
VOUTN = -5.4 V 200 250
Figure 3. Efficiency vs. IOUT
L = MURAWA CXFU0208-4R7
Figure 4. Efficiency vs. IOUT, L = MURAWA CXFU0208-4R7 plus Optional D2 NSR0320MW2
Figure 5. Line Transient Response VOUTP at 100 mA
1 VBAT, 500 mV/div DC, from 3.5 to 3.0 V in 50 ms 2 VOUTP, 10 mV/div AC, T = 400 ms/div
Figure 6. Line Transient Response VOUTN = -5.4 V,
100 mA 1 VBAT, 500 mV/div DC, from 3.5 to 3.0 V in 50 ms 2 VOUTN, 10 mV/div AC, T = 400 ms/div
Figure 7. Continuous Conduction Mode (CCM)
1 SWP, 5 V/div DC, 4 ILP, 100 mA/div, DC, IOUTP = 100 mA
Figure 8. Discontinuous Current Mode (DCM)
1 SWP, 5 V/div, DC 4 ILP, 50 mA/div, DC, IOUTP = 20 mA
Figures 7 and 8 have been done at VBAT = 3.7 V, VOUTN = -5.4 V
http://onsemi.com
7
NCP5810
TYPICAL OPERATING CHARACTERISTICS
Figure 9. Continuous Conduction Mode (CCM)
1 SWN, 5 V/div DC, 4 ILN, 100 mA/div, DC, IOUTN = 100 mA
Figure 10. Discontinuous Current Mode (DCM)
1 SWN, 5 V/div, DC 4 ILN, 50 mA/div, DC, IOUTN = 20 mA
Figure 11. Positive Output Voltage Ripple in CCM
1 VOUTP, 10 mV/div AC, 4 ILP, 100 mA/div DC, IOUTP = 100 mA
Figure 12. Negative Output Voltage Ripple in CCM
1 VOUTN, 10 mV/div AC, 4 ILN, 100 mA/div DC, IOUTN = 100 mA
VOUTP
VOUTN
Figure 13. Start-Up After Enable
1 VOUTP, 2 V/div, 2 VOUTN, 2 V/div, 3 EN pin, 2 V/div
Figures 9 through 12 have been done at VBAT = 3.7 V and schematic depict Figure 1
http://onsemi.com
8
NCP5810
DETAILED OPERATING DESCRIPTION
Option of powering
L1
2.7 to 5.5 V
V Bat
CINA 1 mF
AVIN
PVIN
CINP 4.7 mF
4.7 mH
LXP
SWP
AVIN
MPO
SCHOTTKY
VOUTP
VOUTP COUTP
BAND GAP 1.245 V
THERMAL PROTECTION
TSD ENABLE 4.7 mF X5R 10V
True Cut-Off
FBP -
ERROR AMP
MAX DP
1 2 3 4 5 6 7
FBP
1.260 V
+ OPAMP -
TSD
PWM COMPP
+
8RST
Driver
MN1
RAMP COMP
SET
SENSE CURRENT
ONE SHOT
CLOCK IPEAK MAX P
+
IPEAK COMP
-
OSC
1.75 Mhz
ENABLE
Ipeak Max Threshold P
ENABLE EN
400 k
- IPEAK MAX N
Ipeak Max Threshold N
IPEAK COMP
+
PIVIN
SENSE CURRENT FBN
FBN +
NMOS
NSR0320
ERROR - AMP
+
PWM COMPN
-
TSD
623 mV
1 2 3 4 5 6 7
MP1
8
SWN D1
VOUTN
COUTN 4.7 mF X5R 10V R3
RST LX2 4.7 mH
MAX DN OPAMP
VREF R4
1.260 V ONE S SET
AGND
PGND
AGND
PGND
Figure 14. Functional Block Diagram
Detailed Descriptions The NCP5810 is a dual-output DC/DC converter which can generate both a positive and a negative voltage. The output voltage of the inverter is fully configurable using external feedback resistors. The switching regulator operates at 1.75 MHz which allows the use of small inductors and ceramic capacitors. The both converters are internally compensated which simplifies the design and reduces the PCB component count. Cycle-by-cycle peak current limit and thermal provide value added features to protect the device.
Boost Operation
The internal oscillator provides a 1.75 MHz clock signal to trigger the PWM controller on each rising edge (SET signal) which starts a cycle. During this phase the low side MN1 switch is turned on thus increasing the current through the inductor L1. The switch current is measured by the SENSE CURRENT and added to the RAMP COMP signal. Then PWM COMPP compares the output of the adder and the signal from ERROR AMP. When the comparator threshold is exceeded, the MN1 power switch is turned off until the rising edge of the next clock cycle. In
http://onsemi.com
9
NCP5810
addition, there are five functions which can reset the flip-flop logic to switch off the MN1. The MAX DP monitors the pulse width and if it exceeds 88% (nom) of the cycle time the switch will be turned off. This limits the switch from being on for more than one cycle. IPEAK COMP compares the sensed inductor current with the IPEAK_MAX threshold set at 700 mA (nom). If the current exceeds this value, the controller turns off the NMOS switch for the remainder of the cycle. This is a safety function to prevent any excessive current that could overload the inductor and the power stage. The boost regulator is internally compensated and provides a minimum of 45 phase margin.
Buck-Boost Inverter Operation High Output Voltage Accuracy
NCP5810 integrates a very accurate internal voltage reference (1% nom). Combined with the use of precision feedback resistors, the NCP5810 will achieve highly precise output voltages.
Excellent Line Transient Rejection and High Power Supply Rejection Ratio
Figure 9 depicts the two intervals of the buck-boost operation in Continuous Conduction Mode (CCM) in a simplified way. During the first interval, the internal PMOS power switch is turned on and the external Schottky diode is reverse biased. The inductor stores energy through the battery while the load is supplied by the output capacitor to maintain regulation. During the second interval, the switch is turned off and the diode is forward biased, this allows the energy stored in the inductor to be supplied to both the load and the capacitor. In CCM, the voltage ratio of a buck-boost inverter converter can be expressed as:
VOUT_N VIN + D where D + TON TSW 1*D
High output voltage accuracy and signal integrity makes the NCP5810 the perfect solution for biasing Active Matrix OLED displays. In order to have a steady, clean display, OLEDs have to be biased by a very accurate voltage with high immunity to line and load transients. Both regulators have been specifically designed with high loop gain and high phase margin to satisfy the great constraints of AMOLED driving. The boost converter features a high power supply rejection ratio of 60 dB (nom). PSRR is defined by
* 20LOG Enable OutputRipple VinRipple
This input logic allows enabling and disabling the converter. An active high logic level on this pin enables the device. A built-in pull-down resistor disables the device if the pin is left open.
True Shut Down
The internal oscillator provides a 1.75 MHz clock signal to trigger the PWM controller on each rising edge (SET signal) which starts a cycle. During this phase the high side PMOS switch is turned on thus increasing the current through the inductor. The switch current is measured by the SENSE CURRENT and added to the RAMP COMP signal. Then PWM COMPN compares the output of the adder and the signal from ERROR AMP. When the comparator threshold is exceeded, the PMOS power switch is turned off until the rising edge of the next clock cycle. In addition, there are five functions which can reset the flip-flop logic to switch off the NMOS. The MAX DUTY CYCLE COMP monitors the pulse width and if it exceeds 88% (nom) of the cycle time the switch will be turned off. This limits the switch from being on for more than one cycle. IPEAK COMP compares the sensed inductor current with the IPEAK_MAX threshold set at 800 mA (nom). If the current exceeds this value, the controller turns off the PMOS switch for the remainder of the cycle. This is a safety function to prevent any excessive current that could overload the inductor and the power stage. The buck-boost inverter is internally compensated and provides a minimum of 45 phase margin.
Sequencing
When in disable condition, the switch MP0 is turned off and truly isolates the battery from the output. The True shut down eliminates the leakage current from the battery to the load and significantly reduces battery consumption during disable condition, thus increasing battery life.
Inrush Current Limiting Circuitry
Before the NCP5810 boost converter is turned on, it is unknown whether the output capacitor COUTP is charged or discharged. If the output capacitor is discharged, a common boost converter shows high inductor inrush current at start-up. The internal circuitry of the NCP5810 has been carefully designed to limit the amplitude of the inrush current at start-up.
Thermal Shutdown
When the IC junction temperature exceeds 165C (nom), the power section of the device is disabled. Normal operation will resume when the junction temperature drops below 150C (nom). Design Procedure
Buck-Boost Inverter Output Voltage Setting
The sequencing is designed internally. The positive output first comes up, and then the negative output does.
The output voltage of the buck-boost inverter is also adjusted using external feedback resistors, and can be set from -2 V down to -15 V. Unlike for the boost converter, the lower feedback resistor R2 does not use the ground as a reference but uses the reference voltage (nom 1.265 V).
http://onsemi.com
10
NCP5810
R2 is placed between the feedback pin FBN (nom 632 mV) and the reference pin REF. As for the boost converter, the current flowing out of the feedback resistors must be as low as possible to ensure high efficiency in low load conditions. Nevertheless the feedback resistor impedance must not be too high to keep good voltage accuracy. Therefore it is recommended to use values in the 10 kW to 100 kW range for the lower resistor R2. The upper feedback resistor R1 can calculated using the following equation:
R1 + R 2 But : VFBN + So: R1 + R2 V OUTN * V FBN VFBN * VREF VREF 2 1) 2 V OUTN V REF
typically for each DC/DC converter, it is recommended to use a 4.7 mH low profile inductor. Some recommended inductors include but are not limited to: TDK: VLF3010AT-4R7MR70 (1.0 mm) TDK: MLP3216S2R7T (0.6 mm) SUMIDA: CDH2D09BNP (1.0 mm) MURAWA CXFU0208-4R7 (0.8 mm)
Schottky Diode Selection
For example, should one need -5.4 V for VOUTN, if a 56 kW 1% is selected of R2, R1 should be selected according to the following equation:
R1 + 56 Inductor Selection 1 ) 2 5.4 + 536 kW "1% 1.265
Three different electrical parameters need to be considered when selecting an inductor, the absolute value of the inductor, the saturation current and the DCR. During normal operation, the NCP5810 is intended to operate in Continuous Conduction Mode (CCM). The two equations below can be used to calculate the peak current for each converters:
IPEAK_P + I OUT_P hP (1 * DP) DN ) V IN D P 2 LP F
An external diode is required for the rectification of the negative output. The reverse voltage rating of the selected diode must be equal to or greater than the difference between the output voltage of the inverter and the input voltage. The average current rating of the diode must be greater than the maximum output load current. The peak current rating must be larger than the maximum peak inductor current. It is recommended to use a Schottky diode with lower forward voltage to minimize the power dissipation and therefore to maximize the efficiency of the converter. Also a particular care must be observed for parasitic capacitance versus reverse voltage and leakage current versus junction diode temperature. Both parameters are impacting the efficiency in low load condition and switching quiescent current. Some recommended Schottky diodes include but are not limited to: ON SEMICONDUCTOR: NSR0320MW2 ON SEMICONDUCTOR: RB521S30 ROHM: RSX051VA-30 PHILIPS: PMEG2005AEL
Input and Output Capacitors
For the boost converter
IPEAK_N + I OUT_N hN (1 * DN) ) V IN D N 2 LN F
For the buck-boost inverter Where VIN is the battery voltage, IOUT_X is the load current, L the inductor value, F the switching frequency, and DX the duty cycle. The global converter efficiency h varies with load current. A good approximation is to use h = 0.8 from the boost and h = 0.75 for the buck-boost inverter. It is important to ensure that the inductor current rating is high enough such that it not saturate. As the inductor size is reduced, the peak current for a given set of conditions increases along with higher current ripple so it is not possible to deliver maximum output power at lower inductor values. Finally an acceptable DCR must be selected regarding losses in the coil and must be lower than 300 mW to limit excessive voltage drop. In addition, as DCR is reduced, overall efficiency will improve. The inductor value should range between 2.7 mH and 6.8 mH,
COUTP and COUTN store energy during the TOFF phase and sustain the load during the TON phase. In order to minimize the output ripple, a 4.7 mF low ESR multi-layer ceramic capacitor type X5R is recommended. To achieve high performances (signal integrity) two 4.7 mF 6.3 V X5R should be used to bypass the input supply, CINP and CINA. Also a particular care must be observed for DC-bias effects in ceramic capacitor. Actually smaller the case-size and higher the DC bias voltage, the bigger drop in capacitance. For a stability viewpoint the percentage drop in capacitance for the chosen input or output operating voltage must be limit to 20%. Some recommended capacitors include but are not limited to: 4.7 mF 6.3 V 0603 TDK: C1608X5R0J475MT TDK: CGB4B1X5R0J475M (0.5 mm) 4.7 mF 10 V 0805 TDK: C2012X5R1A475MT MURATA: GRM219R61A475KE
http://onsemi.com
11
NCP5810
ORDERING INFORMATION
Device NCP5810MUTXG Package LLGA-12 3x3 mm (Pb-Free) Shipping 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Demo Board Available: * The NCP5810GEVB/D evaluation board that configures the device in typical application to supply constant voltage.
http://onsemi.com
12
NCP5810
PACKAGE DIMENSIONS
12 PIN LLGA MU SUFFIX CASE 513AD ISSUE A
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.15 AND 0.30 MM FROM TERMINAL TIP. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.50 0.60 0.00 0.05 0.20 0.30 3.00 BSC 2.75 2.85 3.00 BSC 1.65 1.75 0.50 BSC 0.20 --- 0.35 0.45
2X
0.15 C
2X
0.15 C
0.10 C A
12X
0.08 C A1
12X
K
12X
L
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
CCC CCC CCC
1 12
PIN ONE REFERENCE
E
TOP VIEW
SIDE VIEW C
SEATING PLANE
SOLDERING FOOTPRINT*
3.30
12X 1
D2
6
0.56
e 0.40 E2 0.25 PITCH 2.78
7
12X
11X
b BOTTOM VIEW
0.10 C A B 0.05 C
NOTE 3
0.28
1.73
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
13
NCP5810/D


▲Up To Search▲   

 
Price & Availability of NCP5810MUTXG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X