Part Number Hot Search : 
C4851 AP1121BS 4076E ES9008S IRF9510 CPZ1810 90814 LP207120
Product Description
Full Text Search
 

To Download NCP50207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCP502, NCP502A 80 mA CMOS Low Iq, Low- Dropout Voltage Regulator
The NCP502/A series of fixed output linear regulators are designed for handheld communication equipment and portable battery powered applications which require low quiescent. The NCP502/A series features an ultra-low quiescent current of 40 mA. Each device contains a voltage reference unit, an error amplifier, a PMOS power transistor, resistors for setting output voltage, current limit, and temperature limit protection circuits. The NCP502/A has been designed to be used with low cost ceramic capacitors. The device is housed in the micro-miniature SC70-5 and TSOP-5 surface mount packages. Standard voltage versions are 1.5 V, 1.8 V, 2.5 V, 2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.3 V, 3.4 V, 3.5 V, 3.6 V, 3.7 V and 5.0 V. Other voltages are available in 100 mV steps.
Features http://onsemi.com MARKING DIAGRAM
4 5 12 3 SC70-5 SQ SUFFIX CASE 419A 5 xxx MG G 1 5 xxx AYWG G 1
* * * * * * * * * * * *
Pb-Free Packages are Available Low Quiescent Current of 40 mA Typical Excellent Line and Load Regulation Low Output Voltage Option Output Voltage Accuracy of 2.0% Industrial Temperature Range of -40C to 85C NCP502: 1.3 V Enable Threshold High, 0.3 V Enable Threshold Low NCP502A: 1.0 V Enable Threshold High, 0.4 V Enable Threshold Low Cellular Phones Battery Powered Consumer Products Hand-Held Instruments Camcorders and Cameras
5 1
TSOP-5 (SOT23-5, SC59-5) SN SUFFIX CASE 483
xxx = Specific Device Code A = Assembly Location Y = Year W = Work Week M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
Typical Applications PIN CONNECTIONS
Vin GND Enable 1 2 3 (Top View) Battery or Unregulated Voltage Vout C1 + 1 2 ON OFF This device contains 86 active transistors 3 4 5 + C2 4 N/C 5 Vout
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
Figure 1. Typical Application Diagram
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev. 12
Publication Order Number: NCP502/D
NCP502, NCP502A
A AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
PIN FUNCTION DESCRIPTION
Pin No. 1 2 3 4 5 Pin Name Vin Description Positive power supply input voltage. Power supply ground. GND Enable N/C This input is used to place the device into low-power standby. When this input is pulled low, the device is disabled. If this function is not used, Enable should be connected to Vin. No internal connection. Vout Regulated output voltage.
MAXIMUM RATINGS
AAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA AAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA A
Input Voltage Vin 12 V V V Enable Voltage Output Voltage Enable Vout -0.3 to Vin +0.3 -0.3 to Vin +0.3 Power Dissipation and Thermal Characteristics Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction Temperature Operating Ambient Temperature Storage Temperature PD RqJA TJ Internally Limited 400 +125 W C/W C C C TA -40 to +85 Tstg -55 to +150 Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL-STD-883, Method 3015. Machine Model Method 200 V. 2. Latchup capability (85C) "100 mA DC with trigger voltage.
Rating
Symbol
Value
Unit
http://onsemi.com
2
NCP502, NCP502A
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 2.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25C, unless
otherwise noted.) Characteristic Output Voltage (TA = 25C, Iout = 10 mA) Vin = Vout (nom.) +1.0 V 1.5 V 1.8 V 2.5 V 2.7 V 2.8 V 2.9 V 3.0 V 3.1 V 3.3 V 3.4 V 3.5 V 3.6 V 3.7 V 5.0 V Output Voltage (TA = -40C to 85C, Iout = 10 mA) Vin = Vout (nom.) 1.5 V 1.8 V 2.5 V 2.7 V 2.8 V 2.9 V 3.0 V 3.1 V 3.3 V 3.4 V 3.5 V 3.6 V 3.7 V 5.0 V Line Regulation (Vin = Vout + 1.0 V to 12 V, Iout = 10 mA) Load Regulation (Iout = 1.0 mA to 80 mA) Output Current (Vout = (Vout at Iout = 80 mA) -3%) Dropout Voltage (TA = -40C to 85C, Iout = 80 mA, Measured at Vout -3.0%) 1.5 V-1.7 V 1.8 V-2.4 V 2.5 V-2.6 V 2.7 V-2.9 V 3.0 V-4.0 V 4.1 V-5.0 V Quiescent Current (Enable Input = 0 V) (Enable Input = Vin, Iout = 1.0 mA to Io(nom.)) Output Short Circuit Current (Vout = 0 V) Ripple Rejection (f = 1.0 kHz, 15 mA) Output Voltage Noise (f = 100 Hz to 100 kHz) Enable Input Threshold Voltage (NCP502) (Voltage Increasing, Output Turns On, Logic High) (Voltage Decreasing, Output Turns Off, Logic Low) Enable Input Threshold Voltage (NCP502A) (Voltage Increasing, Output Turns On, Logic High) (Voltage Decreasing, Output Turns Off, Logic Low) Output Voltage Temperature Coefficient 3. Maximum package power dissipation limits must be observed. T *TA PD + J(max) RqJA 4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. Symbol Vout 1.455 1.746 2.425 2.646 2.744 2.842 2.94 3.038 3.234 3.332 3.43 3.528 3.626 4.900 Vout 1.455 1.746 2.425 2.619 2.716 2.813 2.910 3.007 3.201 3.298 3.43 3.528 3.626 4.900 Regline Regload Io(nom.) Vin-Vout - - - - - - IQ - - Iout(max) RR Vn Vth(en) 1.3 - Vth(en) 1.0 - TC - - - 100 - 0.4 - ppm/C - - - 0.3 V 90 - - 0.1 40 200 55 180 1.0 90 500 - - mA dB mVrms V 1500 1300 1000 850 850 600 1900 1700 1400 1300 1200 900 mA - - 80 1.5 1.8 2.5 2.7 2.8 2.9 3.0 3.1 3.3 3.4 3.5 3.6 3.7 5.0 0.4 0.2 180 1.545 1.854 2.575 2.781 2.884 2.987 3.09 3.193 3.399 3.502 3.57 3.672 3.774 5.100 3.0 0.8 - mV/V mV/mA mA mV 1.5 1.8 2.5 2.7 2.8 2.9 3.0 3.1 3.3 3.4 3.5 3.6 3.7 5.0 1.545 1.854 2.575 2.754 2.856 2.958 3.06 3.162 3.366 3.468 3.57 3.672 3.774 5.100 V Min Typ Max Unit V
http://onsemi.com
3
NCP502, NCP502A
45 IQ, QUIESCENT CURRENT (mA) 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 VIN, INPUT VOLTAGE (V) IQ, QUIESCENT CURRENT (mA) VOUT = 3.0 V 45 42.5 40 37.5 35 32.5 30 -60 VIN = 5.0 V VOUT = 3.0 V
-40
-20
0
20
40
60
80
100
T, TEMPERATURE (C)
Figure 2. Quiescent Current versus Input Voltage
Figure 3. Quiescent Current versus Temperature
VIN, INPUT VOLTAGE (V)
VIN = 4.0 V to 5.0 V 5 4 60 40 20 0 -20 -40 0 10 20 30 40 50 60 70 80 90 COUT = 1.0 mF IOUT = 30 mA
ENABLE VOLTAGE (V)
6
10 5 0 VIN = 4.0 V VENABLE = 0 to 4.0 V
OUTPUT VOLTAGE DEVIATION (mV)
VOUT, OUTPUT VOLTAGE (V)
3.0 2.0 1.0 0 0 0.1 0.2 0.3 0.4 0.5 0.6 IOUT = 30 mA COUT = 1.0 mF
100
0.7
0.8
0.9 1.0
t, TIME (ms)
t, TIME (ms)
Figure 4. Line Transient Response
Figure 5. Enable Response
IOUT, OUTPUT CURRENT (mA)
60 RIPPLE REJECTION (dB) 30 0 100 COUT = 1.0 mF VOUT = 3.0 V VIN = 4.0 V
70
60
50
OUTPUT VOLTAGE DEVIATION (mV)
50 0 -50
40 VIN = 4.5 V + 0.5 VP-P VOUT = 3.0 V IOUT = 30 mA COUT = 1.0 mF 0.1 1.0 FREQUENCY (kHz) 10 100
30 20 0.01
-100 0 50 100 150 200 250 300 350 400 450 t, TIME (ms)
Figure 6. Load Transient Response
Figure 7. Ripple Rejection/Frequency
http://onsemi.com
4
NCP502, NCP502A
2.995 IOUT = 10 mA VOUT, OUTPUT VOLTAGE (V) 2.99 2.985 VIN = 4.0 V 2.98 2.975 2.97 2.965 2.96 -60 VIN = 12 V VOUT, OUTPUT VOLTAGE (V) 3 2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 60 80 100 0 1 2 3 4 5 6 T, TEMPERATURE (C) VIN, INPUT VOLTAGE (V) 3.5 CIN = 1.0 mF COUT = 1.0 mF VENABLE = VIN
Figure 8. Output Voltage versus Temperature
Figure 9. Output Voltage versus Input Voltage
VIN - VOUT, DROPOUT VOLTAGE (mV)
1200 1000 80 mA LOAD 800 600 400 200 0 -50 -25 0 25 50 75 T, TEMPERATURE (C) 10 mA LOAD 100 125 40 mA LOAD
Figure 10. Dropout Voltage versus Temperature
http://onsemi.com
5
NCP502, NCP502A
DEFINITIONS
Load Regulation Line Regulation
The change in output voltage for a change in output current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output drops 3.0% below its nominal. The junction temperature, load current, and minimum input supply requirements affect the dropout level.
Maximum Power Dissipation
The change in output voltage for a change in input voltage. The measurement is made under conditions of low dissipation or by using pulse technique such that the average chip temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage is excited with a given slope.
Thermal Protection
The maximum total dissipation for which the regulator will operate within its specifications.
Quiescent Current
The quiescent current is the current which flows through the ground when the LDO operates without a load on its output: internal IC operation, bias, etc. When the LDO becomes loaded, this term is called the Ground current. It is actually the difference between the input current (measured through the LDO input pin) and the output current.
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum junction temperature is exceeded. When activated at typically 160C, the regulator turns off. This feature is provided to prevent failures from accidental overheating.
Maximum Package Power Dissipation
The maximum power package dissipation is the power dissipation level at which the junction temperature reaches its maximum operating value, i.e. 125C. Depending on the ambient power dissipation and thus the maximum available output current.
http://onsemi.com
6
NCP502, NCP502A
APPLICATIONS INFORMATION A typical application circuit for the NCP502/A series is shown in Figure 1, front page.
Input Decoupling (C1)
A 1.0 mF capacitor either ceramic or tantalum is recommended and should be connected close to the NCP502/A package. Higher values and lower ESR will improve the overall line transient response. If large line or load transients are not expected, then it is possible to operate the regulator without the use of a capacitor. TDK capacitor: C2012X5R1C105K, or C1608X5R1A105K
Output Decoupling (C2)
chance to pick up noise or cause the regulator to malfunction. Set external components, especially the output capacitor, as close as possible to the circuit, and make leads as short as possible.
Thermal
The NCP502/A is a stable regulator and does not require any specific Equivalent Series Resistance (ESR) or a minimum output current. Capacitors exhibiting ESRs ranging from a few mW up to 5.0 W can thus safely be used. The minimum decoupling value is 1.0 mF and can be augmented to fulfill stringent load transient requirements. The regulator accepts ceramic chip capacitors as well as tantalum devices. Larger values improve noise rejection and load regulation transient response. TDK capacitor: C2012X5R1C105K, C1608X5R1A105K, or C3216X7R1C105K
Enable Operation
As power across the NCP502/A increases, it might become necessary to provide some thermal relief. The maximum power dissipation supported by the device is dependent upon board design and layout. Mounting pad configuration on the PCB, the board material and also the ambient temperature effect the rate of temperature rise for the part. This is stating that when the NCP502/A has good thermal conductivity through the PCB, the junction temperature will be relatively low with high power dissipation applications. The maximum dissipation the package can handle is given by:
T *TA PD + J(max) RqJA
The enable pin will turn on the regulator when pulled high and turn off the regulator when pulled low. These limits of threshold are covered in the electrical specification section of this data sheet. If the enable is not used then the pin should be connected to Vin.
Hints
If junction temperature is not allowed above the maximum 125C, then the NCP502/A can dissipate up to 250 mW @ 25C. The power dissipated by the NCP502/A can be calculated from the following equation:
Ptot + [Vin * Ignd (Iout)] ) [Vin * Vout] * Iout
or
P ) Vout * Iout VinMAX + tot Ignd ) Iout
Please be sure the Vin and GND lines are sufficiently wide. When the impedance of these lines is high, there is a
If an 80 mA output current is needed then the ground current from the data sheet is 40 mA. For an NCP502/A (3.0 V), the maximum input voltage will then be 6.12 V.
http://onsemi.com
7
NCP502, NCP502A
ORDERING INFORMATION
Device NCP502SQ15T1 NCP502SQ15T1G NCP502SQ18T1 NCP502SQ18T1G NCP502SQ25T1 NCP502SQ25T1G NCP502SQ27T1 NCP502SQ27T1G NCP502SQ28T1 NCP502SQ28T1G NCP502SQ29T1G NCP502SQ30T1 NCP502SQ30T1G NCP502SQ31T1G NCP502SQ33T1 NCP502SQ33T1G NCP502SQ34T1G NCP502SQ35T1 NCP502SQ35T1G NCP502SQ36T1G NCP502SQ37T1G NCP502SQ50T1 NCP502SQ50T1G NCP502ASQ15T1G NCP502ASQ18T1G NCP502ASQ25T1G NCP502ASQ27T1G NCP502ASQ28T1G Nominal Output Voltage 1.5 1.5 1.8 1.8 2.5 2.5 2.7 2.7 2.8 2.8 2.9 3.0 3.0 3.1 3.3 3.3 3.4 3.5 3.5 3.6 3.7 5.0 5.0 1.5 1.8 2.5 2.7 2.8 Marking LCC LCC LCD LCD LCE LCE LCF LCF LCG LCG LJI LCH LCH LJJ LCI LCI LJK LGO LGO LIU LJQ LCJ LCJ LGP LGQ LGR LGS LGT Package SC70-5 SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel
http://onsemi.com
8
NCP502, NCP502A
ORDERING INFORMATION
Device NCP502ASQ30T1G NCP502ASQ33T1G NCP502ASQ35T1G NCP502ASQ50T1G NCP502SN28T1G NCP502SN29T1G NCP502SN30T1G NCP502SN31T1G NCP502SN33T1G NCP502SN34T1G NCP502SN37T1G NCP502SN50T1G Nominal Output Voltage 3.0 3.3 3.5 5.0 2.8 2.9 3.0 3.1 3.3 3.4 3.7 5.0 Marking LGU LGV LGW LGX LKD LJN LKE LJO LKF LJP LJT LKG Package SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) SC70-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) TSOP-5 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
9
NCP502, NCP502A
PACKAGE DIMENSIONS
SC70-5, SC-88A, SOT-353 SQ SUFFIX CASE 419A-02 ISSUE J
A G
5
4
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS.
S
1 2 3
-B-
DIM A B C D G H J K N S
D 5 PL
0.2 (0.008)
M
B
M
N J C
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
NCP502, NCP502A
TSOP-5 CASE 483-02 ISSUE F
NOTE 5 2X
D 5X 0.20 C A B
5 1 2 4 3
0.10 T 0.20 T L G A B S
M K
DETAIL Z
2X
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. 5. OPTIONAL CONSTRUCTION: AN ADDITIONAL TRIMMED LEAD IS ALLOWED IN THIS LOCATION. TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2 FROM BODY. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 3.00 BSC 1.50 BSC 0.90 1.10 0.25 0.50 0.95 BSC 0.01 0.10 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00
DETAIL Z
J C 0.05 H T
SEATING PLANE
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
11
NCP502/D


▲Up To Search▲   

 
Price & Availability of NCP50207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X