Part Number Hot Search : 
21C10 SRT13 2M400 IRF141 HT68F 03952 MC7805C CT6A06
Product Description
Full Text Search
 

To Download NC7WZ0705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7WZ07 TinyLogic UHS Dual Buffer (Open Drain Outputs)
March 1999 Revised February 2005
NC7WZ07 TinyLogic UHS Dual Buffer (Open Drain Outputs)
General Description
The NC7WZ07 is a dual buffer with open drain outputs from Fairchild's Ultra High Speed Series of TinyLogic in the space saving SC70 6-lead package. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and outputs are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage.
Features
s Space saving SC70 6-lead package s Ultra small MicroPak Pb-Free leadless package s Ultra High Speed: tPZL 2.3 ns Typ into 50 pF at 5V VCC s High IOL Output Drive: 24 mA at 3V VCC s Broad VCC Operating Range: 1.65V to 5.5V s Matches the performance of LCX when operated at 3.3V VCC s Power down high impedance inputs/outputs s Overvoltage tolerant inputs facilitate 5V to 3V translation s Patented noise/EMI reduction circuitry implemented
Ordering Code:
Order Number NC7WZ07P6X NC7WZ07P6X_NL (Note 1) NC7WZ07L6X Package Number MAA06A MAA06A MAC06A Product Code Top Mark Z07 Z07 D3 Package Description 6-Lead SC70, EIAJ SC88, 1.25mm Wide Supplied As 3k Units on Tape and Reel
Pb-Free 6-Lead SC70, EIAJ SC88, 1.25mm 3k Units on Tape and Reel Wide Pb-Free 6-Lead MicroPak, 1.0mm Wide 5k Units on Tape and Reel
Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
(c) 2005 Fairchild Semiconductor Corporation
DS500218
www.fairchildsemi.com
NC7WZ07
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SC70
(Top View)
Pin Descriptions
Pin Names A1 , A2 Y1 , Y2 Description Data Inputs Output
Pin One Orientation Diagram
Function Table
Y Input A L H
H HIGH Logic Level L LOW Logic Level
AAA represents Product Code Top Mark - see ordering code
A Output Y L Z
Note: Orientation of Top Mark determines Pin One location. Read the top product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignments for MicroPak
(Top Thru View)
www.fairchildsemi.com
2
NC7WZ07
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) DC Input Diode Current (IIK) @ VIN 0.5V DC Output Diode Current (IOK) @ VOUT 0.5V DC Output Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (TL) (Soldering, 10 seconds) Power Dissipation (PD) @ 85qC 260qC 180 mW
0.5V to 7V 0.5V to 7V 0.5V to 7V 50 mA 50 mA 50 mA r100 mA 65qC to 150qC
150qC
Recommended Operating Conditions (Note 3)
Supply Voltage Operating (VCC) Supply Voltage Data Retention (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TA) Input Rise and Fall Time (tr, tf) VCC VCC VCC 1.8V, 2.5V r 0.2V 3.3V r 0.3V 5.0V r 0.5V 0 ns/V to 20 ns/V 0 ns/V to 10 ns/V 0 ns/V to 5 ns/V 350q C/W 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V 0V to 5.5V
40qC to 85qC
Thermal Resistance (TJA)
Note 2: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifications. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL ILKG VOL Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Leakage Current LOW Level Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 to 5.5 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0.0 1.65 to 5.5 0.0 0.0 0.0 0.0 0.0 0.08 0.10 0.16 0.24 0.25 Min 0.7 VCC 0.25 VCC 0.3 VCC 1.65 to 1.95 0.75 VCC TA
25qC
Typ Max
TA
40qC to 85qC
Min Max
Units V
Conditions
0.75 VCC 0.7 VCC 0.25 VCC 0.3 VCC
V
r5
0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55
r10
0.0 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55
PA
VIN VOUT
VIH VCC or GND
V
VIN
VIL
IOL
100 PA
IOL IOL V IOL IOL IOL
4 mA 8 mA 16 mA 24 mA 32 mA 5.5V
r0.1
1 1.0
r1.0
10 10
PA PA PA
0 d VIN d 5.5V VIN or VOUT VIN 5.5V, GND
3
www.fairchildsemi.com
NC7WZ07
AC Electrical Characteristics
Symbol tPZL Parameter Propagation Delay VCC (V) 1.65 1.8 2.5 r 0.2 3.3 r 0.3 5.0 r 0.5 tPLZ Propagation Delay 1.65 1.8 2.5 r 0.2 3.3 r 0.3 5.0 r 0.5 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance 0 0 3.3 5.0 Min 1.8 1.8 1.2 0.8 0.5 1.8 1.8 1.2 0.8 0.5 TA
25qC
Typ 6.6 5.5 3.7 2.9 2.3 5.5 4.3 2.8 2.1 1.4 2.5 4.0 3 4 Max 11.5 9.5 5.8 4.4 3.5 11.5 9.5 5.8 4.4 3.5
TA
40qC to 85qC
Max 12.6 10.5 6.4 4.8 3.9 12.6 10.5 6.4 4.8 3.9 1.8 1.8 1.2 0.8 0.5 1.8 1.8 1.2 0.8 0.5
Min
Units
Conditions
Figure Number
CL ns RU RD VI CL ns RU RD VI pF pF pF
50 pF 500: 500: 2 x VCC 50 pF 500: 500: 2 x VCC Figures 1, 3 Figures 1, 3
(Note 4)
Figure 2
Note 4: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD (CPD)(VCC)(fIN) (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR 1.0 MHz; tW 500 ns
FIGURE 1. AC Test Circuit
Input PRR
AC Waveform; tr tf 1.8 ns; 10 MHz; Duty Cycle 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
www.fairchildsemi.com
4
NC7WZ07
Tape and Reel Specification
TAPE FORMAT for SC70 Package Designator P6X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-6
Tape Size 8 mm
DIM A 0.093 (2.35)
DIM B 0.096 (2.45)
DIM F (3.5 r 0.10)
DIM Ko (1.35 r 0.10)
DIM P1 0.157 (4)
DIM W 0.315 r 0.004 (8 r 0.1)
0.138 r 0.004 0.053 r 0.004
5
www.fairchildsemi.com
NC7WZ07
Tape and Reel Specification
TAPE FORMAT for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End)
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 0.059/0.000 (8.40 1.50/0.00)
W2 0.567 (14.40)
W3 W1 0.078/0.039 (W1 2.00/1.00)
www.fairchildsemi.com
6
NC7WZ07
Physical Dimensions inches (millimeters) unless otherwise noted
6-Lead SC70, EIAJ SC88, 1.25mm Wide Package Number MAA06A
7
www.fairchildsemi.com
NC7WZ07 TinyLogic UHS Dual Buffer (Open Drain Outputs)
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 6-Lead MicroPak, 1.0mm Wide Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7WZ0705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X