Part Number Hot Search : 
CM810TVL SNC352 2N7002LL D7801 31DQ05TR ST3040A MAX63 BSERIES
Product Description
Full Text Search
 

To Download NC7WP240L8X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7WP240 TinyLogic ULP Dual Inverting Buffer with 3-STATE Outputs
June 2003 Revised January 2005
NC7WP240 TinyLogic ULP Dual Inverting Buffer with 3-STATE Outputs
General Description
The NC7WP240 is a Dual Inverting Buffer with independent active LOW enables for the 3-STATE outputs. The Ultra High Power device is ideal for applications where battery life is critical. This product is designed for ultra low power consumption within the VCC operating range of 0.9V to 3.6V VCC. The internal circuit is composed of a minimum of inverter stages, including the output buffer, to enable ultra low static and dynamic power. The NC7WP240 for lower drive requirements, is uniquely designed for optimized power and speed, and is fabricated with an advanced CMOS technology to achieve best in class speed operation while maintaining extremely low CMOS power dissipation.
Features
s Space saving US8 surface mount package s MicroPak Pb-Free leadless package s 0.9V to 3.6V VCC supply operation s 3.6V overvoltage tolerant I/O's at VCC from 0.9V to 3.6V s tPD 3.0 ns typ for 3.6V VCC 4.0 ns typ for 2.3V to 2.7V VCC 5.0 ns typ for 1.65V to 1.95V VCC 6.0 ns typ for 1.40V to 1.60V VCC 10.0 ns typ for 1.10V to 1.30V VCC 26.0 ns typ for 0.90V VCC s Power-Off high impedance inputs and outputs s Static Drive (IOH/IOL)
2.6 mA @ 3.00V VCC 2.1 mA @ 2.30V VCC 1.5 mA @ 1.65V VCC 1.0 mA @ 1.40V VCC 0.5 mA @ 1.10V VCC 20 A @ 0.9V VCC
s Uses patented Quiet Series noise/EMI reduction circuitry s Ultra low dynamic power
Ordering Code:
Product Order Number NC7WP240K8X NC7WP240L8X Package Number MAB08A MAC08A Code Top Mark WP40 Z3 8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel Pb-Free 8-Lead MicroPak, 1.6 mm Wide 5k Units on Tape and Reel Package Description Supplied As
Pb-Free package per JEDEC J-STD-020B.
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can extend your battery life significantly. Battery Life = (Vbattery *Ibattery*.9)/(Pdevice)/24hrs/day Where, Pdevice = (ICC * VCC) + (CPD + C L) * VCC2 * f Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
(c) 2005 Fairchild Semiconductor Corporation
DS500818
www.fairchildsemi.com
NC7WP240
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for US8
Pin Descriptions
Pin Names OEn An Yn Description Enable Inputs for 3-STATE Outputs Inputs 3-STATE Outputs (Top View) Pin One Orientation Diagram
Function Table
Inputs OE L L H H
H = HIGH Logic Level L = LOW Logic Level Z = 3-STATE
Output An L H L H Yn H L Z Z
AAA represents Product Code Top Mark - see ordering code Note: Orientation of Top Mark determines Pin One location. Read the top product code mark left to right, Pin One is the lower left pin (see diagram).
Pad Assignment for MicroPak
(Top Thru View)
www.fairchildsemi.com
2
NC7WP240
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) HIGH or LOW State (Note 2) VCC = 0V DC Input Diode Current (IIK) VIN < 0V DC Output Diode Current (IOK) VOUT < 0V VOUT > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC/Ground Current per Supply Pin (ICC or Ground) Storage Temperature Range (TSTG)
-0.5V to +4.6V -0.5V to +4.6V -0.5V to VCC +0.5V -0.5V to +4.6V 50 mA -50 mA +50 mA 50 mA 50 mA -65C to +150C
Recommended Operating Conditions (Note 3)
Supply Voltage Input Voltage (VIN) Output Voltage (VOUT) HIGH or LOW State VCC = 0V Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 1.95V VCC = 1.40V to 1.60V VCC = 1.10V to 1.30V VCC = 0.9V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 1: Absolute Maximum Ratings: are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
0.9V to 3.6V 0V to 3.6V 0V to VCC 0V to 3.6V
2.6 mA 2.1 mA 1.5 mA 1.0 mA 0.5 mA 20 A -40C to +85C
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VCC (V) 0.90 TA = +25C Min 0.65 x VCC Max TA = -40C to +85C Min 0.65 x VCC 0.65 x VCC 0.65 x VCC 0.65 x VCC 1.6 2.1 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.9 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 1.70 1.24 1.95 2.61 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 VCC - 0.1 0.70 x VCC 0.99 1.22 1.87 2.55 V IOH = -0.5 mA IOH = -1.0 mA IOH = -1.5 mA IOH = -2.1 mA IOH = -2.6 mA IOH = -20 A 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.9 V V Max Units Conditions
1.10 VCC 1.30 0.65 x VCC 1.40 VCC 1.60 0.65 x VCC 1.65 VCC 1.95 0.65 x VCC 2.30 VCC 2.70 3.00 VCC 3.60 1.6 2.1
VIL
LOW Level Input Voltage
0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60
VOH
HIGH Level Output Voltage
0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60
1.10 VCC 1.30 0.75 x VCC
3
www.fairchildsemi.com
NC7WP240
DC Electrical Characteristics
Symbol VOL Parameter LOW Level Output Voltage VCC (V) 0.90
(Continued)
TA = +25C Min Max 0.1 0.1 0.1 0.1 0.1 0.1 0.30 x VCC 0.31 0.31 0.31 0.31 0.1 0.5 0.5 0.9 TA = -40C to +85C Min Max 0.1 0.1 0.1 0.1 0.1 0.1 0.30 x VCC 0.37 0.35 0.33 0.33 0.5 0.5 0.5 0.9 A A A A V IOL = 0.5 mA IOL = 1.0 mA IOL = 1.5 mA IOL = 2.1 mA IOL = 2.6 mA 0 VI 3.6V VI = VIH or VIL 0 VO 3.6V 0 (VI, VO) 3.6V VI = VCC or GND IOL = 20 A
Units
Conditions
1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60
IIN IOZ IOFF ICC
Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current
0.90 to 3.60 0.90 to 3.60 0 0.90 to 3.60
AC Electrical Characteristics
Symbol tPHL, tPLH Parameter Propagation Delay VCC (V) 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPZH, tPZL Output Enable Time 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPHZ, tPLZ Output Disable Time 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPHL, tPLH Propagation Delay 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPZH, tPZL Output Enable Time 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 5.0 3.0 2.0 1.5 1.0 5.0 3.0 2.0 1.5 1.0 4.0 2.0 1.5 1.0 1.0 4.0 2.0 1.5 1.0 1.0 4.0 2.0 1.5 1.0 1.0 Min TA = +25C Typ 26.0 10.0 6.0 5.0 4.0 3.0 29.0 8.0 6.0 5.0 4.0 3.0 28.0 8.0 6.0 5.0 4.0 3.0 28.0 10.0 7.0 5.0 4.0 3.0 31.0 11.0 7.0 5.0 4.0 3.0 18.2 12.5 10.2 8.0 7.2 4.5 2.5 2.0 1.0 0.5 43.3 15.5 12.9 9.9 8.9 ns 20.5 11.8 9.1 6.6 5.6 4.5 2.5 2.0 1.0 0.5 42.5 15.4 12.2 8.6 7.5 CL = 15 pF RU = 5000 RD = 5000 S1 = GND for tPZH S1 = VI for tPZL Figures 1, 2 ns CL = 15 pF RL = 1 M Figures 1, 2 20.5 15.3 14.7 13.7 13.5 3.5 1.5 1.0 0.8 0.5 42.0 18.0 17.8 15.0 14.8 ns 17.5 11.9 9.7 7.7 6.9 3.5 1.5 1.0 0.8 0.5 40.4 14.8 12.3 10.5 8.6 CL = 10 pF RU = 500 RD = 5000 S1 = GND for tPHZ S1 = V1 for tPLZ Figures 1, 2 ns 19.1 11.2 8.6 6.3 5.3 3.5 1.5 1.0 0.8 0.5 39.6 14.5 11.6 8.2 7.2 CL = 10 pF RU = 500 RD = 5000 S1 = GND for tPZH S1 = V1 for tPZL Figures 1, 2 ns CL = 10 pF RL = 1 M Figures 1, 2 Max TA = -40C to +85C Min Max Units Conditions Figure Number
www.fairchildsemi.com
4
NC7WP240
AC Electrical Characteristics
Symbol tPHZ, tPLZ Parameter Output Disable Time VCC (V) 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPHL, tPLH Propagation Delay 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPZH, tPZL Output Enable Time 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 tPHZ, tPLZ Output Disable Time 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC 2.70 3.00 VCC 3.60 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance 0 0 0.9 to 3.60
(Continued)
TA = +25C Min 5.0 3.0 2.0 1.5 1.0 5.5 4.0 2.0 1.0 0.8 6.0 4.0 2.0 1.0 0.8 6.0 4.0 2.0 1.0 0.8 Typ 30.0 11.0 7.0 5.0 4.0 3.0 34.0 12.0 8.0 6.0 5.0 4.0 37.0 13.0 8.0 6.0 5.0 4.0 36.0 13.0 8.0 6.0 5.0 4.0 2.0 4.0 10.0 24.8 17.1 16.5 15.2 14.8 5.0 3.0 2.0 1.0 0.5 53.5 21.1 20.5 16.7 16.3 pF pF pF VI = VO or VCC, f = 10 MHZ ns 24.4 14.5 11.7 9.1 8.1 5.0 3.0 2.0 1.0 0.5 51.9 17.9 14.7 11.1 10.1 CL = 30 pF RU = 5000 RD = 5000 S1 = GND for tPHZ S1 = VI for tPLZ Figures 1, 2 ns 23.4 13.8 10.6 7.6 6.4 5.0 3.0 2.0 1.0 0.5 51.1 17.7 14.0 9.9 8.9 CL = 30 pF RU = 5000 RD = 5000 S1 = GND for tPZH S1 = VI for tPZL Figures 1, 2 ns CL = 30 pF RL = 1 M Figures 1, 2 21.6 15.9 15.2 14.1 13.9 4.5 2.5 2.0 1.0 0.5 44.9 18.8 18.2 15.4 15.1 ns Max TA = -40C to +85C Min Max CL = 15 pF RU = 5000 RD = 5000 S1 = GND for tPHZ S1 = VI for tPLZ Figures 1, 2
Units
Conditions
Figure Number
5
www.fairchildsemi.com
NC7WP240
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz; tw = 500 ns
FIGURE 1. AC Test Circuit
Input = AC Waveform; tr = tf = 1.8 ns; PRR = 10 MHz; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol Vmi Vmo
VCC 3.3V 0.3V 1.5V 0.3V 2.5V 0.2V VCC/2 0.15V 1.8V 0.15V VCC/2 0.15V 1.5V 0.10V VCC/2 0.10V 1.2V 0.10V VCC/2 0.10V 0.9V VCC/2 0.10V
www.fairchildsemi.com
6
NC7WP240
Tape and Reel Specification
TAPE FORMAT for US8 Package Designator K8X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
TAPE FORMAT for MicroPak Package Designator L8X
Tape Section
Number Cavities 125 (typ) 3000 75 (typ)
Cavity Status Empty Filled Empty
Cover Tape Status Sealed Sealed Sealed
Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters)
7
www.fairchildsemi.com
NC7WP240
Tape and Reel Specification
REEL DIMENSIONS inches (millimeters)
(Continued)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00)
W2 0.567 (14.40)
W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00)
www.fairchildsemi.com
8
NC7WP240
Physical Dimensions inches (millimeters) unless otherwise noted
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide Package Number MAB08A
9
www.fairchildsemi.com
NC7WP240 TinyLogic ULP Dual Inverting Buffer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 8-Lead MicroPak, 1.6 mm Wide Package Number MAC08A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7WP240L8X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X