|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NC7SV74 TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear June 2003 Revised April 2005 NC7SV74 TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear General Description The NC7SV74 is a single D-type CMOS Flip-Flop with preset and clear from Fairchild's Ultra Low Power-A (ULP-A) Series of TinyLogic in both the space saving US8 and MicroPak packages. ULP-A is ideal for applications that require extreme high speed, high drive and low power. This product is designed for a wide low voltage operating range (0.9V to 3.6V VCC) and applications that require more drive and speed than the TinyLogic ULP series, but still require low power consumption. The NC7SV74 is uniquely designed for optimized power and speed, and is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation. The signal level applied to the D input is transferred to the Q output during the positive going transition of the CLK pulse. Features s Space saving US8 surface mount package s MicroPak Pb-Free leadless package s 0.9V to 3.6V VCC supply operation s 3.6V overvoltage tolerant I/Os at VCC from 0.9V to 3.6V s Extremely High Speed tPD 1.0 ns typ for 2.7V to 3.6V VCC 1.2 ns typ for 2.3V to 2.7V VCC 1.9 ns typ for 1.65V to 1.95V VCC 3.2 ns typ for 1.4V to 1.6V VCC 6.0 ns typ for 1.1V to 1.3V VCC 13.0 ns typ for 0.9V VCC s Power-Off high impedance inputs and outputs s High Static Drive (IOH/IOL) r24.0 mA @ 3.00V VCC r18.0 mA @ 2.30V VCC r6.0 mA r4.0 mA r2.0 mA r0.1 mA @ 1.65V VCC @ 1.4V VCC @ 1.1V VCC @ 0.9V VCC s Ultra low dynamic power Ordering Code: Product Order Number NC7SV74K8X NC7SV74L8X Package MAB08A MAC08A Code V74 Z4 Package Description Supplied As Number Top Mark 8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide 3k Units on Tape and Reel Pb-Free 8-Lead MicroPak, 1.6 mm Wide 5k Units on Tape and Reel Pb-Free package per JEDEC J-STD-020B. Battery Life vs. VCC Supply Voltage TinyLogic ULP and ULP-A with up to 50% less power consumption can extend your battery life significantly. Battery Life (Vbattery *Ibattery*.9)/(Pdevice)/24hrs/day Where, Pdevice (ICC * VCC) (CPD C L) * VCC2 * f Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and derated 90% and device frequency at 10MHz, with CL 15 pF load TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak and Quiet Series are trademarks of Fairchild Semiconductor Corporation. (c) 2005 Fairchild Semiconductor Corporation DS500819 www.fairchildsemi.com NC7SV74 Pin Descriptions Pin Names D CK CLR Q, Q PR Description Data Input Clock Pulse Input Direct Clear Input Flip-Flop Output Direct Preset Input Logic Symbol IEEE/IEC Connection Diagrams Truth Table Inputs CLR L H L H H H H L Qn X Z Pin Assignments for US8 Outputs Function CK X X X Q L H H L H Qn Q H L H H L Qn Clear Preset -- -- -- No Change (Top View) Pin One Orientation Diagram PR H L L H H H D X X X L H X n n p n p HIGH Logic Level LOW Logic Level No change in data Immaterial High Impedance Rising Edge Falling edge AAA represents Product Code Top Mark - see ordering code Note: Orientation of Top Mark determines Pin One location. Read the top product code mark left to right, Pin One is the lower left pin (see diagram). Pad Assignments for MicroPak (Top Thru View) www.fairchildsemi.com 2 NC7SV74 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) HIGH or LOW State (Note 2) VCC 0V DC Input Diode Current (IIK) VIN 0V DC Output Diode Current (IOK) VOUT 0V VOUT ! VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or Ground Current per Supply Pin (ICC or Ground) Storage Temperature Range (TSTG) 0.5V to 4.6V 0.5V to 4.6V 0.5V to VCC 0.5V 0.5V to 4.6V r50 mA 50 mA 50 mA r 50 mA r 50 mA 65qC to 150qC Recommended Operating Conditions (Note 3) Power Supply Input Voltage (VIN) Output Voltage (VOUT) VCC 0.0V 0V to 3.6V 0V to VCC HIGH or LOW State Output Current in IOH/IOL VCC VCC VCC VCC VCC VCC 3.0V to 3.6V 2.3V to 2.7V 1.65V to 1.95V 1.4V to 1.6V 1.1V to 1.3V 0.9V 0.9V to 3.6V 0V to 3.6V Free Air Operating Temperature (TA) Minimum Input Edge Rate ('t/'V) VIN 0.8V to 2.0V, VCC 3.0V r24.0 mA r18.0 mA r6.0 mA r4.0 mA r2.0 mA r0.1 mA 40qC to 85qC 10 ns/V Note 1: Absolute Maximum Ratings: are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Symbol VIH Parameter HIGH Level Input Voltage VCC (V) 0.90 TA Min 0.65 x VCC 25qC Max TA 40qC to 85qC Max Units Conditions Min 0.65 x VCC 0.65 x VCC 0.65 x VCC 0.65 x VCC 1.6 2.0 1.10 d VCC d 1.30 0.65 x VCC 1.40 d VCC d 1.60 0.65 x VCC 1.65d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 0.65 x VCC 1.6 2.0 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 VCC - 0.1 VCC - 0.1 VCC - 0.2 VCC - 0.2 VCC - 0.2 VCC - 0.2 V VIL LOW Level Input Voltage 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 VCC - 0.1 VCC - 0.1 VCC - 0.2 VCC - 0.2 VCC - 0.2 VCC - 0.2 0.75 x VCC 0.75 x VCC 1.25 2.0 1.8 2.2 1.7 2.4 2.2 V IOH IOH IOH IOH IOH IOH IOH V VOH HIGH Level Output Voltage 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 100 PA 1.10 d VCC d 1.30 0.75 x VCC 1.40 d VCC d 1.60 0.75 x VCC 1.65d VCC d 1.95 2.30 d VCC d 2.70 2.30 d VCC d 2.70 2.70 d VCC d 3.60 2.30 d VCC d 2.70 2.70 d VCC d 3.60 2.70 d VCC d 3.60 1.25 2.0 1.8 2.2 1.7 2.4 2.2 2.0 mA 4.0 mA 6.0 mA 12.0 mA 18.0 mA 24.0 mA 3 www.fairchildsemi.com NC7SV74 DC Electrical Characteristics Symbol VOL Parameter LOW Level Output Voltage VCC (V) 0.90 (Continued) TA Min 25qC Max 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 TA 40qC to 85qC Max 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 Units Conditions Min 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 2.30 d VCC d 2.70 2.70 d VCC d 3.60 2.70 d VCC d 3.60 IOL 100 PA V IOL IOL IOL IOL IOL IOL 2.0 mA 4.0 mA 6.0 mA 12.0 mA 18.0 mA 24.0 mA IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0.90 to 3.60 0 0.90 to 3.60 0.90 to 3.60 r0.1 0.5 0.9 r0.5 0.5 0.9 PA PA PA 0 d VI d 3.6V 0 d (VI, VO) d 3.6V VI VCC or GND VCC d VI d 3.6V r0.9 AC Electrical Characteristics Symbol fMAX Parameter Maximum Clock Frequency VCC (V) 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 tPLH tPHL Propagation Delay CK to Q, Q 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 tPLH tPHL Propagation Delay CLR, PR, to Q, Q 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 tS Setup Time, CK to D 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 tH Hold Time, CK to D 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 0.5 0.5 0.5 0.5 0.5 3.5 2.0 1.5 2.0 1.5 0.5 3.0 1.0 1.0 0.8 0.7 3.0 1.0 1.0 0.8 0.7 150 200 200 200 200 13.0 6.0 3.2 1.9 1.2 1.0 14.0 6.5 3.2 1.9 1.2 1.0 6.5 10.5 6.0 4.5 3.0 2.8 1.0 1.0 1.0 0.7 0.6 6.5 3.5 2.0 1.5 2.0 1.5 0.5 0.5 0.5 0.5 0.5 0.5 ns CL CL CL RL 15 pF, RL 15 pF, RL 30 pF 500: 1 M: 2 K: Figures 1, 4 ns 15.1 7.2 5.3 3.7 3.2 CL CL CL RL 15 pF, RL 15 pF, RL 30 pF 500: 1 M: 2 K: Figures 1, 4 ns 9.9 6.0 4.5 3.0 2.8 1.0 1.0 1.0 0.7 0.6 14.6 7.2 5.3 3.7 3.2 CL CL CL RL 15 pF, RL 15 pF, RL 30 pF 500: 1 M: 2 K: Figures 1, 3 ns Min TA 25qC Typ 50 Max TA 40qC to 85qC Min 150 200 250 175 200 Max Units CL CL MHz CL RL CL CL CL RL Conditions 15 pF, RL 15 pF, RL 30 pF 500: 15 pF, RL 15 pF, RL 30 pF 500: 1 M: 2 K: 1 M: 2 K: Figure Number Figures 1, 5 Figures 1, 3 www.fairchildsemi.com 4 NC7SV74 AC Electrical Characteristics Symbol tW Parameter Pulse Width, CK, PR, CLR VCC (V) 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 tREC Recover Time CLR, PR to CK 0.90 1.10 d VCC d 1.30 1.40 d VCC d 1.60 1.65 d VCC d 1.95 2.30 d VCC d 2.70 2.70 d VCC d 3.60 4.5 3.0 3.0 3.0 3.0 4.0 3.0 3.0 3.0 3.0 Min (Continued) TA 25qC Typ 7.0 Max TA 40qC to 85qC Min 7.0 4.0 3.0 3.0 3.0 3.0 Max Units CL CL ns CL RL CL CL ns CL RL Conditions 15 pF, RL 15 pF, RL 30 pF 500: 15 pF, RL 15 pF, RL 30 pF 500: 1 M: 2 K: 1 M: 2 K: Figure Number Figures 1, 5 8.0 8.0 4.5 3.0 3.0 3.0 3.0 Figures 1, 4 Capacitance Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Typ 2.0 4.5 20.0 Max Units pF pF pF VCC VCC VI f 0V 0V VCC or 0V 10 MHz Conditions 5 www.fairchildsemi.com NC7SV74 AC Loading and Waveforms CL includes load and stray capacitance Input PRR 1.0 MHz; tw 500 ns FIGURE 1. AC Test Circuit Test tPLH, tPHL tPZL, tPLZ tPZH, tPHZ Switch Open 6V at VCC 3.3V r 0.3V VCC x 2 at VCC GND 3.0V CP Input AC Waveform; tr tf 2.5 ns; 50% CP Input PRR D Input PRR 10 MHz; Duty Cycle 5MHz; Duty Cycle 50% FIGURE 2. ICCD Test Circuit FIGURE 3. AC Waveforms FIGURE 4. AC Waveforms FIGURE 5. AC Waveforms www.fairchildsemi.com 6 NC7SV74 Tape and Reel Specification TAPE FORMAT for US8 Package Designator K8X Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Tape Section Leader (Start End) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed TAPE FORMAT for MicroPak Package Designator L8X Carrier Tape Section Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed Leader (Start End) Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) 7 www.fairchildsemi.com NC7SV74 Tape and Reel Specification REEL DIMENSIONS inches (millimeters) (Continued) Tape Size 8 mm A 7.0 (177.8) B 0.059 (1.50) C 0.512 (13.00) D 0.795 (20.20) N 2.165 (55.00) W1 0.331 0.059/0.000 (8.40 1.50/0.00) W2 0.567 (14.40) W3 W1 0.078/0.039 (W1 2.00/1.00) www.fairchildsemi.com 8 NC7SV74 Physical Dimensions inches (millimeters) unless otherwise noted 8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide Package Number MAB08A 9 www.fairchildsemi.com NC7SV74 TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear Physical Dimensions inches (millimeters) unless otherwise noted (Continued) Pb-Free 8-Lead MicroPak, 1.6 mm Wide Package Number MAC08A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com |
Price & Availability of NC7SV7405 |