|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NC7SV38 TinyLogic ULP-A 2-Input NAND Gate (Open Drain Output) August 2002 Revised March 2004 NC7SV38 TinyLogic ULP-A 2-Input NAND Gate (Open Drain Output) General Description The NC7SV38 is a single 2-Input NAND Gate with open drain output stage from Fairchild's Ultra Low Power-A (ULP-A) series of TinyLogic. ULP-A is ideal for applications that require extreme high speed, high drive and low power. This product is designed for a wide low voltage operating range (0.9V to 3.6V VCC) and applications that require more drive and speed than the TinyLogic ULP series, but still offer best in class low power operation. The NC7SV38 is uniquely designed for optimized power and speed, and is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation. Features s 0.9V to 3.6V VCC supply operation s 3.6V overvoltage tolerant I/O's at VCC from 0.9V to 3.6V s Extremely High Speed tPD 1.0 ns typ for 2.7V to 3.6V VCC 1.2 ns typ for 2.3V to 2.7V VCC 2.0 ns typ for 1.65V to 1.95V VCC 3.2 ns typ for 1.4V to 1.6V VCC 6.0 ns typ for 1.1V to 1.3V VCC 13.0 ns typ for 0.9V VCC s Power-Off high impedance inputs and outputs s High Static Drive (IOH/IOL) 24 mA @ 3.00V VCC 18 mA @ 2.30V VCC 6 mA 4 mA 2 mA @ 1.65V VCC @ 1.4V VCC @ 1.1V VCC 0.1 mA @ 0.9V VCC s Uses patented Quiet Series noise/EMI reduction circuitry s Ultra small MicroPak leadfree package s Ultra low dynamic power Ordering Code: Order Number NC7SV38P5X NC7SV38L6X Package Number MAA05A MAC06A Product Code Top Mark V38 G9 Package Description 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 5k Units on Tape and Reel Battery Life vs. VCC Supply Voltage TinyLogic ULP and ULP-A with up to 50% less power consumption can extend your battery life significantly. Battery Life = (Vbattery *Ibattery*.9)/(Pdevice)/24hrs/day Where, Pdevice = (ICC * VCC) + (CPD + C L) * VCC2 * f Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and derated 90% and device frequency at 10MHz, with CL = 15 pF load TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak and Quiet Series are trademarks of Fairchild Semiconductor Corporation. (c) 2004 Fairchild Semiconductor Corporation DS500614 www.fairchildsemi.com NC7SV38 Logic Symbol IEEE/IEC Connection Diagrams Pin Assignments for SC70 Pin Descriptions Pin Names A, B Y NC Description Input Output No Connect (Top View) Pad Assignments for MicroPak Function Table Y = AB Input A L L H H B L H L H Output Y *H *H *H L (Top Thru View) H = HIGH Logic Level L = LOW Logic Level *H = HIGH Impedance Output State (Open Drain) www.fairchildsemi.com 2 NC7SV38 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) HIGH or LOW State (Note 2) VCC = 0V DC Input Diode Current (IIK) VIN < 0V DC Output Diode Current (IOK) VOUT < 0V VOUT > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or Ground Current per Supply Pin (ICC or Ground) Storage Temperature Range (TSTG) -0.5V to +4.6V -0.5V to +4.6V -0.5V to VCC +0.5V -0.5V to +4.6V 50 mA -50 mA +50 mA 50 mA 50 mA -65C to +150C Recommended Operating Conditions (Note 3) Supply Voltage Input Voltage (VIN) Output Voltage (VOUT) VCC = 0.0V HIGH or LOW State Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 1.95V VCC = 1.4V to 1.6V VCC = 1.1V to 1.3V VCC = 0.9V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V Note 1: Absolute Maximum Ratings: are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float. 0.9V to 3.6V 0V to 3.6V 0V to 3.6V 0V to VCC 24 mA 18 mA 6 mA 4 mA 2 mA 0.1 mA -40C to +85C DC Electrical Characteristics Symbol VIH Parameter HIGH Level Input Voltage VCC (V) 0.90 TA = +25C Min 0.65 x VCC Max TA = -40C to +85C Min 0.65 x VCC 0.65 x VCC 0.65 x VCC 0.65 x VCC 1.6 2.0 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 0.1 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 0.5 A V IOL = 2 mA IOL = 4 mA IOL = 6 mA IOL = 12 mA IOL = 18 mA IOL = 24 mA 0 VI 3.6V IOL = 100 A V V Max Units Conditions 1.10 VCC 1.30 0.65 x VCC 1.40 VCC 1.60 0.65 x VCC 1.65 VCC 1.95 0.65 x VCC 2.30 VCC < 2.70 2.70 VCC 3.60 1.6 2.0 VIL LOW Level Input Voltage 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 VOL LOW Level Output Voltage 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 2.30 VCC < 2.70 2.70 VCC 3.60 2.70 VCC 3.60 IIN Input Leakage Current 0.90 to 3.60 3 www.fairchildsemi.com NC7SV38 DC Electrical Characteristics Symbol IOFF ICC Parameter Power Off Leakage Current Quiescent Supply Current VCC (V) 0 0.90 to 3.60 0.90 to 3.60 (Continued) TA = +25C Min Max 0.5 0.9 TA = -40C to +85C Min Max 0.5 0.9 0.9 A A 0 (VI, VO) 3.6V VI = VCC or GND VCC VI 3.6V Units Conditions AC Electrical Characteristics Symbol tPZL tPLZ Parameter Propagation Delay VCC (V) 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance 0 0 0.90 to 3.60 3.0 1.0 1.0 0.8 0.7 Min TA = +25C Typ 13 6.0 3.2 2.0 1.2 1.0 2.0 6.5 8 15.0 8.7 6.0 3.6 3.3 1.0 1.0 1.0 0.7 0.6 18.6 9.7 6.8 4.7 4.0 pF pF pF VI = 0V or VCC f = 10 MHz ns Max TA = -40C to +85C Min Max Units Conditions CL = 15 pF, RU = RD = 1000 CL = 15 pF, RU = RD = 1000 CL = 30 pF, RU = RD = 1000 Figures 1, 2 Figure Number AC Loading and Waveforms FIGURE 1. AC Test Circuit FIGURE 2. Waveform for Inverting and Non-Inverting Functions Symbol Vmi VX VCC 3.3V 0.3V 1.5V VOL + 0.3V 2.5V 0.2V VCC/2 VOL + 0.3V 1.8V 0.15V VCC/2 VOL + 0.15V 1.5V 0.10V VCC/2 VOL + 0.1V 1.2V 0.10V VCC/2 VOL + 0.1V 0.9V VCC/2 VOL + 0.1V www.fairchildsemi.com 4 NC7SV38 Tape and Reel Specification TAPE FORMAT for SC70 Package Designator P5X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed 5 www.fairchildsemi.com NC7SV38 Tape and Reel Specification TAPE FORMAT for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) (Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed REEL DIMENSIONS inches (millimeters) Tape Size 8 mm A 7.0 (177.8) B 0.059 (1.50) C 0.512 (13.00) D 0.795 (20.20) N 2.165 (55.00) W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00) W2 0.567 (14.40) W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00) www.fairchildsemi.com 6 NC7SV38 Physical Dimensions inches (millimeters) unless otherwise noted 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Package Number MAA05A 7 www.fairchildsemi.com NC7SV38 TinyLogic ULP-A 2-Input NAND Gate (Open Drain Output) Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 6-Lead MicroPak, 1.0mm Wide Package Number MAC06A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com |
Price & Availability of NC7SV3804 |