|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NC7SV32 TinyLogic ULP-A 2-Input OR Gate June 2002 Revised March 2004 NC7SV32 TinyLogic ULP-A 2-Input OR Gate General Description The NC7SV32 is a single 2-Input OR Gate from Fairchild's Ultra Low Power-A (ULP-A) Series of TinyLogic. ULP-A is ideal for applications that require extreme high speed, high drive and low power. This product is designed for a wide low voltage operating range (0.9V to 3.6V VCC) and applications that require more drive and speed than the TinyLogic ULP series, but still offer best in class low power operation. The NC7SV32 is uniquely designed for optimized power and speed, and is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation. Features s 0.9V to 3.6V VCC supply operation s 3.6V overvoltage tolerant I/O's at VCC from 0.9V to 3.6V s Extremely High Speed tPD 1.0 ns typ for 2.7V to 3.6V VCC 1.2 ns typ for 2.3V to 2.7V VCC 2.0 ns typ for 1.65V to 1.95V VCC 3.2 ns typ for 1.4V to 1.6V VCC 6.0 ns typ for 1.1V to 1.3V VCC 13.0 ns typ for 0.9V VCC s Power-Off high impedance inputs and outputs s High Static Drive (IOH/IOL) 24 mA @ 3.00V VCC 18 mA @ 2.30V VCC 6 mA 4 mA 2 mA @ 1.65V VCC @ 1.4V VCC @ 1.1V VCC 0.1 mA @ 0.9V VCC s Uses patented Quiet Series noise/EMI reduction circuitry s Ultra small MicroPak leadfree package s Ultra low dynamic power Ordering Code: Order Number NC7SV32P5X NC7SV32L6X Package Number MAA05A MAC06A Product Code Top Mark V32 G6 Package Description 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 5k Units on Tape and Reel Battery Life vs. VCC Supply Voltage TinyLogic ULP and ULP-A with up to 50% less power consumption can extend your battery life significantly. Battery Life = (Vbattery *Ibattery*.9)/(Pdevice)/24hrs/day Where, Pdevice = (ICC * VCC) + (CPD + C L) * VCC2 * f Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and derated 90% and device frequency at 10MHz, with CL = 15 pF load TinyLogic, Quiet Series, and MicroPak are trademarks of Fairchild Semiconductor Corporation. (c) 2004 Fairchild Semiconductor Corporation DS500613 www.fairchildsemi.com NC7SV32 Logic Symbol IEEE/IEC Connection Diagrams Pin Assignments for SC70 Pin Descriptions Pin Names A, B Y NC Description Input Output No Connect (Top View) Pad Assignments for MicroPak Function Table Y=A+B Input A L L H H H = HIGH Logic Level L = LOW Logic Level Output B L H L H Y L H H H (Top Thru View) www.fairchildsemi.com 2 NC7SV32 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) HIGH or LOW State (Note 2) VCC = 0V DC Input Diode Current (IIK) VIN < 0V DC Output Diode Current (IOK) VOUT < 0V VOUT > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or Ground Current per Supply Pin (ICC or Ground) Storage Temperature Range (TSTG) -0.5V to +4.6V -0.5V to +4.6V -0.5V to VCC +0.5V -0.5V to +4.6V 50 mA -50 mA +50 mA 50 mA 50 mA -65C to +150C Recommended Operating Conditions (Note 3) Supply Voltage Input Voltage (VIN) Output Voltage (VOUT) VCC = 0.0V HIGH or LOW State Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 1.95V VCC = 1.4V to 1.6V VCC = 1.1V to 1.3V VCC = 0.9V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V Note 1: Absolute Maximum Ratings: are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float. 0.9V to 3.6V 0V to 3.6V 0V to 3.6V 0V to VCC 24 mA 18 mA 6 mA 4 mA 2 mA 0.1 mA -40C to +85C DC Electrical Characteristics Symbol VIH Parameter HIGH Level Input Voltage VCC (V) 0.90 TA = +25C Min 0.65 x VCC Max TA = -40C to +85C Min 0.65 x VCC 0.65 x VCC 0.65 x VCC 0.65 x VCC 1.6 2.0 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 VCC - 0.1 VCC - 0.1 VCC - 0.2 VCC - 0.2 VCC - 0.2 VCC - 0.2 VCC - 0.1 VCC - 0.1 VCC - 0.2 VCC - 0.2 VCC - 0.2 VCC - 0.2 0.75 x VCC 0.75 x VCC 1.25 2.0 1.8 2.2 1.7 2.4 2.2 V IOH = -2 mA IOH = -4 mA IOH = -6 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA IOH = -100 A 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.35 x VCC 0.7 0.8 V V Max Units Conditions 1.10 VCC 1.30 0.65 x VCC 1.40 VCC 1.60 0.65 x VCC 1.65 VCC 1.95 0.65 x VCC 2.30 VCC < 2.70 2.70 VCC 3.60 1.6 2.0 VIL LOW Level Input Voltage 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 VOH HIGH Level Output Voltage 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 1.10 VCC 1.30 0.75 x VCC 1.40 VCC 1.60 0.75 x VCC 1.65 VCC 1.95 2.30 VCC < 2.70 2.30 VCC < 2.70 2.70 VCC 3.60 2.30 VCC < 2.70 2.70 VCC 3.60 2.70 VCC 3.60 1.25 2.0 1.8 2.2 1.7 2.4 2.2 3 www.fairchildsemi.com NC7SV32 DC Electrical Characteristics Symbol VOL Parameter LOW Level Output Voltage VCC (V) 0.90 (Continued) TA = +25C Min Max 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 0.1 0.5 0.9 TA = -40C to +85C Min Max 0.1 0.1 0.2 0.2 0.2 0.2 0.25 x VCC 0.25 x VCC 0.3 0.4 0.4 0.6 0.4 0.55 0.5 0.5 0.9 0.9 A A A V IOL = 2 mA IOL = 4 mA IOL = 6 mA IOL = 12 mA IOL = 18 mA IOL = 24 mA 0 VI 3.6V 0 (VI, VO) 3.6V VI = VCC or GND VCC VI 3.6V IOL = 100 A Units Conditions 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 2.30 VCC < 2.70 2.70 VCC 3.60 2.70 VCC 3.60 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0.90 to 3.60 0 0.90 to 3.60 0.90 to 3.60 AC Electrical Characteristics Symbol tPHL tPLH Parameter Propagation Delay VCC (V) 0.90 1.10 VCC 1.30 1.40 VCC 1.60 1.65 VCC 1.95 2.30 VCC < 2.70 2.70 VCC 3.60 CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance 0 0 0.90 to 3.60 3.0 1.0 1.0 0.8 0.7 Min TA = +25C Typ 13 6.0 3.2 2.0 1.2 1.0 2.0 6.5 8 15.8 8.7 6.0 4.1 3.3 1.0 1.0 1.0 0.7 0.6 18.6 9.7 6.8 4.7 4.0 pF pF pF VI = 0V or VCC f = 10 MHz ns Max TA = -40C to +85C Min Max Units Conditions CL = 15 pF, RL = 1 M CL = 15 pF, RL = 2 k CL = 30 pF RL = 500 Figures 1, 2 Figure Number www.fairchildsemi.com 4 NC7SV32 AC Loading and Waveforms FIGURE 1. AC Test Circuit FIGURE 2. AC Waveforms Symbol Vmi Vmo VCC 3.3V 0.3V 1.5V 1.5V 2.5V 0.2V VCC/2 VCC/2 1.8V 0.15V VCC/2 VCC/2 1.5V 0.10V VCC/2 VCC/2 1.2V 0.10V VCC/2 VCC/2 0.9V VCC/2 VCC/2 5 www.fairchildsemi.com NC7SV32 Tape and Reel Specification TAPE FORMAT for SC70 Package Designator P5X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed www.fairchildsemi.com 6 NC7SV32 Tape and Reel Specification TAPE FORMAT for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) (Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed REEL DIMENSIONS inches (millimeters) Tape Size 8 mm A 7.0 (177.8) B 0.059 (1.50) C 0.512 (13.00) D 0.795 (20.20) N 2.165 (55.00) W1 0.331 + 0.059/-0.000 (8.40 + 1.50/-0.00) W2 0.567 (14.40) W3 W1 + 0.078/-0.039 (W1 + 2.00/-1.00) 7 www.fairchildsemi.com NC7SV32 Physical Dimensions inches (millimeters) unless otherwise noted 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Package Number MAA05A www.fairchildsemi.com 8 NC7SV32 TinyLogic ULP-A 2-Input OR Gate Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 6-Lead MicroPak, 1.0mm Wide Package Number MAC06A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com |
Price & Availability of NC7SV3204 |