Part Number Hot Search : 
1N4756 78T12C 2N684 ST7263 GF180 2ACFU 68K63 CWR11C
Product Description
Full Text Search
 

To Download NAZU470M63V5X63NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING LOW IMPEDANCE AT 100KHz EXTENDED LOAD LIFE (3,000 @ +105C) DESIGNED FOR 260C REFLOW SOLDERING
NAZU Series
CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Miuntes @ 20C Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 105C at Rated Working Voltage 3,000 hrs 6.3 ~ 50Vdc 10 ~ 330F -40 ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) Tan W.V. (Vdc) Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current
includes all homogeneous materials *See Part Number System for Details LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com 10 16 25 35 50 13 20 32 44 63 0.24 0.22 0.16 0.13 0.12 10 16 25 35 50 3 2 2 2 2 7 5 3 3 3 Within 30% of initial measured value Less than 300% of the specified maximum value Less than the specified maximum value 6.3 8.0 0.28 6.3 4 10
RoHS Compliant
STANDARD VALUES AND CASE SIZES (mm)
Working Voltage (Vdc) Cap (F) Code 6.3 10 16 25 35 50 10 100 5x6.3 6.3x6.3 22 220 5x6.3 5x6.3 6.3x6.3 6.3x6.3 33 330 5x6.3 6.3x6.3 6.3x8 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x8 100 101 6.3x6.3 6.3x6.3 6.3x8 150 151 6.3x6.3 6.3x8 220 221 6.3x8 6.3x8 330 331 6.3x8 -
PART NUMBER SYSTEM
NAZU 101 M 16V 6.3x6.3 N B F
RoHS Compliant Termination/Packaging Code Reflow Temperature Code Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F 10
Series
D
W
0.3mm max.
+
I
I
-
PEAK REFLOW TEMPERATURE CODES
Code N L J H Peak Reflow Temperature 260C 250C 240C 235C
L
P B
A
DIMENSIONS (mm) AND REEL QUANTITIES
TERMINATION FINISH & PACKAGING OPTIONS CODES
Code Finish & Reel Size B Sn-Bi Finish & 13" Reel LB Sn-Bi Finish & 15" Reel S 100% Sn Finish & 13" Reel LS 100% Sn Finish & 15" Reel
Case Size D0.5 L max. A0.2 B0.2 I0.3 W P0.3 Qty/Reel 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 800 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 800 6.3X8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 500
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
49
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
NIC Part Number NAZU470M6.3V5X6.3NBF NAZU101M6.3V6.3X6.3NBF NAZU221M6.3V6.3X8NBF NAZU331M6.3V6.3X8NBF NAZU330M10V5X6.3NBF NAZU151M10V6.3X6.3NBF NAZU220M16V5X6.3NBF NAZU470M16V6.3X6.3NBF NAZU101M16V6.3X6.3NBF NAZU151M16V6.3X8NBF NAZU221M16V6.3X8NBF NAZU220M25V5X6.3NBF NAZU330M25V6.3X6.3NBF NAZU470M25V6.3X6.3NBF NAZU101M25V6.3X8NBF NAZU100M35V5X6.3NBF NAZU220M35V6.3X6.3NBF NAZU470M35V6.3X8NBF NAZU100M50V6.3X6.3NBF NAZU220M50V6.3X6.3NBF NAZU330M50V6.3X8NBF Cap. (F) 47 100 220 330 33 150 22 47 100 150 220 22 33 47 100 10 22 47 10 22 33 W.V. (Vdc) 6.3 Dissipaton Factor (Tan ) 0.28 0.28 0.28 0.28 0.24 0.24 0.22 0.22 0.22 0.22 0.22 0.16 0.16 0.16 0.16 0.13 0.13 0.13 0.12 0.12 0.12 Max. Impedance () +20C, 100KHz 1.30 0.70 0.60 0.60 1.30 0.70 1.30 0.70 0.70 0.60 0.60 1.30 0.70 0.70 0.60 1.30 0.70 0.60 2.00 2.00 1.35
NAZU Series
Load Life Hours @ +105C 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000
10
16
25
35
50
Max. Ripple Current (mA) +105C, 100KHz 95 140 230 230 95 140 95 140 140 230 230 95 140 140 230 95 140 230 70 70 100
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency 10 ~ 33F 47 ~ 330F 100Hz 0.60 0.75 1KHz 0.75 0.85 10KHz 0.95 0.95 100KHz 1.00 1.00
Temperature - Deg. C
PEAK REFLOW TEMPERATURE AND DURATION
Diameter 5 ~ 6.3mm Time above 200C 80 sec. max. Time above Peak Temperature 230C 5 seconds 40 sec. max. 260C
230 200 150 100 50
Time (Seconds)
Preheat - 120 seconds max. (150C ~ 180C)
Peak Temperature (see table) Time Above 230C (see table)
Time Above 200C (see table)
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Case Size 5x6.3 6x3x6.3 6.3x8 a 1.4 2.1 b 3.0 3.5 c 1.8 1.8 c b a
(R)
50
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NAZU470M63V5X63NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X