Part Number Hot Search : 
ADG411TQ C4793 HV214X X25128PI 24GT30I AN2744 IRFZ4 124024
Product Description
Full Text Search
 

To Download NAWUR47M50V4X61JBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING * HIGH TEMPERATURE, EXTEND LIFE (5000 HOURS @ 105C) * 4X6.1mm ~ 6.3X6.1mm CASE SIZES * DESIGNED FOR REFLOW SOLDERING CHARACTERISTICS
Rated Voltage Range Rate Capacitance Range Oerating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Minutes @ 20C Tan @120Hz/20C 6.3 ~ 50Vdc 0.1 ~ 100F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V.(Vdc) Tan Capacitance Change Load Life Test @ 105C 5,000hrs Tan Leakage Current 6.3 8 0.30 10 13 0.24 16 20 0.20 25 32 0.16 35 44 0.14 50 63 0.14
NAWU Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
Within 30% of initial measured value Less than 300% of specified max. value Less than specified max. value
STANDARD VALUES, PART NUMBERS AND MAXIMUM RIPPLE CURRENT
Part Number NAWU220M6.3V4X6.1JBF NAWU470M6.3V5X6.1JBF NAWU101M6.3V6.3X6.1JBF NAWU330M10V5X6.1JBF NAWU100M16V4X6.1JBF NAWU220M16V5X6.1JBF NAWU470M16V5X6.1JBF NAWU330M25V6.3X6.1JBF NAWU4R7M35V4X6.1JBF NAWU100M35V5X6.1JBF NAWU220M35V5X6.1JBF NAWUR10M50V4X6.1JBF NAWUR22M50V4X6.1JBF NAWUR33M50V4X6.1JBF NAWUR47M50V4X6.1JBF NAWU1R0M50V4X6.1JBF NAWU2R2M50V4X6.1JBF NAWU3R3M50V4X6.1JBF NAWU4R7M50V5X6.1JBF NAWU100M50V6.3X6.1JBF W.V. (Vdc) 6.3 10 16 25 35 Cap. (F) 22 47 100 33 10 22 47 33 4.7 10 22 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 Ripple Current Rating (mA @ 105C/120Hz) 22 38 69 35 18 30 50 50 16 27 44 1.0 2.6 3.2 4.0 8.0 11 14 19 32
PEAK REFLOW TEMPERATURE CODES
Code J Peak Reflow Temperature 240C
TERMINATION FINISH & PACKAGING OPTIONS CODES
Code Finish & Reel Size B Sn-Bi Finish & 13" Reel LB Sn-Bi Finish & 15" Reel S 100% Sn Finish & 13" Reel LS 100% Sn Finish & 15" Reel
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Hz 0.1 ~ 1.0F 2.2 ~ 4.7F 10 ~ 47F 100F 60(50) 0.50 0.65 0.80 0.80 120 1.00 1.00 1.00 1.00 500 1.20 1.20 1.20 1.10 1K 1.30 1.30 1.30 1.15 10K< 1.50 1.50 1.50 1.20
50
PART NUMBER SYSTEM
NAWU 100 M 16V 4X6.1 J B F
Denotes RoHS Compliant Termination Finish & Taping Code: B = Sn/Bi finish/13" reel Peak Reflow Temperature Code: J = +240C Reflow Size in mm Working Voltage Tolerance Code M=20% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F 10
Series
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
16
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
Cap Code (F) 0.1 R10 0.22 R22 0.33 R33 0.47 R47 1.0 1R0 2.2 2R2 3.3 3R3 4.7 4R7 10 100 22 220 33 330 47 470 100 101 6.3 4X6.1 5X6.1 6.3X6.1 10 5X6.1 Working Voltage (Vdc) 16 25 4X6.1 5X6.1 6.3X6.1 6.3X6.1 35 4X6.1 5X6.1 6.3X6.1 50 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 4X6.1 5X6.1 6.3X6.1 -
NAWU Series
D
0.3mm max.
L
+
W
I
I
-
A P B
DIMENSIONS D x L (mm)
Case Size 4x6.1 5x6.1 6.3x6.1 D 4.0 5.0 6.3 L max. 6.1 6.1 6.1 A 0.2 B 0.2 4.3 4.3 5.3 5.3 6.6 6.6 I 0.2 1.8 2.2 2.7 W 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 P 0.2 1.0 1.3 1.8
RECOMMENDED LAND PATTERN (mm)
Case Dia. 4 5 6.3 a 1.0 1.4 2.1 b 2.6 3.0 3.5 c 1.6 1.6 1.6
Solder Pads
+
c
b
a
b
REFLOW SOLDERING PROFILE
Peak Temperature = 240C for 5 seconds
240 Temperature C 200 150 100 50 25 30 60
Pre-Heat 100C ~ 200C 180 sec.
Time above 220C 40 seconds Time above 200C 60 seconds max.
Cool Down
90 120 150 180 210 240 270 300 Time - Seconds 4 + 0.1 Qty 1,200 800 800 1.5+0.1/-0
-
CARRIER TAPE DIMENSIONS & REEL QTY
Case Size 4 x 6.1 5 x 6.1 6.3 x 6.1 (R) A 0.5 B 0.2 C 0.3 D 0.1 P 0.1 T 0.2 4.7 4.7 12.0 5.5 8.0 6.2 5.7 5.7 12.0 5.5 12.0 6.2 7.0 7.0 16.0 7.5 12.0 6.2
1.75 + 0.15
0.4 + 0.2
C B
+ A P Feeding T
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
D
17


▲Up To Search▲   

 
Price & Availability of NAWUR47M50V4X61JBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X