|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Surface Mount Aluminum Electrolytic Capacitors FEATURES * CYLINDRICAL LEADLESS TYPE FOR SURFACE MOUNTING * HIGH CAPACITANCE VALUES (UP TO 6800F) * LOW IMPEDANCE/HIGH RIPPLE CURRENT AT 100KHz includes all homogeneous materials * 12.5mm x 17mm ~ 18mm x 22mm CASE SIZES *See Part Number System for Details * WIDE TERMINATION STYLE FOR HIGH VIBRATION.APPLICATIONS * LONG LIFE (5000 HOURS AT +105OC) * DESIGNED FOR REFLOW SOLDERING CHARACTERISTICS Rated Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 Minutes Working Voltage 6.3Vdc Surge Voltage 8.0Vdc C < 1000F 0.24 C = 2200F 0.26 Max. Tan at 120Hz & 20C C = 3300F 0.28 C = 4700F 0.32 C = 6800F Z-25C/Z+20C 2 Low Temperature Stability (Impedance Ratio @ 120Hz) Z-40C/Z+20C 3 Capacitance Change High Temperature Load Life 5,000 Hours at +105C Tan Rated WVDC Leakage Current Resistance to Soldering Heat Capacitance Change Within the Recommended Tan Reflow Conditions Leakage Current 6.3 ~ 100Vdc 47 ~ 6,800F -40C ~ +105C 20% (M) 0.01CV or 3A whichever is greater 16Vdc 25Vdc 35Vdc 50Vdc 20Vdc 32Vdc 44vdc 63Vdc 0.16 0.14 0.12 0.10 0.18 0.16 0.14 0.20 2 2 2 2 3 3 3 3 Within 20% of initial measured value Less than 200% of specified value Less than the specified maximum value Within 10% of initial measured value Less than the specified maximum value Less than the specified maximum value NACZF Series RoHS Compliant 10Vdc 13Vdc 0.19 0.21 0.23 0.25 0.29 2 3 63Vdc 79Vdc 0.08 2 3 100Vdc 125Vdc 0.07 2 3 MAXIMUM RIPPLE CURRENT (mA rms AT 100KHz AND 105C) Cap (F) 47 68 100 220 330 470 1000 2200 3300 4700 6800 6.3 1690 2000 2205 2490 Working Voltage (Vdc) 10 16 25 35 50 1150 1205 1610 1205 1690 1900 2000 2000 2420 1205 1690 1690 2000 2490 2490 2000 2490 1060 2490 2490 2490 63 100 511 1020 511 1020 511 1410 917 1690 1230 2290 - MAXIMUM IMPEDANCE ( AT 100KHz AND 20C) Cap (F) 47 68 100 220 330 470 1000 2200 3300 4700 6800 6.3 0.043 0.038 0.029 0.028 Working Voltage (Vdc) 10 16 25 35 50 0.110 0.65 0.800 0.065 0.043 0.068 0.065 0.043 0.038 0.038 0.042 0.043 0.038 0.028 0.028 0.038 0.028 0.033 0.028 0.028 0.028 63 0.150 0.150 0.090 0.086 0.055 100 0.300 0.300 0.180 0.155 0.083 - (R) Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com PRECAUTIONS NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 27 Surface Mount Aluminum Electrolytic Capacitors STANDARD PRODUCT AND CASE SIZE TABLE DxL (mm) Cap Code (F) 47 470 68 680 100 101 220 221 330 331 470 471 1000 102 2200 222 3300 332 4700 472 6800 682 Note:**DF 0.18 Case Size 12.5 x 17T2 12.5 x 17WT 16 x 17T2 16 x 17WT 16 x 22T2 16 x 22WT 18 x 17T2 18 x 17WT 18 x 22T2 18 x 22WT 6.3 16 x 17 18 x 17 18 x 22 18 x 22 10 12.5 x 17 16 x 17 18 x 17 18 x 22 18 x 22 16 16 x 17 18 x 17 18 x 22 Working Voltage (Vdc) 25 35 12.5 x 17 12.5 x 17 16 x 17 18 x 17 18 x 17 18 x 22 18 x 22 18 x 17** 18 x 22 50 12.5 x 17 16 x 17 18 x 17 18 x 22 63 12.5 x 17 12.5 x 17 16 x 17 18 x 17 18 x 22 - NACZF Series 100 12.5 x 17 12.5 x 17 16 x 17 18 x 17 18 x 22 - DIMENSIONS (mm) D 0.5 12.5 12.5 16.0 16.0 16.0 16.0 18.0 18.0 18.0 18.0 L max. 17.5 17.5 17.5 17.5 22.5 22.5 17.5 17.5 22.5 22.5 A 0.2 13.5 13.5 17.0 17.0 17.0 17.0 19.0 19.0 19.0 19.0 B 0.2 13.5 13.5 17.0 17.0 17.0 17.0 19.0 19.0 19.0 19.0 I 0.2 4.7 4.7 5.5 5.5 5.5 5.5 6.5 6.5 6.5 6.5 W 0.6 ~ 1.2 0.9 ~ 1.5 0.9 ~ 1.5 1.2 ~ 1.6 0.9 ~ 1.5 1.2 ~ 1.6 0.9 ~ 1.5 1.2 ~ 1.6 0.9 ~ 1.5 1.2 ~ 1.6 P 0.2 4.4 4.4 6.7 6.7 6.7 6.7 6.7 6.7 6.7 6.7 R 2.2 3.0 3.0 3.0 3.0 S 7.1 9.0 9.0 11.0 11.0 T 2.4 1.9 1.9 1.9 1.9 Anti-Vibration Skirt T2 STYLE D WT STYLE + W A T R S R + W L I I I I - A Termination deflection: T2 = +0.3mm WT = + 0.15mm/- 0.05mm P B PART NUMBER SYSTEM P B NACZF 102 M 16V 16x17 TR 13 WT F RoHS Compliant Terminations (100% Sn) Terminal Style T2 = 2 Terminal WT = Wide Terminal (R) Series 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in mF, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F 10 28 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com |
Price & Availability of NACZF680M6316X17T2TR13 |