Part Number Hot Search : 
25LB50G 6045270 BZX5515 B1112 C4574 YWL500 ETF02 ETF02
Product Description
Full Text Search
 

To Download NACK680M80V5X61TR13T2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING * VERY LOW IMPEDANCE (Up to 60% lower than NACZ) * WIDE TEMPERATURE RANGE (-55 +105OC) * REDUCED SIZE (Up to 50% smaller than NACZ) * DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING CHARACTERISTICS
Rated Voltage Range Rated Capactance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current after 2 minutes @ 20C 6.3 ~ 100Vdc 3.3 ~ 6,800F -55C ~ +105C 20%(M) 0.01CV or 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) Maximum Tan @ 120Hz/20C C 1,000F C = 2,200F All Case Sizes C = 3,300F C = 4,700F C = 6,800F Z -25C/Z +20C Z -40C/Z +20C Z -55C/Z +20C Capacitance Change Tan Leakage Current 6.3 8.0 0.26 0.30 0.36 2 3 4
NACK Series
RoHS Compliant
includes all homogeneous materials
*See Part Number System for Details 10 16 25 35 50 63 80 13 20 32 44 63 79 100 0.19 0.16 0.14 0.12 0.10 0.08 0.08 0.21 0.16 0.20 0.18 0.25 0.22 0.29 2 2 2 2 2 2 2 3 3 3 3 3 3 3 4 4 3 3 3 3 3 Within 30% of initial measured value Less than 200% of specified maximum value Less than specified maximum value 100 125 0.07 2 3 3
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 105C 4 ~ 10mm Dia. 2,000 Hours 12.5 ~ 18mm Dia. 5,000 Hours
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC)
Cap (F) 3.3 4.7 10 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 6.3 90 90 160 160 240 240 280 300 600 600 850 1100 1800 10 90 90 160 240 160 300 600 600 600 850 1100 1800 2060 Working Voltage (Vdc) 25 35 50 63 90 60 50 90 85 90 90 80 160 165 90 120 160 160 165 160 120 160 195 240 250 240 195 160 195 240 240 250 240 195 240 240 280 250 280 280 240 350 400 300 600 280 600 600 670 800 280 600 600 670 800 300 16 600 600 850 1100 1800 2060 600 850 1100 1800 2060 850 900 80 25 40 60 60 130 130 200 500 500 500 793 100 130 200 500 500 793 793 917 917 -
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency Correction Factor 60Hz 0.7 120Hz 0.75 1KHz 0.9 10KHz 100KHz 0.95 1.0
1100 1610 1410 917 1100 1610 1690 1800 1610 1800 -
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
44
NIC COMPONENTS CORP.
NACK rev. 1 05212007
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
MAXIMUM IMPEDANCE ( AT 100KHz AND 20OC)
Cap (F) 3.3 4.7 10 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 6.3 1.35 1.35 0.70 0.70 0.36 0.36 10 1.35 1.35 0.70 0.36 0.34 0.26 Working Voltage (Vdc) 25 35 50 63 1.35 2.9 3.0 1.35 1.52 1.35 1.35 1.5 0.70 0.88 1.35 1.2 0.70 0.70 0.88 0.70 1.2 0.70 0.68 0.36 0.65 0.36 0.68 0.70 0.68 0.36 0.36 0.65 0.36 0.68 0.36 0.36 0.34 0.65 0.34 0.34 0.36 0.34 0.35 0.26 0.16 0.34 0.16 0.16 0.18 0.16 0.34 0.16 0.16 0.18 0.16 0.26 16 80 5.0 3.0 2.4 2.4 1.3 1.3 0.7 0.32 0.32 0.32 100 1.3 0.7 0.32 0.32 0.17 0.17 0.153
NACK Series
0.34 0.16 0.16 0.16 0.08 0.12 0.17 0.153 0.26 0.16 0.16 0.16 0.08 0.06 0.073 0.082 0.153 0.16 0.08 0.06 0.073 0.08 0.16 0.08 0.06 0.035 0.073 0.08 0.06 0.035 0.06 0.035 0.06 0.035 0.033 0.035 0.033 0.035 0.033 -
PART NUMBER SYSTEM
NACK 101 M 50V 8x10.5 TR 13 WT F
RoHS Compliant (97% Sn/3% Bi for 4 ~ 10mm Dia.) (100% Sn for 12.5 ~ 18mm Dia.) Optional Wide Terminations (12.5 ~ 18mm Dia.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
45
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE D xL (mm)
Cap (F) 3.3 4.7 10 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 Code 3R3 4R7 100 220 330 470 680 101 151 221 331 471 681 102 152 222 332 472 682 6.3 4x6.1 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x6.1 6.3x8 8x6.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 10 4x6.1 4x6.1 5x6.1 6.3x6.1 6.3x8 8x6.5 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 18x17 16 4x6.1 4x6.1 5x6.1 5x6.1 6.3x6.1 6.3x6.1 6.3x6.1 6.3x8 6.3x8 8x6.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 18x17 Working Voltage (Vdc) 25 35 50 4x6.1 4x6.1 4x6.1 5x6.1 4x6.1 5x6.1 6.3x6.1 5x6.1 5x6.1 6.3x6.1 6.3x6.1 6.3x6.1 6.3x8 8x6.5 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 18x17 5x6.1 6.3x1 6.3x6.1 6.3x8 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 16x17 16x17 6.3x6.1 6.3x8 8x6.5 6.3x8 8x6.5 8x10.5 10x10.5 10x10.5 12.5x14 16x17 16x17 16x17 63 5x6.1 6.3x6.1 6.3x8 8x6.5 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 16x17 18x17 80 5x6.1 6.3x6.1 6.3x8 8x6.5 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 12.5x14 16x17 18x17 100 8x10.5 10x10.5 12.5x14 12.5x14 16x17 16x17 18x17 18x17 -
NACK Series
DIMENSIONS (mm)
Case Size D 0.5 4 x 6.1 4.0 5 x 6.1 5.0 6.3 6.1 6.3 6.3 x 8 6.3 8 x 6.5 8.0 8 x 10.5 8.0 10 x 10.5 10.0 12.5 x 14T2 12.5 12.5 x 14WT 12.5 16 x 17T2 16.0 16 x 17WT 16.0 18 x 17T2 18.0 18 x 17WT 18.0 Anti-Vibration Skirt on WT Style 12.5, 16 & 18mm Dia. L max. 6.1 6.1 6.1 8.0 6.5 10.5 10.5 14.0 14.0 17.5 17.5 17.5 17.5 A, B 0.2 4.3 5.3 6.6 6.6 8.3 8.3 10.3 13.5 13.5 17.0 17.0 19.0 19.0 H max. 5.5 6.5 7.8 7.8 9.5 10.0 12.0 15.0 15.0 19.0 19.0 21.0 21.0 I 0.3 1.8 2.2 2.6 2.6 3.4 3.4 3.5 4.7 4.7 5.5 5.5 6.7 6.7 P 0.3 1.0 1.5 1.8 1.8 2.2 3.1 4.6 4.4 4.4 6.7 6.7 6.7 6.7 W 0.65 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.65 0.1 0.9 0.2 0.9 0.2 0.9 0.3 1.2 0.3 1.2 0.3 1.4 0.3 1.2 0.2 1.4 0.2
Denotes New Value K 0.35 0.2 0.35 0.2 0.35 0.2 0.35 0.2 0.35 0.2 0.7 0.2 0.7 0.2 0.7 0.3 0.7 0.3 0.7 0.3 0.7 0.3 0.7 0.3 0.7 0.3 R 2.2 0.2 3.0 0.2 3.0 0.2 S 7.1 0.2 9.0 0.2 11.0 0.2 T 2.4 0.2 1.9 0.2 1.9 0.2
STANDARD
D
WT STYLE +
W A
T R S R
+
W L
I
K
I
I
K
I
-
A
(R)
Termination deflection: T2 = +0.3mm WT = + 0.15mm/- 0.05mm
P B H
www.lowESR.com www.RFpassives.com
P B
www.SMTmagnetics.com
46
NIC COMPONENTS CORP.
www.niccomp.com


▲Up To Search▲   

 
Price & Availability of NACK680M80V5X61TR13T2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X