Part Number Hot Search : 
SP6661EB HC373 1219BRJZ 93LC86 OP37FJ FJP5321 D2309 HY5DU561
Product Description
Full Text Search
 

To Download N74F378N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F378 Hex D flip-flop with enable
Product specification IC15 Data Handbook 1989 Oct 05
Philips Semiconductors
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
FEATURES
* 6-bit high-speed parallel register * Positive edge-triggered D-type inputs * Fully buffered common Clock and Enable inputs * Input clamp diodes limit high speed termination effects * Fully TTL and CMOS compatible
DESCRIPTION
The 74F378 has six edge-triggered D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) input loads all flip-flops simultaneously when the Enable (E) input is Low. The register is fully edge-triggered. The state of each D input, one setup time before the Low-to-High clock transition is transformed to the corresponding flop-flop's Q output. The E input must be stable one setup time prior to the Low-to-High clock transition for predictable operation.
TYPE 74F378
TYPICAL fmax 100MHz
TYPICAL SUPPLY CURRENT (TOTAL) 35mA
ORDERING INFORMATION
DESCRIPTION COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F378N N74F378D PKG DWG #
16-pin plastic DIP 16-pin plastic SO
SOT38-4 SOT109-1
PIN CONFIGURATION
E1 Q0 2 D0 3 D1 4 Q1 5 D2 6 Q2 7 GND 8 16 V CC 15 Q5 14 D5 13 D4 12 Q4 11 D3 10 Q3 9 CP
SF00927
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS D0 - D5 CP E Data inputs Clock pulse input (active rising edge) Enable input (active low) DESCRIPTION 74F (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 50/33 LOAD VALUE HIGH/LOW 20A/0.6mA 20A/0.6mA 20A/0.6mA 1.0mA/20mA
Q0 - Q5 Data outputs NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
1989 Oct 05
2
853-0067 97804
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
LOGIC SYMBOL
3 4 6 11 13 14
IEC/IEEE SYMBOL
1 9 3 2D 4 6 Q0 Q1 Q2 Q3 Q4 Q5 11 13 2 5 7 10 12 15 14 15 10 12 G1 1C2 2 5 7
D0 D1 D2 D3 D4 D5 9 1 CP E
VCC = Pin 16 GND = Pin 8
SF00916
SF00917
LOGIC DIAGRAM
D0 3 E 1 D1 4 D2 6 D3 11 D4 13 D5 14
D CP
Q
D CP
Q
D CP
Q
D CP
Q
D CP
Q
D CP
Q
CP
9 2 Q0 Q1 5 Q2 7 Q3 10 Q4 12 Q5 15
VCC = Pin 16 GND = Pin 8
SF00918
FUNCTION TABLE
INPUTS E l l h H H= h= L= l= X= = CP Dn h l OUTPUTS Qn H L OPERATING MODE Load "1" Load "0" Hold (do nothing)
X no change X X no change High-voltage level High-voltage level one setup time prior to the Low-to-High clock transition Low-voltage level Low-voltage level one setup time prior to the Low-to-High clock transition Don't care Low-to-High clock transition
1989 Oct 05
3
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 40 0 to +70 -65 to +150 UNIT V V mA V mA
C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free-air temperature range 0 PARMETER SYMBOL MIN 4.5 2.0 0.8 -18 -1 20 70 NOM 5.0 MAX 5.5 UNIT V V V mA mA mA
C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 VCC = MIN, VIL = MAX, VOH High-level High level output voltage VIH = MIN, IOH = MAX Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Short-circuit output current3 ICCH VCC = MIN, VIL = MAX, VIH = MIN, IOL = MAX VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX VCC = MAX -60 32 10%VCC 5%VCC 10%VCC 5%VCC MIN 2.5 2.7 3.4 0.30 0.30 -0.73 0.50 0.50 -1.2 100 20 -0.6 -150 45 LIMITS TYP2 MAX V V V V V A A mA mA mA UNIT
VO OL VIK II IIH IIL IOS ICC
Supply current (total)
ICCL 35 45 mA Notes: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
1989 Oct 05
4
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION Waveform 1 Waveform 1 Tamb = +25C VCC = +5.0V CL = 50pF, RL = 500 MIN fMAX tPLH tPHL Maximum clock frequency Propagation delay CP to Qn 80 3.0 3.5 TYP 100 5.5 6.0 7.5 8.5 MAX Tamb = 0C to +70C VCC = +5.0V 10% CL = 50pF, RL = 500 MIN 80 3.0 3.5 8.5 9.5 MAX MHz ns UNIT
AC SETUP REQUIREMENTS
LIMITS SYMBOL PARAMETER TEST CONDITION Tamb = +25C VCC = +5.0V CL = 50pF, RL = 500 MIN ts (H) ts (L) th (H) th (L) ts (H) ts (L) th (H) th (L) tw (H) tw (L) Setup time, High or Low Dn to CP Hold time, High or Low Dn to CP Setup time, High or Low E to CP Hold time, High or Low E to CP CP Pulse width, High or Low Waveform 2 Waveform 2 Waveform 2 Waveform 2 Waveform 1 4.0 4.0 0 0 4.0 10.0 0 0 4.0 6.0 TYP MAX Tamb = 0C to +70C VCC = +5.0V 10% CL= 50pF, RL = 500 MIN 4.0 4.0 0 0 4.0 10.0 0 0 4.0 6.0 MAX ns ns ns ns ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V. The shaded areas indicate when the input is permitted to change for predictable output performance.
1/fMAX CP Dn VM tw(H) tPHL VM tw(L) tPLH En Qn VM ts(L) th=0 VM ts(H) th=0 VM VM VM VM VM VM VM VM ts VM th
SF00919
CP
Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width, and Maximum Clock Frequency
SF00920
Waveform 2. Data and Enable Setup Time and Hold Times
1989 Oct 05
5
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
TEST CIRCUIT AND WAVEFORM
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tf ) CL RL tw VM 10% tTLH (tr ) 0V 90% AMP (V)
tTLH (tr ) 90% POSITIVE PULSE VM 10% tw
tTHL (tf ) AMP (V) 90% VM 10% 0V
Test Circuit for Totem-Pole Outputs DEFINITIONS: RL = Load resistor; see AC ELECTRICAL CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC ELECTRICAL CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00006
1989 Oct 05
6
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1989 Oct 05
7
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
1989 Oct 05
8
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
NOTES
1989 Oct 05
9
Philips Semiconductors
Product specification
Hex D flip-flop with enable
74F378
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 10-98 9397-750-05122
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of N74F378N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X