Part Number Hot Search : 
NTE616 E206A TA0653A XOPL90 JE172 PHC20306 S1T8531 LA6523
Product Description
Full Text Search
 

To Download N74F2953N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F2952 Registered transceiver, non-inverting (3-State) 74F2953 Registered transceiver, inverting (3-State)
Product specification IC15 Data Handbook 1989 Sep 22
Philips Semiconductors
Philips Semiconductors
Product specification
Transceivers
74F2952 74F2953
FEATURES
74F2952, 74F2953
Registered transceiver, non-inverting (3-State) Registered transceiver, inverting (3-State)
DESCRIPTION
The 74F2952 and 74F2953 are 8-bit registered transceivers. Two 8-bit back-to-back registers store data flowing in both directions between two bi-directional buses. Data applied to the inputs is entered and stored on the rising edge of the Clock (CPXX) provided that the Clock Enable (CEXX) is Low. The data is then present at the 3-State output buffers, but is only accessible when the Output Enable (OEXX) is Low. Data flow from `A' inputs to `B' outputs is the same as for `B' inputs to `A' outputs. TYPICAL SUPPLY CURRENT (TOTAL) 105mA 105mA
* 8-bit registered transceivers * Two 8-bit, back-to-back registers store data moving in both
directions between two bidirectional buses
* Separate Clock, Clock Enable and 3-State Enable provided for
each register
* 74F2952 non-inverting * 74F2953 inverting * AM2952/2953 functional equivalent * `A' outputs sink 24mA and source 3mA * `B' outputs sink 64mA and source 15mA * 300 mil wide 24-pin Slim DIP package
ORDERING INFORMATION
DESCRIPTION 24-pin Plastic Slim DIP (300mil) 24-pin Plastic SOL1
TYPE 74F2952 74F2953
TYPICAL fMAX 160MHz 160MHz
COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F2952N, N74F2953N N74F2952D, N74F2953D N74F2952A, N74F2953A
PACKAGE DRAWING NUMBER SOT222-1 SOT137-1 SOT261-2
28-pin Plastic Leaded Chip Carrier
NOTE: 1. Thermal mounting techniques are recommended. See SMD Process Applications for a discussion of thermal consideration for surface mounted devices.
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS A0 - A7 B0 - B7 CPAB, CPBA CEAB, CEBA OEAB, OEBA A0 - A7 B0 - B7 DESCRIPTION Port A, 3-State inputs Port B, 3-State inputs Clock inputs Clock Enable inputs Output Enable inputs Port A, 3-State outputs Port B, 3-State outputs 74F(U.L.) HIGH/LOW 3.5/1.0 3.5/1.0 1.0/1.0 1.0/1.0 1.0/1.0 150/40 750/106.7 LOAD VALUE HIGH/LOW 70A/0.6mA 70A/0.6mA 20A/0.6mA 20A/0.6mA 20A/0.6mA 3.0mA/24mA 15mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state.
1989 Sep 22
2
853-1097 97708
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
PIN CONFIGURATIONS DIP - 74F2952
B7 1 B6 B5 B4 B3 B2 B1 B0 OEAB 2 3 4 5 6 7 8 9 24 VCC 23 A7 22 A6 21 A5 20 A4 19 A3 18 A2 17 A1 16 A0 15 OEBA 14 CPBA 13 CEBA
DIP - 74F2953
B7 1 B6 B5 B4 B3 B2 B1 B0 OEAB 2 3 4 5 6 7 8 9 24 VCC 23 A7 22 A6 21 A5 20 A4 19 A3 18 A2 17 A1 16 A0 15 OEBA 14 CPBA 13 CEBA
CPAB 10 CEAB 11 GND 12
CPAB 10 CEAB 11 GND 12
SF01371
SF01372
PLCC - 74F2952
Vcc NC B5 B6 B7 A7 A6
PLCC - 74F2953
Vcc NC B5 B6 B7 A7 27 A6 26 25 A5 24 A4 23 A3 22 NC 21 A2 20 A1 19 A0 12 CPAB 13 CEAB 14 GND 15 NC 16 CEBA 17 CPBA 18 OEBA
4 B4 5 B3 6 B2 7 NC 8 B1 9 B0 10 OEAB 11 12 CPAB
3
2
1
28
27
26 25 A5 24 A4 23 A3 22 NC 21 A2 20 A1 19 A0 B4 5 B3 6 B2 7 NC 8 B1 9 B0 10 OEAB 11
4
3
2
1
28
13 CEAB
14 GND
15 NC
16 CEBA
17 CPBA
18 OEBA
SF01373
SF01374
1989 Sep 22
3
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
LOGIC SYMBOL - 74F2952
16 17 18 19 20 21 22 23
LOGIC SYMBOL - 74F2953
16 17 18 19 20 21 22 23
A0 A1 10 11 14 13 CPAB CEAB CPBA CEBA B0
A2 A3
A4 A5
A6 A7 10 OEBA OEAB 15 9 11 14 13
A0 A1 CPAB CEAB CPBA CEBA B0
A2 A3
A4 A5
A6 A7
OEBA OEAB
15 9
B1 B2
B3 B4
B5 B6 B7
B1 B2
B3 B4
B5 B6 B7
VCC = PIN 24 GND = PIN 12
8
7
6
5
4
3
2
1
SF01375
VCC = PIN 24 GND = PIN 12
8
7
6
5
4
3
2
1
SF01376
IEC/IEEE SYMBOL - 74F2952
11 13 15 9 10 14 EN1 EN2 EN3 EN4 C5 C6 8 7 6 5 4 3 2 1
IEC/IEEE SYMBOL - 74F2953
11 13 15 9 10 14 EN1 EN2 EN3 EN4 C5 C6 8 7 6 5 4 3 2 1
16 17 18 19 20 21 22 23
2,3,6
1,4,5
16 17 18 19 20 21 22 23
2,3,6
1,4,5
SF01377
SF01378
1989 Sep 22
4
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
LOGIC DIAGRAM - 74F2952
CEAB 11
LOGIC DIAGRAM - 74F2953
CEAB 11
CPAB OEAB
10 9
CPAB OEAB
10 9
A0
16
CE Q D CP Q CE CP D A0
16
CE Q D CP Q CE
8
B0 CE Q D CP
CP D 17
8
B0
A1
17
CE Q D CP Q CE CP D 7 A1
Q CE B1 CE Q D CP Q CE B2 CE Q D CP Q CE B3 CE Q D CP Q CE B4 CE Q D CP Q CE B5 CE Q D CP Q CE B6 CE Q D CP Q CE B7 CEBA 13 CP D CP D 23 CP D 22 CP D 21 CP D 20 CP D 19 CP D 18
7
B1
A2
18
CE Q D CP Q CE CP D A2
6
6
B2
A3
19
CE Q D CP Q CE CP D A3
5
5
B3
A4
20
CE Q D CP Q CE CP D A4
4
4
B4
A5
21
CE Q D CP Q CE CP D A5
3
3
B5
A6
22
CE Q D CP Q CE CP D A6
2
2
B6
A7
23
CE Q D CP Q CE A7
CEBA
13
CP D
1
1
B7
CPBA OEBA
14 15
CPBA OEBA
14 15
VCC = PIN 24 GND = PIN 12
SF01379
VCC = PIN 24 GND = PIN 12
SF01380
1989 Sep 22
5
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
FUNCTION TABLE for Register An or Bn
INPUTS An or Bn X L H H= L= = X= XX = NC= CPXX X CEXX H L L INTERNAL Q NC L H Load data OPERATING MODE Hold data
FUNCTION TABLE for Output Enable
INPUTS OEXX H L L H= L= X= XX = Z= INTERNAL Q X L H An or Bn OUTPUTS 74F2952 Z L H 74F2953 Z H L Enable outputs OPERATING MODE Disable outputs
High voltage level Low voltage level Low-to-High transition Don't Care AB or BA No Change
High voltage level Low voltage level Don't Care AB or BA High impedance "off" state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state A0 - A7 Current applied to output in Low output state Operating free-air temperature range Storage temperature range B0 - B7 PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to +5.5 48 128 0 to +70 -65 to +150 UNIT V V mA V mA mA C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK IO OH Supply voltage High-level input voltage Low-level input voltage Input clamp current A0 - A7 High-level High level output current B0 - B7 A0 - A7 IOL Tamb Low-level Low level output current Operating free-air temperature range B0 - B7 0 PARAMETER MIN 4.5 2.0 0.8 -18 -3 -15 24 64 +70 NOM 5.0 MAX 5.5 UNIT V V V mA mA mA mA mA C
1989 Sep 22
6
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL PARAMETER TEST CONDITIONS1 10% VCC 5% VCC 10% VCC 5% VCC 10% VCC 5% VCC 10% VCC 5% VCC LIMITS MIN 2.4 2.7 2.0 2.0 0.35 0.35 0.38 0.42 -0.73 0.50 0.50 0.55 0.55 -1.2 100 3.3 TYP2 MAX UNIT V V V V V V V V V A mA A
A0-A7 A0 A7 VO OH High-level High level output voltage B0-B7 B0 B7
VCC = MIN, VIL = MAX MAX, VIH = MIN
IO = -3mA 3mA OH
IO = -15mA 15mA OH
A0-A7 A0 A7 VO OL Low-level Low level output voltage B0-B7 B0 B7 VIK Input clamp voltage CPAB, CPBA, OEAB, OEBA, CEAB, CEBA A0-A7, B0-B7 IIH High-level input current CPAB, CPBA, OEAB, OEBA, CEAB, CEBA CPAB, CPBA, OEAB, OEBA, CEAB, CEBA A0-A7, B0-B7 A0-A7, B0-B7 A0-A7 B0-B7 ICCH ICC Supply current (total) iCCL ICCZ
VCC = MIN, VIL = MAX MAX, VIH = MIN
IO = 24mA OL IOL = 48mA IOL = 64mA
VCC = MIN, II = IIK VCC = 5.5V, VI = 7.0V VCC = 5.5V, VI = 5.5V VCC = MAX, VI = 2.7V
II
Input current at maximum in ut input voltage
1
20
IIL IIH+IOZH IIL+IOZL IOS
Low-level input current Off-state output current High-level voltage applied Off-state output current Low-level voltage applied Short-circuit Short circuit output current3
VCC = MAX, VI = 0.5V VCC = MAX, VO = 2.7V VCC = MAX, VO = 0.5V -60 VCC = MAX, VO = 0V MAX -100 90 VCC = MAX 120 105
-0.6
mA A A mA mA mA mA mA
70 -600 -150 -225 140 175 155
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any sequence of parameter tests, IOS tests should be performed last.
1989 Sep 22
7
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION Tamb = +25C VCC = +5V CL = 50pF, RL = 500 MIN fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ Maximum clock frequency Propagation delay CPBA or CPAB to An or Bn Output Enable time OEBA or OEAB to An or Bn Output Disable time OEBA or OEAB to An or Bn Waveform 1 Waveform 1 Waveform 3 Waveform 4 Waveform 3 Waveform 4 145 3.0 3.5 2.0 3.5 2.0 1.5 TYP 160 5.0 6.0 4.5 6.0 4.0 3.5 7.5 8.5 7.0 9.5 8.0 6.5 MAX Tamb = 0C to +70C VCC = +5V 10% CL = 50pF, RL = 500 MIN 135 2.5 3.5 2.0 3.0 1.5 1.0 8.0 9.0 8.0 10.0 9.0 7.0 MAX MHz ns ns ns UNIT
AC SETUP REQUIREMENTS
LIMITS SYMBOL PARAMETER TEST CONDITION Tamb = +25C VCC = +5V CL = 50pF, RL = 500 MIN ts(H) ts(L) ts(H) ts(L) th(H) th(L) ts(H) ts(L) th(H) th(L) tw(H) tw(L) Setup time, High or Low An or Bn to CPAB or CPBA Setup time, High or Low An or Bn to CPAB or CPBA Hold time, High or Low An or Bn to CPAB or CPBA Setup time, High or Low CEAB, CEBA to CPAB, CPBA Hold time, High or Low CEAB, CEBA to CPAB, CPBA CPAB or CPBA pulse width, High or Low 74F2952 74F2953 Waveform 2 Waveform 2 Waveform 2 Waveform 2 Waveform 2 Waveform 1 4.5 3.5 4.0 3.5 0.0 0.0 0.0 4.0 2.5 2.5 3.0 3.5 TYP MAX Tamb = 0C to +70C VCC = +5V 10% CL = 50pF, RL = 500 MIN 5.0 4.0 4.0 4.0 0.0 0.0 0.0 4.0 2.5 3.0 3.0 3.5 MAX ns ns ns ns ns ns UNIT
1989 Sep 22
8
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
AC WAVEFORMS
For all waveforms, VM = 1.5V. The shaded areas indicate when the input is permitted to change for predictable output.
1/fMAX CPBA or CPAB VM tW(H) tPHL An or Bn VM VM tW(L) tPLH VM VM
An, Bn CEAB, CEBA
VM ts(H)
VM th(H)
VM ts(L)
VM th(H)
CPAB, CPBA
VM
VM
SF01161
SF01381
Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width, and Maximum Clock Frequency
Waveform 2.
Data Setup and Hold Times
OEAB, OEBA
VM tPZH
VM tPHZ VM 0V VOH -0.3V
OEAB, OEBA
VM tPZL
VM tPLZ VM
An, Bn
An, Bn
VOL +0.3V
SF01382
SF01383
Waveform 3. 3-State Output Enable Time to High Level and Output Disable Time from High Level
Waveform 4. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V VIN PULSE GENERATOR RT D.U.T. VOUT RL NEGATIVE PULSE 90% VM 10% tTHL (tf ) CL RL tTLH (tr ) 90% POSITIVE PULSE 10% tTHL (tf ) AMP (V) 90% VM tw 10% 0V tw VM 10% tTLH (tr ) 0V AMP (V)
90%
Test Circuit for 3-State Outputs SWITCH POSITION TEST tPLZ tPZL All other SWITCH closed closed open
VM
Input Pulse Definition
DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00777
1989 Sep 22
9
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
DIP24: plastic dual in-line package; 24 leads (300 mil)
SOT222-1
1989 Sep 22
10
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
SO24: plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
1989 Sep 22
11
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
PLCC28: plastic leaded chip carrier; 28 leads
SOT261-2
1989 Sep 22
12
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
NOTES
1989 Sep 22
13
Philips Semiconductors
Product specification
Transceivers
74F2952, 74F2953
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 Philips Semiconductors and Philips Electronics North America Corporation register eligible circuits under the Semiconductor Chip Protection Act. (c) Copyright Philips Electronics North America Corporation 1996 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-05202
Philips Semiconductors
1989 Sep 22 14


▲Up To Search▲   

 
Price & Availability of N74F2953N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X