Part Number Hot Search : 
SQ418 SG6513S ILMS5360 IP317AK SQ2319ES 2SB16 R350403A WPM2006
Product Description
Full Text Search
 

To Download N2T-CSS-X1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
SPNovaLEDTM
InGaN : 50mA
SPNovaLED
TM
Featuring a staggering brilliance and significant flux output, the SPNovaLEDTM showcases the latest technological advent in this range. With its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as automotive signal lights, traffic lights, channel lights, tube lights and garden lights among others.
Features:
> > > > > > > > > > Super high brightness surface mount LED. High flux output. 120 viewing angle. Compact package outline (LxWxH) of 6.0 x 6.0 x 1.5mm. Ultra low height profile - 1.5 mm. Designed for high current drive; typically 50 mA. Low thermal resistance; Rth (js) = 20 K/W. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance.
Applications:
> Automotive: exterior applications, eg: Center High Mounted Stop Light (CHMSL), Rear Combination Lights (RCLs), Signal lightting, Fog-lamp, etc. > Communication: indicator and backlight in mobilephone. > Industry: white goods (eg: Oven, microwave, etc.). > Lighting: garden light, architecture lighting, general lighting. etc
(c) 2005 SPNovaLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Part Ordering Number
N2B-CSS-TU1-1 * N2B-CSS-T1 * N2B-CSS-T2 * N2B-CSS-U1 N2T-CSS-WX1-1 * N2T-CSS-W1 * N2T-CSS-W2 * N2T-CSS-X1
Chip Technology / Color
InGaN Blue, 470nm
Viewing Angle
120
Luminous Intensity @ IF = 50mA (mcd)
285.0 - 560.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0
InGaN True Green, 525nm
120
1125.0 - 2240.0 1125.0 - 1400.0 1400.0 - 1800.0 1800.0 - 2240.0
NOTE 1. Luminous intensity is measured with an accuracy of 11%. 2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength Grouping
Color
N2B; Blue
Group
Full W X Y
Wavelength distribution (nm)
464 - 476 464 - 468 468 - 472 472 - 476 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536
N2T; True Green
Full W X Y Z
Dominant wavelength is measured with an accuracy of 1 nm.
Electrical Characteristics at Ta=250C
Part Number
N2B-CSS N2T-CSS
Vf @ If = 50 mA Typ. (V)
3.8 3.9
Max. (V)
4.2 4.2
Vr @ Ir = 10 A Min. (V)
5 5
Forward Voltage, Vf is measured with an accuracy of 0.1 V.
Optical Characteristics at Ta=25C, if=50mA, Rja=100K/W
Part Number
N2B-CSS-TU1-1 N2T-CSS-WX1-1
Total Flux @ If=50mA Typ. (mlm) Min. (mlm)
800 3700 900 4600
Intensity @ If=50mA(mcd) Min. Typ.
285 1125 360 1400
2
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Absolute Maximum Ratings
Maximum Value
DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.005) Reverse Voltage ESD Threshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation 50 200 5 2000 125 -40 ... +100 -40 ... +100 250
Unit
mA mA V V C C C mW
3
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Relative Luminous Flux Vs Forward Current
Relative Flux; Normalized at 50mA Relative Luminous Flux, Normalized at 50mA
1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100
Relative Luminous Intensity Vs Forward Current
Relative Intensity, Normalized at 50mA
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100
Forward Current, mA
Forward Current, mA
Forward Current Vs Forward Voltage
80 70
Dominant Wavelength Shift Vs Forward Current
8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 0
60 50 40 30 20 10 0 1.5 2 2.5 3 3.5 4 4.5 5
Dominant Wavelength Shift, nm
Forward Current, mA
True Green
20
40
60
80
Forward Voltage, V
Forward Current, mA
Dominant Wavelength Shift Vs Forward Current
30
1.5
Radiation Pattern
20 10 0
1.0
Dominant Wavelength Shift, nm
1
40
0.8
0.5
50
0
Blue
0.6
-0.5
60 70 80
0.4
-1
0.2
-1.5 0 20 40 60 80
90
0
Forward Current, mA
4
27/11/2006 V6.0
Semiconductors
Innovating Illumination
DOMINANT TM
SPNovaLED InGaN : 50mA
SPNovaLED * InGaN : 50mA Package Outlines
TM
5
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Recommended Solder Pad
6
27/10/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Taping and orientation
* Reels come in quantity of 2000 units. * Reel diameter is 330 mm.
7
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Packaging Specification
8
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Packaging Specification
Moisture sensitivity level
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc SPNovaLED
Weight (gram) Weight (gram) 0.188 0.034
1 completed bag (2000pcs)
800 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For SPNovaLED
Cardboard Box Size
Large
TM
Dimensions (mm)
Empty Box Weight (kg)
1.74
Reel / Box
Quantity / Box (pcs)
416 x 516 x 476
20 reels MAX
40,000 MAX
9
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
10
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
Revision History
Page Subjects New Format Date of Modification 27 Nov 2006
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
11
27/11/2006 V6.0
DOMINANT TM
Semiconductors
Innovating Illumination
SPNovaLED InGaN : 50mA
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
Semiconductors
Innovating Illumination
DOMINANT
TM


▲Up To Search▲   

 
Price & Availability of N2T-CSS-X1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X