Part Number Hot Search : 
BFS17 OM6206 190MS8E HER0804G 133BG 190MS8E L9615 PE39424
Product Description
Full Text Search
 

To Download MXR6999M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Profile, Low Power 1.0g Dual Axis Accelerometer with Ratiometric Outputs
MXR6999G/M
FEATURES
Low power consumption: typically 2.0mA @ 3.0V Resolution better than 1 milli-g Dual axis accelerometer fabricated on a monolithic CMOS IC On chip mixed signal processing No moving parts; No loose particle issues >50,000 g shock survival rating Low profile LCC package: 5mm X 5mm X 1.55mm 2.7V to 3.6V single supply continuous operation Compensated for Sensitivity over temperature No adjustment needed outside
VDD TEMP TP Internal Oscillator VREF Temperature Sensor TEMP CLK PD CLK Heater Control Coarse Gain Adj. Fine Gain Adj. No Connection Vref Low Pass Buf. Filter CLK No Connection
X aixs CLK Coarse Gain Adj.
Temp Comp.
A/D
D/A CLK Vref
Xout
CLK TEMP CLK Fine Gain Adj. Temp Comp.
APPLICATIONS
Automotive - Vehicle Security/Active Suspension/ABS Headlight Angle Control/Tilt Sensing Security - Gas Line/Elevator/Fatigue Sensing Office Equipment - Computer Peripherals/PDA's/Mouse Smart Pens/Cell Phones Gaming - Joystick/RF Interface/Menu Selection/Tilt Sensing White Goods - Spin/Vibration Control GENERAL DESCRIPTION The MXR6999G/M is a low noise and low profile, dual axis accelerometer fabricated on a standard, submicron CMOS process. It is a complete sensing system with on-chip mixed mode signal processing. The MXR6999G/M measures acceleration with a full-scale range of 0.6 g and a sensitivity of 1000mV/g @3V at 25C. It can measure both dynamic acceleration (e.g., vibration) and static acceleration (e.g., gravity). The MXR6999G/M design is based on heat convection and requires no solid proof mass. This eliminates stiction and particle problems associated with competitive devices and provides shock survival up to 50,000 g, leading to significantly lower failure rates and lower loss due to handling during assembly.
Y aixs Acceleration Sensor CLK
A/D CLK
D/A CLK
Low Pass Buf. Filter CLK
Yout
CLKTEMP GND
MXR6999G/M FUNCTIONAL BLOCK DIAGRAM
The MXR6999G/M provides two ratiometric analog outputs. The maximum noise floor is 1 mg/ Hz allowing signals below 1 milli-g to be resolved at 1 Hz bandwidth. The MXR6999G/M is available in a hermetically sealed low profile LCC surface mount package (5mm x 5mm x 1.55mm. It is operational over a -40C to
85C(M) and 0C to 70C(G) temperature range.
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of MEMSIC.
(c)MEMSIC, Inc. 800 Turn pike Street, Suite 202, North Andover, MA 01845 Tel: 978.738.0900 Fax: 978.738.0196 www.memsic.com
MEMSIC MXR6999G/M Rev.C
Page 1 of 6
4/15/2005
MXR6999G/M SPECIFICATIONS (Measurements @ 25C, Acceleration = 0 g unless otherwise noted; VDD= 3.0V
unless otherwise specified)
MXR6999G Parameter SENSOR INPUT Measurement Range1 Nonlinearity Alignment Error2 Transverse Sensitivity3 SENSITIVITY Sensitivity, Analog Outputs at output pins Change over Temperature (compensated) ZERO g BIAS LEVEL 0 g Offset 0 g Voltage 0 g Offset over Temperature Conditions Each Axis 0.94 Best fit straight line 1.0 0.5 1.0 2.0 0.94 1.0 1.0 0.5 1.0 2.0 1.0 g % of FS degrees % Min Typ Max Min MXR6999M Typ Max Units
Each Axis from 25C Each Axis -0.1 1.40 from 25C from 25C 0.00 1.50 1.5 1.5 0.4 15 17 +0.1 1.60 -0.1 1.40 0.00 1.50 1.5 1.5 0.4 15 17 +0.1 1.60 g V mg/C mV/C mg/ Hz Hz 950 -15 1000 1050 +8 950 -20 1000 1050 +8 mV/g %
NOISE PERFORMANCE Noise Density, rms FREQUENCY RESPONSE 3dB Bandwidth SELF TEST Continuous Voltage at output @3.0V Supply, output rails to under failure supply voltage OUTPUTS PERFORMANCE Normal Output Range Output High Output Low Current Source or sink, @ 2.7V-3.6V supply Turn-On Time4 @3V Supply POWER SUPPLY Operating Voltage Range Supply Current @ 3.0V TEMPERATURE RANGE Operating Range NOTES
Guaranteed by measurement of initial offset and sensitivity. Alignment error is specified as the angle between the true and indicated axis of sensitivity. 3 Transverse sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
2 4 1
1.0 19
1.0 19
3.0 2.8 0.2 100 75 2.7 3.0 2.0 3.6 2.7 2.8
3.0
V V V A mS 3.6 V mA C
0.2 100 75 3.0 2.0
0
+70
-40
+85
Output settled to within 17mg.
MEMSIC MXR6999G/M Rev.C
Page 2 of 6
4/15/2005
ABSOLUTE MAXIMUM RATINGS* Supply Voltage (VDD) .....................-0.5 to +7.0V Storage Temperature ......................-65C to +150C Acceleration ............................................50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
away from the +X direction following the right-hand rule. Small circle indicates pin one(1).
Pin Description: Pin Name 1 PD 2 TP 3 COM 4 NC 5 NC 6 Yout 7 Xout 8 VDD
LCC-8 Package Description Power down pin Connected to ground Common Do Not Connect Do Not Connect Y Channel Analog Output X Channel Analog Output 2.7V to 3.6 V
Ordering Guide Model Package Type
MXR6999GP MXR6999MP MXR6999GB MXR6999MB
Temperature Range 0 to +70C -40 to +85C 0 to +70C -40 to +85C
THEORY OF OPERATION The MEMSIC device is a complete dual-axis acceleration measurement system fabricated on a monolithic CMOS IC process. The device operation is based on heat transfer by natural convection and operates like other accelerometers having a proof mass. The proof mass in the MEMSIC sensor is a gas. A single heat source, centered in the silicon chip is suspended across a cavity. Equally spaced aluminum/polysilicon thermopiles (groups of thermocouples) are located equidistantly on all four sides of the heat source (dual axis). Under zero acceleration, a temperature gradient is symmetrical about the heat source, so that the temperature is the same at all four thermopiles, causing them to output the same voltage. Acceleration in any direction will disturb the temperature profile, due to free convection heat transfer, causing it to be asymmetrical. The temperature, and hence voltage output of the four thermopiles will then be different. The differential voltage at the thermopile outputs is directly proportional to the acceleration. There are two identical acceleration signal paths on the accelerometer, one to measure acceleration in the x-axis and one to measure acceleration in the y-axis. Please visit the MEMSIC website at www.memsic.com for a picture/graphic description of the free convection heat transfer principle.
LCC8, RoHS compliant LCC8 RoHS compliant LCC8, Pb-free LCC8, Pb-free
All parts are shipped in tape and reel packaging. Caution: ESD (electrostatic discharge) sensitive device.
Note: The MEMSIC logo's arrow indicates the -X sensing direction of the device. The +Y sensing direction is rotated 90
MEMSIC MXR6999G/M Rev.C
Page 3 of 6
4/15/2005
COM- This is the ground pin for the accelerometer. TP- This pin should be connected to ground.
Accelerometer Position Relative to Gravity
Xout - This pin is the ratiometric output of the X-axis acceleration sensor. The user should ensure the load impedance is sufficiently high as to not source/sink >100A typical. While the sensitivity of this axis has been programmed at the factory to be the same as the sensitivity for the y-axis, the accelerometer can be programmed for non-equal sensitivities on the x- and y-axes. Contact the factory for additional information.
Yout - This pin is the ratiometric output of the Y-axis
MEMSIC
PIN DESCRIPTIONS VDD - This is the supply input for the circuits and the sensor heater in the accelerometer. The DC voltage should be between 2.7 and 3.6 volts. Refer to the section on PCB layout and fabrication suggestions for guidance on external parts and connections recommended.
X-Axis X-Axis Orientation To Earth's Surface (deg.)
90 85 80 70 60 45 30 20 10 5 0
Y-Axis Change per deg. of tilt (mg)
17.45 17.37 17.16 16.35 15.04 12.23 8.59 5.86 2.88 1.37 0.15
X Output (g)
Change per deg. of tilt (mg)
Y Output (g)
acceleration sensor. The user should ensure the load impedance is sufficiently high as to not source/sink >100A typical. While the sensitivity of this axis has been programmed at the factory to be the same as the sensitivity for the x-axis, the accelerometer can be programmed for non-equal sensitivities on the x- and y-axes. Contact the factory for additional information. PD- Pin 1 is the power down control pin. Pull this pin HIGH will
put the accelerometer into power down mode. When the part goes into power down mode, the total current will be smaller than 0.1uA at 3V. In normal operation mode, this pin should be connected to Ground.
1.000 0.15 0.000 0.996 1.37 0.087 0.985 2.88 0.174 0.940 5.86 0.342 0.866 8.59 0.500 0.707 12.23 0.707 0.500 15.04 0.866 0.342 16.35 0.940 0.174 17.16 0.985 0.087 17.37 0.996 0.000 17.45 1.000 Changes in Tilt for X- and Y-Axes
DISCUSSION OF TILT APPLICATIONS AND RESOLUTION Tilt Applications: One of the most popular applications of the MEMSIC accelerometer product line is in tilt/inclination measurement. An accelerometer uses the force of gravity as an input to determine the inclination angle of an object. A MEMSIC accelerometer is most sensitive to changes in position, or tilt, when the accelerometer's sensitive axis is perpendicular to the force of gravity, or parallel to the Earth's surface. Similarly, when the accelerometer's axis is parallel to the force of gravity (perpendicular to the Earth's surface), it is least sensitive to changes in tilt. Following table and figure help illustrate the output changes in the X- and Y-axes as the unit is tilted from +90 to 0. Notice that when one axis has a small change in output per degree of tilt (in mg), the second axis has a large change in output per degree of tilt. The complementary nature of these two signals permits low cost accurate tilt sensing to be achieved with the MEMSIC device (reference application note AN-00MX-007). MEMSIC MXR6999G/M Rev.C Page 4 of 6
Resolution: The accelerometer resolution is limited by noise. The output noise will vary with the measurement bandwidth. With the reduction of the bandwidth, by applying an external low pass filter, the output noise drops. Reduction of bandwidth will improve the signal to noise ratio and the resolution. The output noise scales directly with the square root of the measurement bandwidth. The maximum amplitude of the noise, its peak- to- peak value, approximately defines the worst case resolution of the measurement. With a simple RC low pass filter, the rms noise is calculated as follows: Noise (mg rms) = Noise(mg/ Hz ) * ( Bandwidth( Hz) *1.6) The peak-to-peak noise is approximately equal to 6.6 times the rms value (for an average uncertainty of 0.1%). POWER SUPPLY NOISE REJECTION One capacitor is recommended for best rejection of power supply noise (reference figure below). The capacitor should be located as close as possible to the device supply pin (VDD). The capacitor lead length should be as short as possible, and surface mount capacitor is preferred. For typical applications, the capacitor can be ceramic 0.1 F.
4/15/2005
PCB LAYOUT AND FABRICATION SUGGESTIONS 1. 2. 3. It is best to connect a 0.1uF capacitor directly across VDD and COM pin. Robust low inductance ground wiring should be used. Care should be taken to ensure there is "thermal symmetry" on the PCB immediately surrounding the MEMSIC device and that there is no significant heat source nearby. A metal ground plane should be added directly beneath the MEMSIC device. The size of the plane should be similar to the MEMSIC device's footprint and be as thick as possible. Vias can be added symmetrically around the ground plane. Vias increase thermal isolation of the device from the rest of the PCB.
4.
Power supply noise rejection
5.
MEMSIC MXR6999G/M Rev.C
Page 5 of 6
4/15/2005
LCC-8 LOW PROFILE PACKAGE DRAWING
Hermetically Sealed Package Outline
MEMSIC MXR6999G/M Rev.C
Page 6 of 6
4/15/2005


▲Up To Search▲   

 
Price & Availability of MXR6999M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X