Part Number Hot Search : 
DC101 TM6183 1DI300 11000 0110R 1N4734A TDA1520B 12015
Product Description
Full Text Search
 

To Download MXP2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MXP2001
SANTA ANA DIVISION
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
PRODUCT PREVIEW
KEY FEATURES
DESCRIPTION
W W W.Microsemi .COM
Large area diode chip for medium current photovoltaic bypass applications, or for higher current hybrid applications. The device is rated for 1A for applications where the device will be exposed to substantial radiation flux (space). For other applications, it may be operated at higher currents. A version with attached leads is available.
Oxide passivated structure for very low leakage currents Epitaxial structure minimizes forward voltage drop Forward voltage decreases with radiation exposure Qualified for space applications Thin construction for fit with photovoltaic cells Rectangular shape APPLICATIONS/BENEFITS APPLICATIONS/BENEFITS
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Increases efficiency of photovoltaic arrays Protects photovoltaic cells from reverse voltage
MAXIMUM RATINGS @ 25C (UNLESS OTHERWISE SPECIFIED)
Description
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current, Tc 135C Junction Temperature Range Storage Temperature Range
Symbol
VRRM VRWM VR IF(ave) Tj Tstg
Max.
50 50 50 1.0 -65 to +150 -65 to +200
Unit
Volts Volts Volts Amps C C
ELECTRICAL PARAMETERS
Description
Reverse (Leakage) Current (in dark) Forward Voltage pulse test, pw= 300 s Junction Capacitance Breakdown Voltage
Symbol
IR25 IR25 VF1 VF2 Cj1 BVR
Conditions
VR= 2.5 Vdc, Ta= 25C VR= 10 Vdc, Ta= 25C IF= 0. 5 A, Ta= 25C IF= 1. 0 A, Ta= 25C VR= 4 Vdc IR= 200 A, Ta= 25C
Min
Typ.
10 10 770 790 800 90
Max
200 500 800 820 1000
Unit
nA nA mV mV pF V
50
MXP2001 MXP2001
Copyright 2002 MXP2001.PDF, 2002-05-03
Microsemi
Santa Ana Division 2830 South Fairview, Santa Ana, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
MXP2001
SANTA ANA DIVISION
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
PRODUCT PREVIEW
Mechanical Outline
W W W.Microsemi .COM
MXP2001 dimensions in mils
GLASS
TOP METAL (ANODE)
ANODE P+ NN+
5.0
CATHODE
Typical forward voltage vs. forward current
MXP2001 Vf vs. If
0.88 0.87 0.86 0.85 0.84
Vf (volts)
0.83 0.82 0.81 0.80 0.79 0.78 0.77 0.76 0.75 0.74 0.0 5.0 10.0 15.0 20.0 25.0 30.0
MECHANICALS/ MECHANICALS/
GRAPH GRAPH
If (amperes)
Copyright 2002 MXP2001.PDF, 2002-05-03
Microsemi
Santa Ana Division 2830 South Fairview, Santa Ana, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
MXP2001
SANTA ANA DIVISION
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
PRODUCT PREVIEW
Typical forward voltage vs. temperature
MXP2001 0.5A Vf vs. deg C 800 750 0.5A Vf (mV) 700 650 600 550 500 0 20 40 60 80 100 deg C 120 140 160 180 200
W W W.Microsemi .COM
Typical capacitance vs. reverse voltage
MXP2001 capacitance vs. reverse voltage 1800 1600 capacitance (pF) 1400 1200 1000 800 600
GRAPHS GRAPHS
400 200 0 5 10 15 20 25 Vr (V) 30 35 40 45 50
Copyright 2002 MXP2001.PDF, 2002-05-03
Microsemi
Santa Ana Division 2830 South Fairview, Santa Ana, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 3
MXP2001
SANTA ANA DIVISION
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
PRODUCT PREVIEW
NOTES
W W W.Microsemi .COM
NOTES NOTES
Copyright 2002 MXP2001.PDF, 2002-05-03
Microsemi
Santa Ana Division 2830 South Fairview, Santa Ana, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 4


▲Up To Search▲   

 
Price & Availability of MXP2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X