Part Number Hot Search : 
FM305 AD8631 IC18F RFM65CW C107M020 DDTA114 OL5155 LLSD103
Product Description
Full Text Search
 

To Download MX27L2000TI-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX27L2000
2M-BIT [256Kx8] CMOS EPROM
FEATURES
* * * * * * *
256Kx 8 organization Wide power supply range, 2.7V DC to 3.6V DC +12.5V programming voltage Fast access time: 70R/120/150/200/250 ns Totally static operation Completely TTL compatible Operating current:20mA @ 3.6V, 5MHz
* Standby current: 20uA * Package type:
32 pin plastic DIP 32 pin SOP 32 pin PLCC 8x20mm 32-lead TSOP(I) 8x13.4mm 32-lead TSOP(I)
GENERAL DESCRIPTION
The MX27L2000 is a 3V only, 2M-bit, One Time Programmable Read Only Memory. It is organized as 256K words by 8 bits per word, operates from a single + 3 volt supply, has a static standby mode, and features fast single address location programming. All programming signals are TTL levels, requiring a single pulse. For programming outside from the system, existing EPROM programmers may be used. The MX27L2000 supports a intelligent fast programming algorithm which can result in programming time of less than one minute. This EPROM is packaged in industry standard 32 pin dual-in-line packages, 32 lead SOP and 32 lead PLCC and 32 lead TSOP(I) packages.
PIN CONFIGURATIONS
32 PDIP/SOP
VPP A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC PGM A17 A14 A13 A8 A9 A11 OE A10 CE Q7 Q6 Q5 Q4 Q3
BLOCK DIAGRAM
VCC VPP A12 A15 A16 A17 NC
CE PGM OE CONTROL LOGIC OUTPUT BUFFERS Q0~Q7
32 PLCC
4 1 32 30 29
A7 A6 A5 A4 A3 A2 A1 A0 Q0
5
A14 A13 A8 A9
A0~A17 ADDRESS INPUTS . . . . . . . . VCC VSS X-DECODER Y-DECODER . . . . . . . . 2M BIT CELL MAXTRIX Y-SELECT
MX27L2000
9
MX27L2000
25
A11 OE A10 CE
13 14
Q1 Q2 GND
17
Q3 Q4 Q5
21 20
Q6
Q7
32 TSOP(I) (8x20mm,8x13.4mm)
A11 A9 A8 A13 A14 A17 PGM VCC VPP A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE Q7 Q6 Q5 Q4 Q3 GND Q2 Q1 Q0 A0 A1 A2 A3
PIN DESCRIPTION
SYMBOL A0~A17 Q0~Q7 CE OE PGM VPP NC VCC GND
1
PIN NAME Address Input Data Input/Output Chip Enable Input Output Enable Input Programmable Enable Input Program Supply Voltage No Internal Connection Power Supply Pin (+5V) Ground Pin
REV. 3.2, AUG. 26, 2003
MX27L2000
P/N: PM0372
MX27L2000
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27L2000 When the MX27L2000 is delivered, or it is erased, the chip has all 2M bits in the "ONE" or HIGH state. "ZEROs" are loaded into the MX27L2000 through the procedure of programming. For programming, the data to be programmed is applied with 8 bits in parallel to the data pins. Vcc must be applied simultaneously or before Vpp, and removed simultaneously or after Vpp. When programming an MXIC EPROM, a 0.1uF capacitor is required across Vpp and ground to suppress spurious voltage transients which may damage the device. AUTO IDENTIFY MODE The auto identify mode allows the reading out of a binary code from an EPROM that will identify its manufacturer and device type. This mode is intended for use by programming equipment for the purpose of automatically matching the device to be programmed with its corresponding programming algorithm. This mode is functional in the 25C 5C ambient temperature range that is required when programming the MX27L2000. To activate this mode, the programming equipment must force 12.0 0.5 V on address line A9 of the device. Two identifier bytes may then be sequenced from the device outputs by toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during auto identify mode. Byte 0 ( A0 = VIL) represents the manufacturer code, and byte 1 (A0 = VIH), the device identifier code. For the MX27L2000, these two identifier bytes are given in the Mode Select Table. All identifiers for manufacturer and device codes will possess odd parity, with the MSB (Q7) defined as the parity bit.
FAST PROGRAMMING The device is set up in the fast programming mode when the programming voltage VPP = 12.75V is applied, with VCC = 6.25 V and PGM = VIH (Algorithm is shown in Figure 1). The programming is achieved by applying a single TTL low level 100us pulse to the PGM input after addresses and data line are stable. If the data is not verified, an additional pulse is applied for a maximum of 25 pulses. This process is repeated while sequencing through each address of the device. When the programming mode is completed, the data in all address is verified at VCC = VPP = 5V 10%.
READ MODE The MX27L2000 has two control functions, both of which must be logically satisfied in order to obtain data at the outputs. Chip Enable (CE) is the power control and should be used for device selection. Output Enable (OE) is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that addresses are stable, address access time (tACC) is equal to the delay from CE to output (tCE). Data is available at the outputs tQE after the falling edge of OE, assuming that CE has been LOW and addresses have been stable for at least tACC - tQE.
PROGRAM INHIBIT MODE Programming of multiple MX27L2000s in parallel with different data is also easily accomplished by using the Program Inhibit Mode. Except for CE and OE, all like inputs of the parallel MX27L2000 may be common. A TTL low-level program pulse applied to an MX27L2000 CE input with VPP = 12.5 0.5 V and PGM LOW will program that MX27L2000. A high-level CE input inhibits the other MX27L2000s from being programmed.
STANDBY MODE The MX27L2000 has a CMOS standby mode which reduces the maximum VCC current to 100 uA. It is placed in CMOS standby when CE is at VCC 0.3 V. The MX27L2000 also has a TTL-standby mode which reduces the maximum VCC current to 1.5 mA. It is placed in TTL-standby when CE is at VIH. When in standby mode, the outputs are in a high-impedance state, independent of the OE input.
PROGRAM VERIFY MODE Verification should be performed on the programmed bits to determine that they were correctly programmed. The verification should be performed with OE and CE, at VIL, PGM at VIH, and VPP at its programming voltage.
P/N: PM0372
REV. 3.2, AUG. 26, 2003
2
MX27L2000
TWO-LINE OUTPUT CONTROL FUNCTION To accommodate multiple memory connections, a twoline control function is provided to allow for: 1. Low memory power dissipation, 2. Assurance that output bus contention will not occur. It is recommended that CE be decoded and used as the primary device-selecting function, while OE be made a common connection to all devices in the array and connected to the READ line from the system control bus. This assures that all deselected memory devices are in their low-power standby mode and that the output pins are only active when data is desired from a particular memory device. SYSTEM CONSIDERATIONS During the switch between active and standby conditions, transient current peaks are produced on the rising and falling edges of Chip Enable. The magnitude of these transient current peaks is dependent on the output capacitance loading of the device. At a minimum, a 0.1 uF ceramic capacitor (high frequency, low inherent inductance) should be used on each device between Vcc and GND to minimize transient effects. In addition, to overcome the voltage drop caused by the inductive effects of the printed circuit board traces on EPROM arrays, a 4.7 uF bulk electrolytic capacitor should be used between VCC and GND for each eight devices. The location of the capacitor should be close to where the power supply is connected to the array.
MODE SELECT TABLE
PINS MODE Read Output Disable Standby (TTL) Standby (CMOS) Program Program Verify Program Inhibit Device Code(3) CE VIL VIL VIH VCC0.3V VIL VIL VIH VIL OE VIL VIH X X VIH VIL X VIL VIL PGM X X X X VIL VIH X X X A0 X X X X X X X VIL VIH A9 X X X X X X X VH VH VPP VCC VCC VCC VCC VPP VPP VPP VCC VCC OUTPUTS DOUT High Z High Z High Z DIN DOUT High Z C2H 20H
Manufacturer Code(3) VIL
NOTES: 1. VH = 12.0 V 0.5 V 2. X = Either VIH or VIL 3. A1 - A8 = A10 - A17 = VIL(For auto select) 4. See DC Programming Characteristics for VPP voltage during programming.
P/N: PM0372
REV. 3.2, AUG. 26, 2003
3
MX27L2000
FIGURE 1. FAST PROGRAMMING FLOW CHART
START
ADDRESS = FIRST LOCATION
VCC = 6.25V VPP = 12.75V X=0
PROGRAM ONE 100us PULSE
INTERACTIVE SECTION
INCREMENT X
YES X = 25?
NO FAIL VERIFY BYTE ? PASS NO INCREMENT ADDRESS LAST ADDRESS FAIL YES
VCC = VPP = 5.25V
VERIFY SECTION
VERIFY ALL BYTES ?
FAIL
DEVICE FAILED
PASS DEVICE PASSED
P/N: PM0372
REV. 3.2, AUG. 26, 2003
4
MX27L2000
SWITCHING TEST CIRCUITS
DEVICE UNDER TEST
1.8K ohm +5V
CL 6.2K ohm
DIODES = IN3064 OR EQUIVALENT
CL = 100 pF including jig capacitance (MX27L2000-200, 250ns) CL = 30 pF including jig capacitance (MX27L2000-70R, 120, 150ns)
SWITCHING TEST WAVEFORMS
2.0V
AC driving levels
2.0V TEST POINTS 0.8V OUTPUT
0.8V INPUT
AC TESTING: (1) AC driving levels are 3.0V/0V for both commercial grade and industrial grade. Input pulse rise and fall times are < 10ns. (2) For MX27L2000-20/25.
AC driving levels
1.5V
TEST POINTS OUTPUT
1.5V
INPUT
AC TESTING: (1) AC driving levels are 3.0V/0V for commercial grade and industrial grade. Input pulse rise and fall times are < 10ns. (2) For MX27L2000-70R/12/15.
P/N: PM0372
REV. 3.2, AUG. 26, 2003
5
MX27L2000
NOTICE: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability. NOTICE: Specifications contained within the following tables are subject to change.
ABSOLUTE MAXIMUM RATINGS
RATING Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential V9 & VPP VALUE -65oC to 125oC -0.5V to 7.0V -0.5V to VCC+0.5V -0.5V to 7.0V -0.5V to 13.5V Ambient Operating Temperature -40oC to 85oC
DC/AC Operating Conditions for Read Operation
MX27L2000 -70R Operating Temperature Commercial Industrial 0C to 70 C 3.0V to 3.6V -12 0 to 70 C C 2.7V to 3.6V -15 0 to 70C C 2.7V to 3.6V -20 0 to 70 C C 2.7V to 3.6V -25 0C to 70 C 2.7V to 3.6V
-40C to 85C -40 to 85 C C
Vcc Power Supply
DC CHARACTERISTICS
SYMBOL VOH VOL VIH VIL ILI ILO ICC3 ICC2 ICC1 IPP PARAMETER Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current VCC Power-Down Current VCC Standby Current VCC Active Current VPP Supply Current Read 2.0 -0.3 -10 -10 MIN. 2.4 0.4 VCC + 0.5 0.8 10 10 20 0.25 20 10 MAX. UNIT V V V V uA uA uA mA mA uA 2.7V < VCC < 3.6V VIN = 0 to 3.6V VOUT = 0 to 5.5V CE = VCC 0.3V CE = VIH CE = VIL, f=5MHz, Iout = 0mA, VCC=3.6V CE = OE = VIL, VPP = VCC CONDITIONS IOH = -0.4mA, VCC=3.0V IOL = 2.1mA, VCC=3.0V
CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only)
SYMBOL CIN COUT CVPP PARAMETER Input Capacitance Output Capacitance VPP Capacitance TYP. 8 8 18 MAX. 12 12 25 UNIT pF pF pF CONDITIONS VIN = 0V VOUT = 0V VPP = 0V
P/N: PM0372
REV. 3.2, AUG. 26, 2003
6
MX27L2000
AC CHARACTERISTICS
27L2000-70R 27L2000-12 Symbol PARAMETER tACC tCE tOE tDF tOH Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay OE High to Output Float, or CE High to Output Floa Output Hold from Address, 0 0 0 ns CE or OE which ever occurred first 0 MIN MAX. 70 70 50 35 0 MIN. MAX. 120 120 50 35 0 27L2000-15 MIN. MAX. UNIT 150 150 65 50 ns ns ns ns Conditions CE=OE=VIL OE=VIL CE=VIL
27L2000-20 Symbol PARAMETER tACC tCE tOE tDF tOH Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay OE High to Output Float, or CE High to Output Floa Output Hold from Address, 0 0 MIN MAX. 200 200 100 60
27L2000-25 MIN. MAX. 250 250 120 0 0 70 UNIT ns ns ns ns ns Conditions CE=OE=VIL OE=VIL CE=VIL
CE or OE which ever occurred first
DC PROGRAMMING CHARACTERISTICS TA = 25oC 5C
SYMBOL VOH VOL VIH VIL ILI VH ICC3 IPP2 VCC1 VPP1 PARAMETER Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current A9 Auto Select Voltage VCC Supply Current (Program & Verify) VPP Supply Current(Program) Fast Programming Supply Voltage Fast Programming Voltage 6.00 12.5 2.0 -0.3 -10 11.5 MIN. 2.4 0.4 VCC + 0.5 0.8 10 12.5 50 30 6.50 13.0 MAX. UNIT V V V V uA V mA mA V V CE=PGM=VIL,OE=VIH VIN = 0 to 3.6V CONDITIONS IOH = -0.40mA IOL = 2.1mA
P/N: PM0372
REV. 3.2, AUG. 26, 2003
7
MX27L2000
AC PROGRAMMING CHARACTERISTICS TA = 25oC 5C
SYMBOL tAS tOES tDS tAH tDH tDFP tVPS tPW tVCS tCES tOE PARAMETER Address Setup Time OE Setup Time Data Setup Time Address Hold Time Data Hold Time Output Enable to Output Float Delay VPP Setup Time PGM Program Pulse Width VCC Setup Time CE Setup Time Data valid from OE MIN. 2.0 2.0 2.0 0 2.0 0 2.0 95 2.0 2 150 105 130 MAX. UNIT us us us us us ns us us us us ns
P/N: PM0372
REV. 3.2, AUG. 26, 2003
8
MX27L2000
WAVEFORMS
READ CYCLE
ADDRESS INPUTS
tACC
DATA ADDRESS
CE
tCE
OE
tDF
DATA OUT
tOE
VALID DATA
tOH
FAST PROGRAMMING ALGORITHM WAVEFORM
PROGRAM VIH
PROGRAM VERIFY
Addresses
VIL
tAS
Hi-z DATA IN STABLE DATA OUT VALID
tAH
DATA
tDS VPP1
tDH
tDFP
VPP
VCC tVPS VCC1
VCC
tVCS VCC VIH
CE
VIL tCES VIH
PGM
VIL tPW VIH tOES tOE Max
OE
VIL
P/N: PM0372
REV. 3.2, AUG. 26, 2003
9
MX27L2000
ORDERING INFORMATION
PLASTIC PACKAGE
OPERATING PART NO. ACCESS TIME (ns) MX27L2000PC-70R MX27L2000MC-70R MX27L2000TC-70R MX27L2000PC-12 MX27L2000MC-12 MX27L2000TC-12 MX27L2000PC-15 MX27L2000MC-15 MX27L2000TC-15 MX27L2000PC-20 MX27L2000MC-20 MX27L2000TC-20 MX27L2000PC-25 MX27L2000MC-25 MX27L2000TC-25 MX27L2000PI-12 MX27L2000MI-12 MX27L2000TI-12 MX27L2000PI-15 MX27L2000MI-15 MX27L2000TI-15 MX27L2000PI-20 MX27L2000MI-20 MX27L2000TI-20 MX27L2000PI-25 MX27L2000MI-25 MX27L2000TI-25 MX27L2000T3C-70R MX27L2000T3C-12 MX27L2000T3C-15 MX27L2000T3C-20 MX27L2000T3C-25 70R 70R 70R 120 120 120 150 150 150 200 200 200 250 250 250 120 120 120 150 150 150 200 200 200 250 250 250 70R 120 150 200 250 STANDBY OPERATING PACKAGE CURRENT MAX. CURRENT MAX. TEMPERATURE (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 (uA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C -40 to 85 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 0 to 70 C C 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 32 Pin DIP 32 Pin SOP 8x20mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I)
P/N: PM0372
REV. 3.2, AUG. 26, 2003
10
MX27L2000
OPERATING PART NO. ACCESS TIME (ns) MX27L2000T3I-12 MX27L2000T3I-15 MX27L2000T3I-20 MX27L2000T3I-25 MX27L2000QC-70R MX27L2000QC-12 MX27L2000QC-15 MX27L2000QC-20 MX27L2000QC-25 MX27L2000QI-12 MX27L2000QI-15 MX27L2000QI-20 MX27L2000QI-25 120 150 200 250 70R 120 150 200 250 120 150 200 250
STANDBY
OPERATING PACKAGE
CURRENT MAX. CURRENT MAX. TEMPERATURE (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 (uA) 20 20 20 20 20 20 20 20 20 20 20 20 20 -40C to 85C -40C to 85C -40C to 85C -40C to 85C 0C to 70 C 0C to 70 C 0C to 70 C 0C to 70 C 0C to 70 C -40C to 85C -40C to 85C -40C to 85C -40C to 85C
8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 8x13.4mm 32 Pin TSOP(I) 32 PLCC 32 PLCC 32 PLCC 32 PLCC 32 PLCC 32 PLCC 32 PLCC 32 PLCC 32 PLCC
P/N: PM0372
REV. 3.2, AUG. 26, 2003
11
MX27L2000
PACKAGE INFORMATION
P/N: PM0372
REV. 3.2, AUG. 26, 2003
12
MX27L2000
P/N: PM0372
REV. 3.2, AUG. 26, 2003
13
MX27L2000
P/N: PM0372
REV. 3.2, AUG. 26, 2003
14
MX27L2000
P/N: PM0372
REV. 3.2, AUG. 26, 2003
15
MX27L2000
P/N: PM0372
REV. 3.2, AUG. 26, 2003
16
MX27L2000
REVISION HISTORY
Revision No. Description Page Date 2.0 Eliminate Interactive Programming Mode. 5/29/1997 AC driving levels changed from 2.4V/0.4V to 3V/0V. 2.1 IPP 100uA --> 10uA 8/07/1997 2.2 Add 120/150ns speed grades. 12/24/1997 2.3 Corrected errors in the DC/AC Operating Conditions for Read Operation 2/5/1998 2.4 Add 8x14mm and 8x13.4mm 32-TSOP(I) Packages 2/24/1998 2.5 Change TSOP Orientation 4/09/1998 2.6 Cancel Ceramic DIP package type P1,2,9,11 MAR/01/2000 2.7 To modify Package Information P10~14 JUL/19/2001 2.8 Cancel "Ultraviolet Erasable" wording in General Description P1 AUG/20/2001 2.9 To added 32-pin PLCC information P1,10,16 JAN/22/2002 3.0 1.To added 70R ns speed P1,5-7,9,10 MAR/18/2002 2.Cancel the TSOP package in 8x14mm dimension P1,9 3.1 To modify Package Information P12~16 NOV/19/2002 3.2 To modify 32-PLCC package information P14 AUG/26/2003 A1: from 0.50mm(0.020 inch)/nom. to 0.58mm(0.023 inch)/nom. from 0.66mm(0.026 inch)/nom. to 0.81mm(0.032 inch)/nom.
P/N: PM0372
REV. 3.2, AUG. 26, 2003
17
MX27L2000
MACRONIX INTERNATIONAL CO., LTD.
HEADQUARTERS:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
EUROPE OFFICE:
TEL:+32-2-456-8020 FAX:+32-2-456-8021
JAPAN OFFICE:
TEL:+81-44-246-9100 FAX:+81-44-246-9105
SINGAPORE OFFICE:
TEL:+65-348-8385 FAX:+65-348-8096
TAIPEI OFFICE:
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-453-8088 FAX:+1-408-453-8488
CHICAGO OFFICE:
TEL:+1-847-963-1900 FAX:+1-847-963-1909
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX27L2000TI-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X