Part Number Hot Search : 
MMT918 SP232AEP 74ACT16 C5100 74LS373P CBBCBC 2SB0948A PJ494
Product Description
Full Text Search
 

To Download MX23L3214XI-90G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX23L3214
32M-BIT MASK ROM
FEATURES
* Bit organization - 2Mb x 16 (word mode only) * Fast access time - Random access:70ns(max.) * Current - Operating:15mA - Standby:15uA(max.) * Supply voltage - VCC : 2.7 ~ 3.6V - VCCQ : 2.7 ~ 3.6V * Package - 48 ball mini BGA (7.0mm X 7.0mm, ball pitch 0.75mm) - 48 ball mini BGA (7.95mm X 9.95mm, ball pitch 0.75mm) - 48 pin TSOP (12mm X 20mm) * Temperature - -40~85 C
PIN DESCRIPTION
Symbol A0~A20 D0~D15 CE# OE# VCC VCCQ GND NC Pin Function Address Inputs Data Outputs Chip Enable Input Output Enable Input Power Supply Pin Output VCC Pin Ground Pin No Connection
MODE SELECTION
CE# H L L OE# X H L D0~D15 High Z High Z D0~D15 Power Stand-by Active Active
PIN CONFIGURATION
48 Mini BGA (Top View, Ball Down)
A1 A13
A2 A11
A3 A8
A4 NC
A5 NC
A6 A19
A7 A7
A8 A4
B1 A14 C1 A15 D1 A16 E1 VCCQ F1 GND
B2 A10 C2 A12 D2 D14 E2 D15 F2 D7
B3 NC C3 A9 D3 D5 E3 D6 F3 D13
B4 NC C4 NC D4 D11 E4 D12 F4 D4
B5 A18 C5 A20 D5 D2 E5 D3 F5 VCC
B6 A17 C6 A6 D6 D8 E6 D9 F6 D10
B7 A5 C7 A3 D7 CE# E7 D0 F7 D1
B8 A2 C8 A1 9.95 mm D8 A0 E8 GND F8 OE#
7.95 mm
P/N:PM0754 REV. 2.2, MAY. 30, 2005
1
MX23L3214
48 Mini BGA (Top View, Ball Down)
A1 A13 A2 A11 A3 A8 A4 NC A5 NC A6 A19 A7 A7 A8 A4
B1 A14 C1 A15 D1 A16 E1 VCCQ F1 GND
B2 A10 C2 A12 D2 D14 E2 D15 F2 D7
B3 NC C3 A9 D3 D5 E3 D6 F3 D13
B4 NC C4 NC D4 D11 E4 D12 F4 D4
B5 A18 C5 A20 D5 D2 E5 D3 F5 VCC
B6 A17 C6 A6 D6 D8 E6 D9 F6 D10
B7 A5 C7 A3 D7 CE# E7 D0 F7 D1
B8 A2 C8 A1 7.0 mm D8 A0 E8 GND F8 OE#
7.0 mm
48 Pin TSOP (Top View)
A15 A14 A13 A12 A11 A10 A9 A8 NC A20 NC NC NC NC A19 A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 VCCQ GND D15 D7 D14 D6 D13 D5 D12 D4 VCC D11 D3 D10 D2 D9 D1 D8 D0 OE# GND CE# A0
MX23L3214
ORDER INFORMATION
Part No. MX23L3214TI-80 MX23L3214TI-90 MX23L3214XI-70 MX23L3214XI-90 MX23L3214XI-10 MX23L3214XI-90G Speed 80ns 90ns 70ns 90ns 100ns 90ns Package 48 pin TSOP 48 pin TSOP 48 ball mini BGA 48 ball mini BGA 48 ball mini BGA 48 ball mini BGA Grade Industrial Industrial Industrial Industrial Industrial Industrial Remark
Pb-free
Note: Industrial grade temperature: -40 ~ 85 C Commercial grade temperature: 0 ~ 70 C
P/N:PM0754 REV. 2.2, MAY. 30, 2005
2
MX23L3214
ABSOLUTE MAXIMUM RATINGS
Item Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VIN Topr Tstg Ratings -0.3V to 3.9V -40 C to 85 C -65 C to 125 C
DC CHARACTERISTICS (Ta = -40 C ~ 85 C, VCC = 2.7V~3.6V)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC ISTB CIN COUT MIN. 2.4V 2.2V -0.4V MAX. 0.4V VCCQ+0.3V 0.4V 5uA 5uA 15mA 15uA 10pF 10pF Conditions IOH = -400uA IOL = 1.6mA
0V, VCC 0V, VCC f=5MHz, CE#=VIL, OE#=VIH all output open CE#>VCC-0.2V Ta = 25 C, f = 1MHZ Ta = 25 C, f = 1MHZ
AC CHARACTERISTICS (Ta = -40 C ~ 85 C, VCC = 2.7V~3.6V)
Item Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tOE tOH tHZ 23L3214-70 MIN. MAX. 70ns 70ns 70ns 20ns 0ns 20ns 23L3214-80 MIN. MAX. 80ns 80ns 80ns 20ns 0ns 20ns 23L3214-90 MIN. MAX. 90ns 90ns 90ns 20ns 0ns 20ns 23L3214-10 MIN. MAX. 100ns 100ns 100ns 30ns 0ns 20ns
Note:Output high-impedance delay (tHZ) is measured from OE# or CE# going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
P/N:PM0754
REV. 2.2, MAY. 30, 2005
3
MX23L3214
AC Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~2.4V 5ns 1.5V 1.5V See Figure 100pF output load capacitance
IOH (load)=-400uA DOUT IOL (load)=1.6mA
C<100pF
Note:No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
TIMING DIAGRAM
RANDOM READ
ADD
ADD
tACE
ADD
tRC
ADD
CE#
tOE
OE#
tAA tOH tHZ
DATA
VALID
VALID
VALID
P/N:PM0754
REV. 2.2, MAY. 30, 2005
4
MX23L3214
PACKAGE INFORMATION
P/N:PM0754
REV. 2.2, MAY. 30, 2005
5
MX23L3214
P/N:PM0754
REV. 2.2, MAY. 30, 2005
6
MX23L3214
P/N:PM0754
REV. 2.2, MAY. 30, 2005
7
MX23L3214
REVISION HISTORY
Revision # 0.1 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 Description Modify Mode Selection-- L, H, High Z, Active Change from Advanced Information to Preliminary Modify Fast access time:80ns-->70ns Delete Preliminary Modify 48 ball mini BGA(8.0mm X 10.0mm)-->(7.95mm X 9.95mm) Add Package Information Modify Package Information Add 48-Pin TSOP & Package Information Modify Supply Voltage--VCC/VCCQ:2.7~3.3V-->2.7~3.6V Added Order Information Added 48 ball mini BGA (7.0mm x 7.0mm, ball pitch 0.75mm), under development 1.Modify DC Characteristics--VOH:VCCQ-0.1V-->2.4V, IOH=-100uA--> -400uA, VOL:0.1V-->0.4V, IOL:100uA-->1.6mA, VIH:VCCQ-0.4V-->2.2V 2.Modify AC Test Conditions--Input Pulse Levels:0~VCCQ-->0.4V~2.4V, Input/Output Timing Level:VCCQx0.5-->1.5V, Output Load:50pF--> 100pF output load capacitance Modify Order Information Add Access Time:80ns in AC Characteristics Add CE#=VIL, OE#=VIH in DC Characteristics's ICC Modify 48-ball BGA Package Information 1. To modify Package Information 1. Added Pb-free package information Page P1 P1 P1,2 P1 P1 P4 P4 P1,2,6 P1,3 P2 P1 P3 P4 Date DEC/14/2000 DEC/29/2000 JAN/18/2001 APR/09/2001 APR/13/2001 JUN/20/2001 JUN/28/2001 JUL/11/2001 JUL/13/2001 SEP/10/2001
1.9
2.0 2.1 2.2
P2 P3 P3 P5 P5,6,7 P2
SEP/27/2001
MAR/12/2002 MAR/31/2003 MAY/30/2005
P/N:PM0754
REV. 2.2, MAY. 30, 2005
8
MX23L3214
MACRONIX INTERNATIONAL CO., LTD.
Headquarters:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020 FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79 FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100 FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460 FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505 FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887 FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX23L3214XI-90G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X