|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MX23L3211 32M-BIT MASK ROM (8/16-BIT OUTPUT) FEATURES * Bit organization - 4M x 8 (byte mode) - 2M x 16 (word mode) * Fast access time - Random access: 70ns (max.) - Page access: 25ns (max.) * Page Size - 8 words per page * Current - Operating:40mA - Standby:5uA * Supply voltage - 3.0V ~ 3.6V for 90ns and 70ns speed grades - 2.7V ~ 3.6V for 100ns and 120ns speed grades * Package - 44 pin SOP (500mil) - 48 pin TSOP (12mm x 20mm) PIN CONFIGURATION 44 SOP NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE/CE VSS OE/OE D0 D8 D1 D9 D2 D10 D3 D11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A20 A19 A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS D15/A1 D7 D14 D6 D13 D5 D12 D4 VCC PIN DESCRIPTION Symbol A0~A20 D0~D14 D15/A-1 CE OE Byte VCC VSS NC Pin Function Address Inputs Data Outputs D15 (Word Mode)/ LSB Address (Byte Mode) Chip Enable Input Output Enable Input Word/ Byte Mode Selection Power Supply Pin Ground Pin No Connection ORDER INFORMATION Part No. MX23L3211MC-70 MX23L3211MC-90 MX23L3211MC-10 MX23L3211MC-12 MX23L3211MC-10G MX23L3211MC-12G MX23L3211TC-90 MX23L3211TC-10 MX23L3211TC-12 MX23L3211TC-10G MX23L3211TC-12G MX23L3211RC-90 MX23L3211RC-10 MX23L3211RC-12 P/N:PM0411 MX23L3211 Access Time 70ns 90ns 100ns 120ns 100ns 120ns 90ns 100ns 120ns 100ns 120ns 90ns 100ns 120ns Page Access Time 25ns 25ns 30ns 50ns 30ns 50ns 25ns 30ns 50ns 30ns 50ns 25ns 30ns 50ns Package 44 pin SOP 44 pin SOP 44 pin SOP 44 pin SOP 44 pin SOP 44 pin SOP 48 pin TSOP 48 pin TSOP 48 pin TSOP 48 pin TSOP 48 pin TSOP 48 pin TSOP(Reverse type) 48 pin TSOP(Reverse type) 48 pin TSOP(Reverse type) Remark Pb-free Pb-free Pb-free Pb-free REV. 2.9, MAY 11, 2004 1 MX23L3211 48 TSOP (Normal Type) BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 VSS A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS MX23L3211 (Normal Type) 48 TSOP (Reverse Type) VSS VSS D15/A-1 D7 D14 D6 D13 D5 D12 D4 VCC VCC NC D11 D3 D10 D2 D9 D1 D8 D0 OE VSS VSS 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 BYTE A16 A15 A14 A13 A12 A11 A10 A9 A8 A19 VSS A20 A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE MX23L3211 (Reverse Tpye) MODE SELECTION CE H L L L P/N:PM0411 OE X H L L Byte X X H L D15/A-1 X X Output Input D0~D7 High Z High Z D0~D7 D0~D7 D8~D15 High Z High Z D8~D15 High Z Mode Word Byte Power Stand-by Active Active Active REV. 2.9, MAY 11, 2004 2 MX23L3211 BLOCK DIAGRAM A0/(A-1) A2 A3 A20 CE BYTE OE Address Buffer Memory Array Page Buffer Page Decoder Word/ Byte Output Buffer D0 D15/(D7) ABSOLUTE MAXIMUM RATINGS Item Supply Voltage Relative to VSS Voltage on any Pin Relative to VSS Ambient Operating Temperature Storage Temperature Symbol VCC VIN Topr Tstg Ratings -0.3V to 4.3V -0.5V to VCC + 2.0V 0 C to 70 C -65 C to 125 C DC CHARACTERISTICS (Ta = 0 C ~ 70 C, VCC = 2.7V~3.6V) Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Operating Current Standby Current (TTL) Standby Current (CMOS) Input Capacitance Output Capacitance Symbol VOH VOL VIH VIL ILI ILO ICC1 ISTB1 ISTB2 CIN COUT MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 5uA 5uA 40mA 1mA 5uA 10pF 10pF Conditions IOH = -400uA IOL = 1.6mA 0V, VCC 0V, VCC tRC = 100ns, all output open CE = VIH CE>VCC-0.2V Ta = 25 C, f = 1MHZ Ta = 25 C, f = 1MHZ P/N:PM0411 REV. 2.9, MAY 11, 2004 3 MX23L3211 AC CHARACTERISTICS (Ta = 0 C ~ 70 C, VCC =2.7V~3.6V) Item Read Cycle Time Address Access Time Chip Enable Access Time Page Mode Access Time Output Enable Time Output Hold After Address Output High Z Delay Symbol tRC tAA tACE tPA tOE tOH tHZ* 23L3211-70* MIN. MAX. 70ns 70ns 70ns 25ns 25ns 0ns 20ns 23L3211-90 MIN. MAX. 90ns 90ns 90ns 25ns 25ns 0ns 20ns 23L3211-10 MIN. MAX. 100ns 100ns 100ns 30ns 30ns 0ns 20ns 23L3211-12 MIN. MAX. 120ns 120ns 120ns 50ns 50ns 0ns 20ns Note: 1. Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested. 2. For 70ns speed grade, the VCC range is 3.0~3.6V, operating temperature 0~55 C, and output load is 30pF. AC Test Conditions Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~ 2.6V 10ns 1.4V 1.4V See Figure IOH (load)=-0.4mA DOUT IOL (load)=1.6mA C<100pF Note: No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance. P/N:PM0411 REV. 2.9, MAY 11, 2004 4 MX23L3211 TIMING DIAGRAM RANDOM READ ADD ADD tACE ADD tRC ADD CE tOE OE tAA tOH tHZ DATA VALID VALID VALID PAGE READ A3-A20 VALID ADD (A-1),A0,A1,A2 1'st ADD tAA 2'nd ADD tPA VALID VALID 3'rd ADD DATA VALID Note: CE, OE are enable. Page size is 8 words in 16-bit mode, 16 bytes in 8-bit mode. P/N:PM0411 REV. 2.9, MAY 11, 2004 5 MX23L3211 PACKAGE INFORMATION P/N:PM0411 REV. 2.9, MAY 11, 2004 6 MX23L3211 P/N:PM0411 REV. 2.9, MAY 11, 2004 7 MX23L3211 P/N:PM0411 REV. 2.9, MAY 11, 2004 8 MX23L3211 REVISION HISTORY REVISION 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 DESCRIPTION Output hold after address (tOH) spec is revised as 0ns(min.) 120ns speed grade's voltage range is revised as 2.7V~3.6V Modify Package Information 1. Add supply voltage relative to VSS 2. Change voltage on any pin relative to VSS:-0.5V to VCC+2.0 1. Supply voltage change to 2.7V ~ 3.6V 1. Modify VIN : -0.5V to VCC + 2V --> -0.5V to VCC + 2.0V 2. Add 48-TSOP reverse type package information To modify Package Information 1. Add access time:70ns, 90ns 1. Add MX23L3211MC-90 in Order Information 1. Modify Timing Diagram--Page Read 1. Add Pb-free package in order information PAGE P4 P1 P6~7 P3 P3 P1 P3 P8 P6~8 P1,4 P1 P5 P1 DATE JAN/22/1999 JUL/17/2001 JUL/25/2002 JUL/26/2002 AUG/21/2002 NOV/21/2002 JAN/20/2003 JAN/22/2003 JAN/23/2003 MAY/11/2004 P/N:PM0411 REV. 2.9, MAY 11, 2004 9 MX23L3211 MACRONIX INTERNATIONAL CO., LTD. Headquarters: TEL:+886-3-578-6688 FAX:+886-3-563-2888 Europe Office : TEL:+32-2-456-8020 FAX:+32-2-456-8021 Hong Kong Office : TEL:+86-755-834-335-79 FAX:+86-755-834-380-78 Japan Office : Kawasaki Office : TEL:+81-44-246-9100 FAX:+81-44-246-9105 Osaka Office : TEL:+81-6-4807-5460 FAX:+81-6-4807-5461 Singapore Office : TEL:+65-6346-5505 FAX:+65-6348-8096 Taipei Office : TEL:+886-2-2509-3300 FAX:+886-2-2509-2200 MACRONIX AMERICA, INC. TEL:+1-408-262-8887 FAX:+1-408-262-8810 http : //www.macronix.com MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice. |
Price & Availability of MX23L3211TC-90 |