Part Number Hot Search : 
SD820S10 VS2AUF CX2029 228Q007 SM5818PL CAT4139 CS836305 KF200
Product Description
Full Text Search
 

To Download MX23C8000TC-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MX23C8000
8M-BIT [1M x 8] CMOS MASK ROM
FEATURES
* * * * * * 1M x 8 organization Single +5V power supply Fast access time : 100/120/150/200ns Totally static operation Completely TTL compatible Operating current : 25mA * Standby current : 15uA * Package - 32 pin plastic DIP - 32 pin plastic SOP - 32 pin plastic PLCC - 32 pin plastic TSOP
GENERAL DESCRIPTION
The MX23C8000 is a 5V only, 8M-bit, Read Only Memory. It is organized as 1M words by 8 bits, operates from a single +5V supply, has a static standby mode, and has an access time of 100/120/150/200ns. It is designed to be compatible with all microprocessors and similar applications in which high performance, large bit storage and simple interfacing are important design considerations. MX23C8000 offers automatic power-down, with powerdown controlled by the chip enable (CE) input. When CE goes high, the device automatically powers down and remains in a low-power standby modes as long as CE remains high.
PIN CONFIGURATION
32 PDIP
A19 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A18 A17 A14 A13 A8 A9 A11 OE A10 CE Q7 Q6 Q5 Q4 Q3
32 SOP
A19 A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 Q0 Q1 Q2 VSS 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 10 19 18 17 VCC A18 A17 A14 A13 A8 A9 A11 OE A10 CE Q7 Q6 Q5 Q4 Q3
32 PLCC
VCC A12 A15 A16 A19 A18 A17
MX23C8000
32 TSOP
A11 A9 A8 A13 A14 A17 A18 VCC A19 A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE Q7 Q6 Q5 Q4 Q3 VSS Q2 Q1 Q0 A0 A1 A2 A3
A7 A6 A5 A4 A3 A2 A1 A0 DQ
5
4
1
32
30 29
A14 A13 A8 A9
9
MX23C8000
25
A11 OE A10 CE
MX23C8000
13 14
Q1 Q2 VSS
17
Q3 Q4 Q5
21 20
Q6
Q7
P/N:PM0137
MX23C8000
REV. 4.3, JUL. 03, 2003
1
MX23C8000
PIN DESCRIPTION
Symbol A0~A19 Q0~Q7 CE OE VCC VSS Pin Function Address Inputs Data Outputs Chip Enable Input Output Enable Input Power Supply Pin (+5V) Ground Pin
BLOCK DIAGRAM
CE OE CONTROL LOGIC OUTPUT BUFFERS
Q0~Q7
. . . . . . . . VCC VSS
Y-DECODER
. . . . . . . .
Y-SELECT
A0~A19 ADDRESS INPUTS
8M BIT ROM ARRAY
X-DECODER
ABSOLUTE MAXIMUM RATINGS
RATING Ambient Operating Temperature Storage Temperature Applied Input Voltage Applied Output Voltage VCC to Ground Potential Power Dissipation VALUE 0 C to 70 C -65 C to 125 C -0.5V to VCC+0.5 -0.5V to VCC+0.5 -0.5V to 7.0V 1.0W
Note: minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions, inputs may undershoot VSS to 2.0V for periods of up to 20ns. Maximum DC voltage on input or I/O pins is VCC+0.5V. During voltage transitions, input may overshoot VCC to VCC+2.0V for periods of up to 20ns.
P/N:PM0137
REV. 4.3, JUL. 03, 2003
2
MX23C8000
DC CHARACTERISTICS (Ta = 0 C ~ 70 C, VCC = 5.0V 10%)
Item Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Power-Down Supply Current Standby Supply Current Operating Supply Current Symbol VOH VOL VIH VIL ILI ILO ICC3 ICC2 ICC1 MIN. 2.4V 2.2V -0.3V MAX. 0.4V VCC+0.3V 0.8V 10uA 10uA 15uA 1.0mA 25mA Conditions IOH = -1.0mA IOL = 2.1mA
VIN=0 to 5.5V VOUT=0 to 5.5V CE>VCC-0.2V CE=VIH Note 1
CAPACITANCE (Ta = 25 C, f=1.0MHz (Note 2))
Item Input Capacitance Output Capacitance Symbol CIN COUT MIN. MAX. 10 10 UNIT pF pF Conditions VIN=0V VOUT=0V
AC CHARACTERISTICS (Ta = -10 C ~ 70 C, VCC = 5.0V 10%)
23C8000-10 PARAMETER Cycle Time Address Access Time Output Hold Time After Address Change Chip Enable Access Time Access Time Output Low Z Delay Output High Z Delay tLZ tHZ 0ns 20ns 0ns 20ns 0ns 20ns 0ns 20ns Note 3 Note 4 tCE 100ns 50ns 120ns 50ns 150ns 50ns 200ns 50ns Output Enable/Chip Select tOE SYMBOL MIN. tCYC tAA tOH 0ns MAX. 100ns 23C8000-12 MIN. MAX. 120ns 120ns 0ns 23C8000-15 MIN. 150ns 0ns MAX. 150ns 23C8000-20 MIN. 200ns 0ns MAX. CONDITIONS 200ns -
100ns -
Note: 1. Measured with device selected at f=5MHz and output unloaded. 2. This parameter is periodically sampled and is not 100% teseted. 3. Output low-impedance delay (tLA) is measured from CE going low. 4. Output high-impedance delay (tHZ) is measured from CE going high.
P/N:PM0137
REV. 4.3, JUL. 03, 2003
3
MX23C8000
AC Test Conditions Input Pulse Levels Input Rise and Fall Times Input Timing Level Output Timing Level Output Load 0.4V~2.4V 10ns 1.5V 0.8V and 2.0V See Figure
IOH (load)=-1mA DOUT IOL (load)=2.1mA
C<100pF
Note: No output loading is present in tester load board. Active loading is used and under software programming control. Output loading capacitance includes load board's and all stray capacitance.
TIMING DIAGRAM
PROPAGATION DELAY FROM ADDRESS (CE/OE=ACTIVE)
tCYC ADDRESS INPUTS tAA DATA OUT
VALID ADDRESS tOH VALID DATA
PROPAGATION DELAY FROM CHIP ENABLE (ADDRESS VALID)
CE
tCE
OE
tOE tHZ
DATA OUT
tLZ
P/N:PM0137
REV. 4.3, JUL. 03, 2003
4
MX23C8000
ORDER INFORMATION
Part No. MX23C8000PC-10 MX23C8000MC-10 MX23C8000QC-10 MX23C8000TC-10 MX23C8000PC-12 MX23C8000MC-12 MX23C8000QC-12 MX23C8000TC-12 MX23C8000PC-15 MX23C8000MC-15 MX23C8000QC-15 MX23C8000TC-15 MX23C8000PC-20 MX23C8000MC-20 MX23C8000QC-20 MX23C8000TC-20 Access Time 100ns 100ns 100ns 100ns 120ns 120ns 120ns 120ns 150ns 150ns 150ns 150ns 200ns 200ns 200ns 200ns Operating Current MAX. 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA 25mA Standby Current MAX. 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA 15uA Package 32 pin DIP 32 pin SOP 32 pin PLCC 32 pin TSOP 32 pin DIP 32 pin SOP 32 pin PLCC 32 pin TSOP 32 pin DIP 32 pin SOP 32 pin PLCC 32 pin TSOP 32 pin DIP 32 pin SOP 32 pin PLCC 32 pin TSOP
P/N:PM0137
REV. 4.3, JUL. 03, 2003
5
MX23C8000
PACKAGE INFORMATION
P/N:PM0137
REV. 4.3, JUL. 03, 2003
6
MX23C8000
P/N:PM0137
REV. 4.3, JUL. 03, 2003
7
MX23C8000
P/N:PM0137
REV. 4.3, JUL. 03, 2003
8
MX23C8000
P/N:PM0137
REV. 4.3, JUL. 03, 2003
9
MX23C8000
REVISION HISTORY
REVISION 3.4 3.5 3.6 3.7 3.8 3.9 DESCRIPTION tHZ:70ns max. ---> 20ns max. AC CHARACTERISTICS tOH 10ns-->0ns Modify PIN CONFIGUTATION of 32SOP 30pin A19-->A17 ; 24pin CE/CE-->OE/OE Modify Pin Configuration--32TSOP Modify Package Information 1. Modify Operating current: 40mA-->25mA 2. Modify Standby current: 100uA-->15uA 3. Modify OE/OE-->OE; CE/CE-->CE 1. Modify Operating current: 40mA-->25mA 2. Modify Standby current: 100uA-->15uA Modify Package Information 1. Modify "ABSOLUTE MAXIMUM RATINGS" note 1. Modify tACE-->tCE, tAOE-->tOE 2. Modify tOE:80ns(max.)-->50ns(max.) PAGE P3 P1 P1 P5~8 P1,2 P1,2 P1,2 P4 P4 P5~8 P2 P3,4 P3 DATE SEP/25/1997 JAN/29/1999 JUN/08/2000 NOV/08/2000 JUL/16/2001 APR/25/2002
4.0 4.1 4.2 4.3
APR/26/2002 NOV/21/2002 JUN/18/2003 JUL/03/2003
P/N:PM0137
REV. 4.3, JUL. 03, 2003
10
MX23C8000
MACRONIX INTERNATIONAL CO., LTD.
Headquarters:
TEL:+886-3-578-6688 FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020 FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79 FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100 FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460 FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505 FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300 FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887 FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


▲Up To Search▲   

 
Price & Availability of MX23C8000TC-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X