Part Number Hot Search : 
MAX9812L F500002 R3040 CE112 SHD12 MAX9812L 100CA CE112
Product Description
Full Text Search
 

To Download MVL-5A4UOL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 ( 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
Description
The MVL-5A4UOL , utilizes the latest absorbing substrate Aluminum Indium Gallium Phosphide (AlInGaP) LED technology. This LED material has outstanding light output efficiency over a wide range of drive current. The package is T-1 3/4(5mm) water clear standard type.
1.00 (.040) SEE NOTE 2 7.62 (.300) 5.90 (.230) 5.05 (.200)
MVL-5A4UOL
Unit: mm ( inches )
Package Dimensions
5.47 (.215)
25.40 MIN. (1.000)
Features
l l l l
0.50 TYP. (.020)
Ultra - brightness Low power consumption TTL compatible Reliable
A
2.54TYP. 2.54TYP. (.100) (.1)
1.00MIN. (.040) SEE NOTE 3 C
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
Parameter Power Dissipation Peak Forward Current(1/10 Duty Cycle100s pulse width) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260oC Maximum Rating 125 100 50 5
o
@ TA=25oC Unit mW mA mA V
o
-40 C to + 100 C -40oC to + 100oC
Unity Opto Technology Co., Ltd.
01/09/2002
MVL-5A4UOL
Optical-Electrical Characteristics
Parameter Luminous Intensity Forward Voltage Reverse Current Dominant Wavelength Spectral Line Half Width Viewing Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol IV VF IR d 21/2 Min . 1700 Typ . 3500 2.0 625 20 8 Max . 2.6 100 Unit . mcd V A nm nm deg.
Typical Optical-Electrical Characteristic Curves
Relative Luminous Intensity
1
0.5
0 550 590 630 670
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION
50 60
Forward Current IF (mA)
1.6 2.0 2.4 2.8 3.2
Forward Current IF(mA)
40 30 20 10 0 1.2
50 40 30 20 10 0
Forward VoltageIF (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Relative Luminous Intensity Relative Luminous Intensity
5.0 4.0 3.0 2.0 1.0 0.0 0 20 40 60 80 100
Ambient Temperature TA (oC) FIG.3 FORWARD CURRENT VS. AMBIENT TEMPERATURE
0 10 20 30o 40o 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50o 60o 70o 80o 90o
0
20
40
60
80
100
Forward Current IF (mA) FIG.4 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
Unity Opto Technology Co., Ltd.
01/09/2002


▲Up To Search▲   

 
Price & Availability of MVL-5A4UOL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X