Part Number Hot Search : 
BFR35A 74LS3 MIP2E4 ADATE205 1R5NU41 BZX84 9526ATV BAS16H
Product Description
Full Text Search
 

To Download MV5439A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 LEAD BICOLOR T-1 3/4 (5 mm)
SOLID STATE LAMPS
PACKAGE DIMENSIONS
GREEN / AlGaAs RED
MV5439A
0.30 (7.62)
0.04 (1.02)
0.097 (2.46) 0.047 (1.19)
0.097 (2.46) 0.047 (1.19)
0.80 (20.32) MIN
0.105(2.67) 0.165 (4.19)
0.085 (2.16) 0.060 (1.27)
FEATURES
* Popular T-1 3/4 package * Wide viewing angle
0.100 (2.54) 0.100 (2.54)
0.020 (0.5) SQ. (3X)
* Solid state reliability * TTL compatible
GREEN CATHODE COMMON ANODE
O0.232 (5.9)
O0.197 (5.00) O0.193 (4.90)
RED CATHODE
NOTES: 1. Dimensions for all drawings are in inches (mm). 2. Tolerance is 0.12" unless otherwise specified.
DESCRIPTION
The MV5439A is a three-lead bicolor T-1 3/4 (5mm) lamp with a central common anode lead. Each lamp comes with a white diffused lens and has a 100 viewing angle.
ABSOLUTE MAXIMUM RATINGS
Parameter Continuous Forward Current - IF Peak Forward Current - IF (f = 1.0 KHz, Duty Factor = 1/10) Reverse Voltage - VR (IR = 10 A) Power Dissipation - PD Operating Temperature - TOPR Storage Temperature - TSTG Lead Soldering Time - TSOL
(TA = 25C unless otherwise specified) Green 30 90 5 120 -55 to +100 -55 to +100 260 for 5 sec Units mA mA V mW C C C 30 90 5 120
AlGaAs Red
1 of 4
8/1/00
300088A
3 LEAD BICOLOR T-1 3/4 (5 mm)
SOLID STATE LAMPS
GREEN / AlGaAs RED
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Chromatic Coordinates - Typical Wavelength (nm) Spectral Line Half Width (nm) Viewing Angle () 3.0/2.4 2.3/1.7 X = 0.27, Y = 0.28 565/660 30/20 100 IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA 2/10 6/25 IF = 20 mA (TA =25C) MV5439A Grn/AlGaAs Red Condition IF = 20 mA
MV5439A
TYPICAL PERFORMANCE CURVES
90 2.5
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA)
80
AlGaAs RED
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 GREEN 0 1.0 2.0 3.0 4.0 5.0
2.0
1.5
GREEN
1.0
AlGaAs RED
0.5
0.0 0 5 10 15 20 25 30
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
2 of 4
8/1/00
300088A
3 LEAD BICOLOR T-1 3/4 (5 mm)
SOLID STATE LAMPS
GREEN / AlGaAs RED MV5439A
0 1.0
10
20 30
GREEN
AlGaAs RED
RELATIVE INTENSITY
40 1.0 0.5 0.9 0.8 50 60 70 0.7 80 0 500 550 600 650 700 750 0.5 0.3 0.1 0.2 0.4 0.6 90
WAVELENGTH (nm)
REL. LUMINOUS INTENSITY (%)
Fig. 3 Relative Intensity vs. Peak Wavelength
Fig. 4 Radiation Diagram
50
IF - FORWARD CURRENT (mA)
40
30
20
10
0 0 20 40 60 85 100
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Current Derating Curve
3 of 4
8/1/00
300088A
3 LEAD BICOLOR T-1 3/4 (5 mm)
SOLID STATE LAMPS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2000 Fairchild Semiconductor Corporation
4 of 4
8/1/00
300088A


▲Up To Search▲   

 
Price & Availability of MV5439A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X