Part Number Hot Search : 
SIR622DP LPC11 DF1510 KBP151 USB2241 CG75LLTR NTD30 MJE13005
Product Description
Full Text Search
 

To Download MUBW35-06A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUBW 35-06 A6
Converter - Brake - Inverter Module (CBI1)
Rectifier VRRM = 1200V IFAVM = 25 A IFSM = 370 A
Brake VCES = 600 V IC25 = 23 A VCE(sat) = 2.1 V
Inverter VCES = 600 V IC25 = 38 A VCE(sat) = 2.1 V
Features
q
Input Rectifier Bridge D8 - D13 Symbol VRRM IF IFAVM IFSM it TVJ TVJ = 25C TVJ = 150C; TK = 70C TVJ = 45C; t = 10 ms sine 50 Hz TVJ = 125C Conditions Maximum Ratings 1200 55 25 370 680 +150 V A A A As C
q
q q q
q
NPT IGBT technology Square RBSOA, no latchup Free wheeling diodes with Hiperfast and soft recovery behaviour Isolation voltage 2500 V~ Built in temperature sense High level of integration: one module for complete drive system Direct Copper Bonded Al2O3 ceramic base plate
Applications Symbol Conditions Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 20 2 1.2 1.05 1.46 A mA V C/W
q q
AC motor control AC servo and robot drives
q
IR VF RthJC
VRRM = 1200 V; TVJ = 25C TVJ = 125C IF = 55 A per die
Advantages
q q q
No need of external isolation Easy to mount with two screws Package designed for wave soldering High temperature and power cycling capability
(c) 2000 IXYS All rights reserved
1-8
031
IXYS reserves the right to change limits, test conditions and dimensions.
MUBW 35-06 A6
Output Inverter T1 - T6, D1 - D6 Symbol VCES VCGR VGE IC ICM tSC Ptot TVJ TVJ Symbol Conditions TVJ = 25C TVJ = 25C; RGE = 20kW TVJ = 25C TC = 25C TC = 90C tp = 1 ms = 1% duty cycle; TC = 25C TC = 90C Maximum Ratings 600 600 20 38 22 76 44 10 104 +150 +150 V V V A A A A s W C C
IGBT VCE = 600 V; TVJ = 125C non-repetitive TC = 25C Free-Wheeling Diode IGBT
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 1 100 4.5 600 2.1 2.4 30 35 2.5 2.8 5.5 6.5 mA nA V V V V ns ns ns ns mJ mJ pF pF pF S 92 2 1.8 0.3 1.8 3.8 250 nC V V s C C A C/W C/W
ICES IGES VGE(th) V(BR)CES VCEsat tf tr td(on) td(off) Eoff Eon Ciss Coss Crss gfs Qg VF trr Qr Ir RthJC
VGE = 0 V; VCE = 600 V VCE = 0 V; VGE = 25 V VGE = VCE; IC = 0.7 mA VGE = 0 V; IC = 10 mA; TVJ = -40C VGE = 15 V; IC = 30 A;TVJ = 25C TVJ = 125C
Inductive load, TVJ = 125C VCC = 300 V; IC = 30 A RG = 33 W; VGE = 15 V
30 190 0.8 1.15 1600 170 100 8
VGE = 0 V VCE = 25 V f = 1 MHz VCE = 20 V; IC = 30 A VCC = 300 V; IC = 30A pulse; VGE = 15 V IF = 30 A; VGE = 0 V; TVJ = 25C TVJ = 125C IF = 30 A; VGE = 0 V; TVJ = 125C VR = -300 V; diF/dt = -800 A/s IF = 30 A; VR = -300 V; TVJ = 25C diF/dt = -800 A/s; VGE = 0 V; TVJ = 125C
IGBT Diode
(per die) (per die)
1.0 1.3
(c) 2000 IXYS All rights reserved
2-8
MUBW 35-06 A6
Brake Chopper T7, D7 Symbol VCES VCGR VGE IC ICM tSC Ptot TVJ TVJ Symbol Conditions TVJ = 25C TVJ = 25C; RGE = 20kW TVJ = 25C TC = 25C TC = 90C tp = 1 ms = 1% duty cycle; TC = 25C TC = 90C Maximum Ratings 600 600 20 23 13 46 26 10 68 +150 +150 V V V A A A A s W C C
IGBT VCE = 600 V; TVJ = 125C non-repetitive TC = 25C Free-Wheeling Diode IGBT
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 1 100 4.5 600 2.1 2.4 25 25 2.5 2.8 5.5 6.5 mA nA V V V V ns ns ns ns mJ mJ pF pF pF S 59 2 1.8 0.25 0.4 1.3 250 nC V V s C C A C/W C/W
ICES IGES VGE(th) V(BR)CES VCE(sat) tf tr td(on) td(off) Eoff Eon Ciss Coss Crss gfs Qg VF trr Qr Ir RthJC
VGE = 0 V; VCE = 600 V VCE = 0 V; VGE = 25 V VGE = VCE; IC = 0.4 mA VGE = 0 V; IC = 10 mA; TVJ = -40C VGE = 15 V; IC = 15 A; TVJ = 25C TVJ = 125C
Inductive load, TVJ = 125C VCC = 300 V; IC = 15 A RG = 68 W; VGE = 15 V
30 200 0.5 0.7 800 85 52 4.5
VGE = 0 V VCE = 25 V f = 1 MHz VCE = 20 V; IC = 15 A VCC = 300 V; IC = 15 A pulse; VGE = 15 V IF = 15 A; VGE = 0 V; TVJ = 25C TVJ = 125C IF = 15 A; VR = -300 V; TVJ = 125C diF/dt = -500 A/s; VGE = 0 V IF = 15 A; VR = -300 V; TVJ = 25C diF/dt = -500 A/s; VGE = 0 V; TVJ = 125C
IGBT Diode
(per die) (per die)
1.5 2.0
(c) 2000 IXYS All rights reserved
3-8
MUBW 35-06 A6
Module Symbol Tstg VISOL Md dS dA Weight IISOL 1 mA; 50/60 Hz; t = 1 min Mounting torque (M4) Creepage distance on surface Strike distance in air typ. Conditions Maximum Ratings -40...+125 2500 2.0 - 2.2 18 - 20 12.7 12.7 42 C V~ Nm lb.in. mm mm g
Temperature Sensor R Symbol R Conditions Tamb = 20C Maximum Ratings 4.7 kW
For additional data see C620/4.7k 5% S+M NTC thermistor catalog
Dimensions in mm (1 mm = 0.0394")
5.7 0.3 21.1 0.5 17.1 0.3 3.4 0.1
57.3-0.3
2 +0. 5.5
4.3+
0.2
(c) 2000 IXYS All rights reserved
4-8
MUBW 35-06 A6
Input Rectifier Bridge D8 - D13
% 6 D
)
" $AC D 6
)60
'AAW
550
6
$ U U #
99-
!$ A2A!$8 A2A "8 ! U
9-
D
A2A#$8
U
9-
A2A#$8
h " $
! U
9-
U
9-
A2A "8
A2A "8
$
$ $ ! W
)
W !$



Forward characteristics
Surge overload current IFSM: crest value, t: duration
I2t versus time (1-10 ms)
10 1 0.1 D=0 D = 0.005 D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 0.00001 0.0001 0.001 0.01 0.1 1 10
(ZthJH is measured using 50 m thermal grease)
ZthJH[K/W]
0.01 0.001 0.0001 100
t (s)
Transient thermal resistance junction to heatsink
(c) 2000 IXYS All rights reserved
5-8
MUBW 35-06 A6
Output Inverter T1 - T6
2.5
2.0
ICpuls / IC
1.5
1.0
0.5
TVJ = 150C VGE = 15 V
0.0 0 200 400
VCE
600 V
(c) 2000 IXYS All rights reserved
6-8
MUBW 35-06 A6
Output Inverter T1 - T6
Transient thermal resistance junction to heatsink
10
(ZthJH is measured using 50 m thermal grease)
1
IGBT ZthJH [K/W] D=0 D = 0.005 D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
0.1
0.01
0.00001
0.0001
0.001
0.01
t (s)
0.1
1
10
0.001 100
(c) 2000 IXYS All rights reserved
7-8
MUBW 35-06 A6
Output Inverter D1 - D6
70 A 60 IF 50
TVJ=150C
3000
T = 100C nC VVJ = 300V R 2500
50 A IRM 40
TVJ= 100C VR = 300V IF= 60A IF= 30A IF= 15A
Qr 2000 1500 1000
TVJ=25C IF= 60A IF= 30A IF= 15A
40
TVJ=100C
30
30 20 10 0 0.0
20
500 0 100
10
0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt
0.5
1.0
1.5 VF
V2.0
Forward current IF versus VF
Reverse recovery charge Qr versus -diF/dt
130 ns 120
TVJ= 100C VR = 300V
Peak reverse current IRM versus -diF/dt
20 V VFR tfr 15
VFR
2.0
1.2
1.5 Kf 1.0
IRM
trr 110 100 90
IF= 60A IF= 30A IF= 15A
tfr 0.9
ms
10
0.6
0.5
Qr
5 80 70 0 40 80 120 C 160 TVJ 0 200 400 600 -diF/dt 800 A/ms 1000 0 0 200 400
TVJ= 100C IF = 30A
0.3
0.0
0.0 600 A/ms 1000 800 diF/dt
23-06A
Dynamic parameters Qr, IRM versus TVJ
Recovery time trr versus -diF/dt
Peak forward voltage VFR and tfr versus diF/dt
10
(ZthJH is measured using 50 m thermal grease)
1
D=0 D = 0.005 D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
FRED ZthJH [K/W]
0.1
0.01
0.00001 0.0001
0.001
0.01
0.1
1
10
0.001 100
t (s) Transient thermal resistance junction to heatsink
(c) 2000 IXYS All rights reserved
8-8


▲Up To Search▲   

 
Price & Availability of MUBW35-06A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X