Part Number Hot Search : 
GC4494 LVC2G07 2SB1097 KJ04BB AV1085 28F200 AD1818 M27C322
Product Description
Full Text Search
 

To Download MTZJ91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTZJ10B
Diodes
Zener diode
MTZJ10B
Applications Constant voltage control External dimensions (Unit : mm)
CATHODE BAND (BLACK)
Features 1) Glass sealed envelope. (MSD) 2) High reliability.

TYPE NO. (BLACK)
0.40.1
291
2.70.3
291 1.80.2
Construction Silicon planer
ROHM : MSD JEDEC : DO-34
EX. MTZJ3.6B
Taping specification (Unit : mm)
IVORY H2 BLUE A E H2 I B
Mark
Standard dimension value (mm)
(mm)
C
L1 H1 G1 F G2
L2 H1 t D
T-31 52.41.5 T-32 26.0+0.4 '-0 5.00.5 0.5 0 50.40.4 0.3 G1 0.1 G2 0 H1 6.00.5 H2 5.00.5 I 0.5 L1-L2 0.6 t 3.2MIN
H2(6mm)BROWN
cf : cumulativ e pitch tolerance with 20 pitch than 1.5mm )201.5mm
Absolute maximum ratings (Ta=25C)
Parameter Power dissipation Junction temperature Storage temperature
Symbol P Tj Tstg
Limits 500 175 -65 to +175
Unit mW
Rev.A
1/4
MTZJ10B
Diodes
Electrical characteristics curves (Ta=25C)
Symbol TYP. MTZJ 3.6B MTZJ 3.9B MTZJ 4.3B MTZJ 4.7B MTZJ 5.1B MTZJ 5.6B MTZJ 6.2B MTZJ 6.8B MTZJ 7.5B MTZJ 8.2B MTZJ 9.1B MTZJ 10B MTZJ 11B MTZJ 12B MTZJ 13B MTZJ 15B MTZJ 16B MTZJ 18B MTZJ 20B MTZJ 22B MTZJ 24B MTZJ 27B MTZJ 30B MTZJ 33B MTZJ 36B MTZJ 39B
Zener voltageVz(V)
MIN. 3.600 3.890 4.170 4.550 4.940 5.450 5.960 6.490 7.070 7.780 8.570 9.410 10.500 11.440 12.550 13.890 15.250 16.820 18.630 20.640 22.610 24.970 27.700 30.320 32.790 35.360 MAX. 3.845 4.160 4.430 4.800 5.200 5.730 6.270 6.830 7.450 8.190 9.010 9.900 11.050 12.030 13.210 14.620 16.040 17.700 19.590 21.710 23.770 26.260 29.130 31.880 34.490 37.190 Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Operating resistanceZz()
Rising operating Reverse current resistanceZz() IR(uA)
MAX. 1000 1000 1000 900 1200 900 500 150 120 120 120 120 120 110 110 110 150 150 200 200 200 250 250 250 250 250 Iz(mA) 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 MAX. 10.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 VR(V) 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 30.0
MAX. 100 100 100 80 70 40 30 20 20 20 20 20 20 25 25 25 25 30 30 30 35 45 55 65 75 85
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Type NO. TYPE MTZJ3.6B MTZJ3.9B MTZJ4.3B MTZJ4.7B MTZJ5.1B MTZJ5.6B MTZJ6.2B MTZJ6.8B MTZJ7.5B MTZJ8.2B MTZJ9.1B MTZJ10B MTZJ11B
TYPENO.
3.6B 3.9B 4.3B 4.7B 5.1B 5.6B 6.2B 6.8B 7.5B 8.2B 9.1B 10B 11B
TYPE MTZJ12B MTZJ13B MTZJ15B MTZJ16B MTZJ18B MTZJ20B MTZJ22B MTZJ24B MTZJ27B MTZJ30B MTZJ33B MTZJ36B MTZJ39B
TYPENO.
12B 13B 15B 16B 18B 20B 22B 24B 27B 30B 33B 36B 39B
Rev.A
2/4
MTZJ10B
Diodes
10
1
ZENER CURRENT:Iz(mA)
0.1
4.7 4.3 0.01 3.9
5.1
5.6
6.8 6.2 7.5 8.2 9.1 10 11 12 13
3.6
15
16
18
20
22
24
27
30
33
36
39
0.001 0 5 10 15 20 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 25 30 35 40
600
10000 PRSM t
POWER DISSIPATION:Pd(W)
400 300 200 100 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.1 0.08 30 25
REVERSE SURGE MAXIMUM POWER:PRSM(W)
500
1000
100
10
1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Rth(j-a)
0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40 0 -5 20 15 10 5
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
TEMP.COEFFICIENCE:z(/)
TEMP.COEFFICIENCE:z(mV/)
100
Rth(j-c)
Mounted on epoxy board
10
IM=10mA 1ms tim 300us
IF=100mA
1
0.1 0.001
0.01
0.1 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
1000
Rev.A
3/4
MTZJ10B
Diodes
Ta=75 10 Ta=25 Ta=125 1000 f=1MHz 1000
10000
Ta=175
REVERSE CURRENT:IR (nA)
1 Ta=-25 0.1 Ta=175
100 10 1 0.1 0.01 Ta=-25 Ta=75
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
ZENER CURRENT:Iz(mA)
Ta=125
100
Ta=25
10
0.01
0.001 8.5 9 9.5 10 10.5 11 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 11.5
0.001 0 1 2 3 4 5 6 7 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
1 0 1 2 3 4 5 6 7
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
10
1
25
CAPACITANCE BETWEENTERMINALS:Ct(pF)
REVERSE CURRENT:IR(nA)
ZENER VOLTAGE:Vz()
9.9
Ta=25 IZ=5mA n=30pcs
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 AVE:0.119nA
Ta=25 VR=7.0V n=30pcs
24 23 22 21 20 19 18 17 16 15 Ct DISRESION MAP AVE:19.35pF
Ta=25 f=1MHz VR=0V n=10pcs
9.8
9.7
9.6
AVE:9.761V
9.5
Vz DISRESION MAP
IR DISRESION MAP
100
DYNAMIC IMPEDANCE:Zz()
10
1
0.1 0.1 1 ZENER CURRENT(mA) Zz-Iz CHARACTERISTICS 10
Rev.A
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of MTZJ91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X