Part Number Hot Search : 
08100 R5F7286 MC145 IRFF120R SSR2045G 08100 F25BR FM380
Product Description
Full Text Search
 

To Download MTS-18B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15 Million cycles
Transfer Switch
DC to 18 GHz
Features
* * * * * * *
CASE STYLE: DS810
NE W!
MTS-18B
low insertion loss, 0.2 dB high isolation, 70 dB high power handling, 25W ultra reliable break-before-make configuration failsafe microwave transfer switch protected by U.S. Patent 6,650,210
Applications
* (ATE) automatic test equipment * reliable "sleeptime" switching * redundancy switching for microwave radio
Electrical Specifications
FREQ. (GHz) INSERTION LOSS (dB) Typ. 0.10 0.10 0.20 0.25 Max. 0.15 0.25 0.36 0.45 ISOLATION (dB) Typ. 100 90 86 76 Min. 85 75 70 60 VSWR (:1) Typ. 1.05 1.15 1.15 1.15 Max. 1.10 1.20 1.25 1.30 DC CURRENT @+24V (mA) Typ. Max. 175 215 RF POWER* (W) Max. 50 50 38 25 CASE STYLE PRICE $ Qty. (1-9) 249.95
DC-1 1-8 8-12 12-18
DS810
*Power Ratings at ambient temperature 25C, non-switching mode. For other ambient temperatures see derating graph below.
switching states
DE-ENERGIZED DC=0V
additional specifications
Operating Voltage Range Switching Time (typ.) Operating Temperature Life (Min.) Impedance Nominal Weight
J1 J3
J2 J4
24V (nom) 1V 12ms -15C to +45C 10 million cycles 50 ohms 70 grams
ENERGIZED DC=24V J1 J3 J2 J4
tested at 0 dBm RF power
Outline Drawing
Power Handling Capability
Input Power, W
60 40 20 0 20 30 40 50
F=1 GHz F=4 GHZ F=8 GHz F=12 GHZ F=18 GHz
60
Ambient Temperature, C
Outline Dimensions ( inch ) mm
A B C D 1.97 1.02 .53 .800 50.04 25.91 13.46 20.32 H J K L 2.18 1.800 .800 .400 55.37 45.72 20.32 10.16 E .240 6.10 M .380 9.65 F .19 4.83 N .06 1.52 G .150 3.81 P wt. .38 grams 9.65 70
REV. E M93813 MTS-18B ED-8713 YB/RS 040810
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified


▲Up To Search▲   

 
Price & Availability of MTS-18B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X