Part Number Hot Search : 
YT396J 020A0 GMZ33 1761B BU4911 C2020T C230M3 APTGT1
Product Description
Full Text Search
 

To Download MTPH806M015P1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPH
Vishay
Wet Tantalum Capacitors
FEATURES
* * * * * * * Maximum CV/unit volume Ruggedized construction Very low dissipation factor Very low DC leakage 100% "hot" 85C DCL screening 100% voltage age at 85C - 48 hours Quality assurance testing on each production lot to MIL-STD-202 * Accelerated life: 0.65%/AQL * Recorded available test data * Reliability: 0.1%/1000 hours
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C Voltage Range: 6 to 60VDC Reverse Voltage: None Capacitance Range: 4.7F to 470F Tolerance Range: 10%, 20% DC Leakage: At + 25C - 2.0A max At + 85C - 6.0 to 10.0A max
APPLICATIONS
* * * * Timing circuit Filter coupling Energy storage By-pass circuits
MAX RMS RIPPLE CURRENT AT 85C
Case Code A B C 140 Milliamps 12.5 50 Case Sizes: (Three) 0.115 x 0.403 to 0.225 x 0.778
ORDERING INFORMATION
MTPH MTPH SERIES Subminiature/ High Reliability 156 CAPACITANCE CODE This is expressed in Picofarads. The first two digits are the significant figures. The third digit is the number of zeros to follow. K CAPACITANCE TOLERANCE M = 20% K = 10% 020 DC VOLTAGE RATING This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. P CASE CODE P = Polar 1 STYLE NUMBER 1 = Mylar Sleeve A CASE SIZE CODE
DIMENSIONS in inches [millimeters]
1.500 0.250 (38.1 6.35) L MAX. 1.500 0.250 (38.1 6.35)
D MAX. RED EPOXY TO INDICATE POSITIVE LEAD END
LEAD DIAM. 0.020 0.001 CASE INSULATED
CASE A B C *1 Gram = 0.035oz www.vishay.com 74
D 0.115 (2.92) 0.145 (3.68) 0.225 (5.72)
L 0.403 (10.23) 0.600 (15.24) 0.778 (19.76)
APPROX WEIGHT GRAMS* 0.50 1.00 2.60
For technical questions, contact wettants@vishay.com
Document Number: 40060 Revision 02-Sep-03
MTPH
Wet Tantalum Capacitors
STANDARD RATINGS
MAX DCL CAP (F) 47 150 180 450 470 33 100 120 300 330 22 68 80 200 220 15 47 60 150 10 45 120 10 100 6.8 30 33 68 78 4.7 6.8 10 15 22 33 47 68 VOLTS DC 6 6 6 6 6 10 10 10 10 10 15 15 15 15 15 20 20 20 20 30 30 30 35 35 50 50 50 50 50 60 60 60 60 60 60 60 60 CASE SIZE A B B C C A B B C C A B B C C A B B C A B C A C A B B C C A A B B B C C C
Vishay
MAX ESR + 25C 9.6 3.9 3.4 1.9 1.8 11.3 4.0 3.5 1.8 1.6 12.1 6.2 5.3 2.0 1.8 17.7 6.8 7.1 2.7 21.2 7.1 3.3 21.2 4.0 31.2 9.7 8.8 4.3 3.7 39.5 31.2 23.9 17.7 14.5 7.2 5.6 4.3 MAX Z - 55C 85 35 32 25 23 100 46 42 31 31 120 58 50 37 36 150 73 60 38 200 80 42 240 48 310 120 120 54 52 400 367 217 174 140 75 62 51 MAX %C FROM + 25C - 55C +85C - 60 - 50 - 50 - 60 - 60 - 40 - 45 - 50 - 60 - 60 - 40 - 45 - 45 - 50 - 50 - 40 - 40 - 45 - 50 - 35 - 35 - 45 - 35 - 45 - 30 - 30 - 30 - 40 - 40 - 30 - 30 - 35 - 35 - 30 - 35 - 40 - 40 + 15 + 15 + 15 + 15 + 15 + 15 + 15 + 15 + 15 + 15 + 12 + 12 + 12 + 12 + 12 + 11 + 11 + 11 + 11 + 10 + 10 + 10 + 10 + 10 + 10 + 10 + 10 + 10 + 10 +9 +9 +9 +9 +9 +9 +9 +9
A
PART NUMBER MTPH476*006P1A MTPH157*006P1B MTPH187*006P1B MTPH457*006P1C MTPH477*006P1C MTPH336*010P1A MTPH107*010P1B MTPH127*010P1B MTPH307*010P1C MTPH337*010P1C MTPH226*015P1A MTPH686*015P1B MTPH806*015P1B MTPH207*015P1C MTPH227*015P1C MTPH156*020P1A MTPH476*020P1B MTPH606*020P1B MTPH157*020P1C MTPH106*030P1A MTPH456*030P1B MTPH127*030P1C MTPH106*035P1A MTPH107*035P1C MTPH685*050P1A MTPH306*050P1B MTPH336*050P1B MTPH686*050P1C MTPH786*050P1C MTPH475*060P1A MTPH685*060P1A MTPH106*060P1B MTPH156*060P1B MTPH226*060P1B MTPH336*060P1C MTPH476*060P1C MTPH686*060P1C + 25C 2.0 2.0 2.0 2.0 2.0 .2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 + 85C 6.0 8.0 8.0 10.0 10.0 6.0 8.0 8.0 10.0 10.0 6.0 8.0 8.0 10.0 10.0 6.0 8.0 8.0 10.0 6.0 8.0 10.0 6.0 10.0 6.0 8.0 8.0 10.0 10.0 6.0 6.0 8.0 8.0 8.0 10.0 10.0 10.0
* Insert appropriate letter code for tolerance: M = 20%, K = 10%
Document Number: 40060 Revision 02-Sep-03
For technical questions, contact wettants@vishay.com
www.vishay.com 75


▲Up To Search▲   

 
Price & Availability of MTPH806M015P1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X