Part Number Hot Search : 
FP5122PM SSL1523P SLA7027 0549A 74HC4 SA150 PJP4NA60 ED25A
Product Description
Full Text Search
 

To Download MTP3055VL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTP3055VL
June 2000 DISTRIBUTION GROUP*
MTP3055VL
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
This N-Channel Logic Level MOSFET has been designed specifically for low voltage, high speed switching applications i.e. power supplies and power motor controls. This MOSFET features faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications. The result is a MOSFET that is easy and safer to drive (even at very high frequencies).
Features
* 12 A, 60 V. RDS(ON) = 0.18 @ VGS = 5 V * Critical DC electrical parameters specified at elevated temperature. * Low drive requirements allowing operation directly from logic drivers. Vgs(th) < 2 V. * Rugged internal source-drain diode can eliminate the need for an external Zener diode transient suppressor. * 175C maximum junction temperature rating.
D
G
D
TO-220 S
G
S
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Gate-Source Voltage Drain Current - Continuous - Pulsed Drain-Source Voltage
TC = 25C unless otherwise noted
Parameter
Ratings
60 15 12 42 48 0.32 -65 to +175
Units
V V A W W/C C C/W C/W
Power Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range
Thermal Characteristics
R JC R JA Thermal Resistance, Junction-to- Case Thermal Resistance, Junction-to- Ambient
(Note 1)
3.13 62.5
Package Outlines and Ordering Information
Device Marking
MTP3055VL
Device
MTP3055VL
Package Information
Rails/Tubes
Quantity
45 units
* Die and manufacturing source subject to change without prior notification.
1999 Fairchild Semiconductor Corporation MTP3055VL Rev. A1
MTP3055VL
Electrical Characteristics
Symbol
w DSS IAR
T C = 25C unless otherwise noted
Parameter
Test Conditions
(Note 2)
Min
Typ
Max
72 12
Units
mJ A
DRAIN-SOURCE AVALANCHE RATINGS
Single Pulse Drain-Source V DD = 25 V, ID = 12 A Avalanche Energy Maximum Drain-Source Avalanche Current V GS = 0 V, ID = 250 A ID = 250 A, Referenced to 25 C V DS = 60 V, V GS = 0 V V DS = 60 V, V GS = 0 V, T J = 150 C V GS = 15 V, V DS = 0 V V GS = -15 V, V DS = 0 V
Off Characteristics
BV DSS BVDSS TJ IDSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current
60 55 10 100 100 -100
V mV/ C A
IGSSF IGSSR
Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
(Note 2)
nA nA
On Characteristics
V GS(th) VGS(th) TJ R DS(on) V DS(on) g FS
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance Drain-Source On-Voltage On-Resistance Forward Transconductance
V DS = V GS , ID = 250 A ID = 250 A, Referenced to 25 C V GS = 5 V,ID = 6 A, V GS = 5 V,ID = 12 A V DS = 8 V, ID = 6 A
1
1.6 -4 0.100
2
V mV/ C
0.180 2.6
V S
5
8.7
Dynamic Characteristics
C iss C oss C rss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
V DS = 25 V, V GS = 0 V, f = 1.0 MHz
345 110 30
570 160 40
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Q gs Q gd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
V DD = 30 V, ID = 12 A, V GS = 5 V, R GEN = 9.1
20 190 30 90
ns ns ns ns nC nC nC
V DS = 48 V, ID = 12 A, V GS = 5 V
7.8 1.7 3.2
10
Drain-Source Diode Characteristics and Maximum Ratings
IS ISM V SD trr Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Drain-Source Reverse Recovery Time V GS = 0 V, IS = 12 A IF =12 A, di/dt = 100A/s
(Note 2) (Note 2) (Note 2)
12 42 1.3 55
A A V nS
Notes: 1. RJA is the sum of the juntion-to-case and case-to-ambient thermal resistance. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
MTP3055VL Rev. A1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I11


▲Up To Search▲   

 
Price & Availability of MTP3055VL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X