Part Number Hot Search : 
V103AYLF 78L07 34605 ADP3625 TP3D156 TBB512 74HCU04 A393E
Product Description
Full Text Search
 

To Download MTN7002N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
N-CHANNEL MOSFET
Spec. No. : C325N3 Issued Date : 2002.12.18 Revised Date : 2005.01.07 Page No. : 1/4
MTN7002N3
Description
*The MTN7002N3 is a N-channel enhancement-mode MOSFET. *Pb-free package
Symbol
MTN7002N3
Outline
SOT-23 D
GGate SSource DDrain
G
S
Absolute Maximum Ratings (Ta=25C)
Parameter Drain-Source Voltage Drain-Gate Voltage (RGS=1M) Gate-Source Voltage Continuous Drain Current (Ta=25C) Continuous Drain Current (Ta=100C) Pulsed Drain Current (Ta=25C) Total Power Dissipation (Ta=25C) Total Power Dissipation (Tc=25C) Operating Junction Temperature Storage Temperature Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Lead Temperature, for 10 second Soldering
*2. Pulse Width 300s, Duty cycle 2%
MTN7002N3 CYStek Product Specification
Symbol BVDSS BVDGR
VGS ID ID IDM PD Tj Tstg Rth,ja Rth,jc TL
Limits 60 60 40 200 115 800 200 500 -55~+150 -55~+150 625 250 240
*1 *1 *2
Unit V V V mA mA mA mW C C C/W C/W C
Note : *1. The power dissipation of the package may result in a continuous drain current
CYStech Electronics Corp.
Electrical Characteristics (Ta=25C) Symbol BVDSS VGS(th) IGSS/F IGSS/R IDSS ID(ON) VDS(ON) RDS(ON) GFS Ciss Coss Crss Min. 60 1 500 80 Typ. Max. 2.5 100 -100 1 0.375 3.75 7.5 7.5 50 25 5 Unit V V nA nA A mA V V mS pF
Spec. No. : C325N3 Issued Date : 2002.12.18 Revised Date : 2005.01.07 Page No. : 2/4
Test Conditions VGS=0, ID=10A VDS=2.5V, ID=0.25mA VGS=+20V, VDS=0 VGS=-20V, VDS=0 VDS=60V, VGS=0 VDS>2VDS(ON), VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V VDS>2VDS(ON), ID=200mA VDS=25V, VGS=0, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Characteristic Curves
TYPICAL OUTPUT CHARACTERISICS
1.4 1.2 DRAIN CURRENT---ID(A) 1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 7 8 9 10 DRAIN-SOURCE ---VDS(V) VGS=4V VGS=8V DRAIN CURRENT---ID(A)
TYTICAL TRANSFER CHARACTERISTIC
1.4 1.2
VGS=5V
1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 7 8 9 10 GAT E-SOURCE VOLT AGE---VGS(V)
MTN7002N3
CYStek Product Specification
CYStech Electronics Corp.
ST AT IC DRAIN-SOURCE ON-ST AT E RESIST ANCE vs DRAIN CURRENT 4.0
STATIC DRAIN-SOURCE ON-STATE RESISTANCE--- RDS(on)(ohm)
Spec. No. : C325N3 Issued Date : 2002.12.18 Revised Date : 2005.01.07 Page No. : 3/4
STATIC DRAIN-SOURCE ON-STATE RESISTANCE VS GATE-SOURCE VOLTSAGE
10
STATIC DRAIN-SOURCE ON-STATE
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 DRAIN CURRENT ---ID(A) VGS=10V VGS=5V
9
RESISTANCE--- RDS(on)(ohm)
8 7 6 5 4 3 2 1 0 0 5 10 15 20 GAT E-SOURCE VOLT AGE---VGS(V) ID=57.5m A ID=115mA
FORWARD TRANSFER ADM ITTANCE vs DRAIN CURRENT
1000
FORWARD TRANSFER ADMITTANCE--GFS(ms)
REVERSE DRAIN CURRENT vs SOURCEDRAIN VOLTAGE
1.00
VGS=10V 100
REVERSE DRAIN CURRENT---IDR(A)
Pulse d
0.10 VGS=10V VGS=0V
10
1 0.001
0.01
0.1
1
0.01 0.00
0.50
1.00
1.50
DRAIN CURRENT ---ID(A) SWIT CHING 1000 CHARACT ERIST ICS
SOURCE-DRAIN VOLT AGE---VSD(V)
Power Derating Curve
0.25 Power Dissipation---PD(W)
0.1 1 Tf
SWITCHING TIMES---(ns)
0.2 0.15 0.1 0.05 0
100
T d(off)
T d(on) 10 Tr 1 0.001
0.01
0
50
100
150
200
DRAIN CURRENT ---ID(A)
Ambient Temperature---Ta()
MTN7002N3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C325N3 Issued Date : 2002.12.18 Revised Date : 2005.01.07 Page No. : 4/4
A L 3 B 1 2 S
Marking:
TE 702
V
G
3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style: Pin 1.Gate 2.Source 3.Drain
C D K
H
J
*: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
MTN7002N3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of MTN7002N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X