Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download MTG-12232C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTG-12232C
GENERAL SPECIFICATION
Item
Number of Character Module Size Viewing Area Dot Size/Dot Pitch Backlight Options Built-In Controller 122x32 59.0(W)x29.3(H)x5.5(D)mm Max 52.0(W)x15.0(H)mm 0.345(W)x0.345(H)mm/0.375(W)x0.375(H)mm Without/LED Gray STN/Yellow STN,Extended Temperature,Bottom Viewing SED1520DOA
INTERFACE PIN ASSIGNMENT
Content
Pin No. Pin Out
1 V LED
Function Description
Cathode of LED backlight, which is common Anode with logic circuit.
2
V SS
GND
3
V DD
Logic supply voltage
ELECTRICAL CHARACTERISTICS
Item
Power Supply for Logic Input Voltage LCM Recommend LCD Module Driving Voltage Power Supply Current for LCM
4
VO
LCD driver supply voltage Display Data/Display commands switching input. Ao=0: DB0~DB7 are command input and status output. Ao=1: DB0~DB7 are Display Data input/output. Enable signal for the left half of the screen. Active Low Enable signal for the right half of the screen. Active Low
Symbol
V DD- V SS V IL V IH
Condition
L level H level T a = 0 C
Min.
2.4 V SS 0 . 8 V DD 4.0 -
Typ
5.0 0 . 2 V DD V DD 4.3 0.6 45
Max. Unit note
7.0 7 E2 4.6 8~15 DB0~DB7 3-state I/O Data Bus 1.1 mA 60 16 R/W High for Read, Low for Write Volt Volt Volt Volt 6 E1 5 AO
V DD- V O
T a = 2 5 C T a = 5 0 C
I DD( L E D B/L OFF) I EE( L E D B/L ON)
V DD= 5 . 0 V V DD- V O= 4 . 3 V FLM=64Hz V LED= 4 . 2 V
BLOCK DIAGRAM
POWER SUPPLY
MECHANICAL


▲Up To Search▲   

 
Price & Availability of MTG-12232C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X