Part Number Hot Search : 
68HC90 H2324S C1005CH1 3EZ33 E001056 14600 P0402FC MC74VHC1
Product Description
Full Text Search
 

To Download MTD48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT16374 16-Bit D-Type Flip-Flop with 3-STATE Outputs
August 1999 Revised May 2005
74ACT16374 16-Bit D-Type Flip-Flop with 3-STATE Outputs
General Description
The ACT16374 contains sixteen non-inverting D-type flipflops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and Output Enable (OE) are common to each byte and can be shorted together for full 16-bit operation.
Features
s Buffered Positive edge-triggered clock s Separate control logic for each byte s 16-bit version of the ACT374 s Outputs source/sink 24 mA s TTL-compatible inputs
Ordering Code:
Order Number 74ACT16374SSC 74ACT16374MTD Package Number MS48A MTD48 Package Description 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names OEn CPn I0-I15 O0-O15 Description Output Enable Input (Active LOW) Clock Pulse Input Inputs Outputs
FACT is a trademark of Fairchild Semiconductor Corporation.
(c) 2005 Fairchild Semiconductor Corporation
DS500298
www.fairchildsemi.com
74ACT16374
Functional Description
The ACT16374 consists of sixteen edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. Each byte has a buffered clock and buffered Output Enable common to all flip-flops within that byte. The description which follows applies to each byte. Each flip-flop will store the state of their individual D inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CPn) transition. With the Output Enable (OEn) LOW, the contents of the flip-flops are available at the outputs. When OEn is HIGH, the outputs go to the high impedance state. Operation of the OEn input does not affect the state of the flip-flops.
Truth Tables
Inputs CP1 Outputs I0-I7 H L X X O0-O7 H L (Previous) Z Outputs I8-I15 H L X X O8-O15 H L (Previous) Z OE1 L L L H Inputs CP2

L X

L X
OE2 L L L H
H HIGH Voltage Level L LOW Voltage Level X Immaterial Z HIGH Impedance LOW-to-HIGH Transition
Logic Diagrams
Byte 1 (0:7)
Byte 2 (8:15)
www.fairchildsemi.com
2
74ACT16374
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI VI VO VO
0.5V to 7.0V 20 mA 20 mA 20 mA 20 mA 0.5V to VCC 0.5V r50 mA r 50 mA 65qC to 150qC
Recommended Operating Conditions
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate ('V/'t) VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications.
4.5V to 5.5V 0V to VCC 0V to VCC
0.5V VCC 0.5V 0.5V VCC 0.5V
DC Output Diode Current (IOK)
40qC to 85qC
125 mV/ns
DC Output Voltage (VO) DC Output Source/Sink Current (IO) DC VCC or Ground Current per Output Pin Storage Temperature
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter Minimum HIGH Input Voltage Maximum LOW Input Voltage Minimum HIGH Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Output Voltage 4.5 5.5 4.5 5.5 IOZ IIN ICCT ICC IOLD IOHD Maximum 3-STATE Leakage Current Maximum Input Leakage Current Maximum ICC/Input Maximum Quiescent Supply Current Minimum Dynamic Output Current (Note 3) 5.5 75 mA mA VOLD VOHD 1.65V Max 3.85V Min 5.5 5.5 0.6 8.0 1.5 80.0 mA VI VIN VCC 2.1V VCC or GND 5.5 5.5 0.001 0.001 TA Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36
25qC
TA
40qC to 85qC
2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44
Guaranteed Limits
Units V V V VOUT VOUT
Conditions 0.1V 0.1V
or VCC 0.1V or VCC 0.1V IOUT VIN
50 PA
VIL or VIH
V
IOH IOH
24 mA 24 mA (Note 2)
50 PA VIL or VIH 24 mA 24 mA (Note 2) VIL, VIH VCC, GND VCC, GND
V
IOUT VIN
V
IOL IOL VI VO VI
r 0.5 r 0.1
r 5.0 r 1.0
PA PA
PA
75
Note 2: All outputs loaded; thresholds associated with output under test. Note 3: Maximum test duration 2.0 ms; one output loaded at a time.
3
www.fairchildsemi.com
74ACT16374
AC Electrical Characteristics
VCC Symbol fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ
Note 4: Voltage Range 5.0 is 5.0V r 0.5V.
TA CL Min 71 3.1 3.0 2.5 3.0 2.1 2.0
25qC
50 pF Typ 5.3 5.1 4.7 5.4 5.1 4.8 Max 7.9 7.3 7.4 8.0 7.9 7.4
TA
40qC to 85qC
CL 50 pF Max MHz 8.4 7.8 7.9 8.5 8.2 7.9 ns ns ns Units
Parameter Maximum Clock Frequency Propagation Delay CP to On Output Enable Time Output Disable Time
(V) (Note 4) 5.0 5.0 5.0 5.0
Min 67 3.1 3.0 2.5 2.0 2.1 2.0
AC Operating Requirements
VCC Symbol tS tH tW Parameter Setup Time, HIGH or LOW, Input to Clock Hold Time, HIGH or LOW, Input to Clock CP Pulse Width, HIGH or LOW
Note 5: Voltage Range 5.0 is 5.0V r 0.5V.
TA CL Typ 0.7 0.8 1.5
25qC
50 pF
TA
40qC to 85qC
CL 50 pF Units
(V) (Note 5) 5.0 5.0 5.0
Guaranteed Limits 3.0 1.0 5.0 3.0 1.0 5.0 ns ns ns
Capacitance
Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 30 Units pF pF VCC VCC 5.0V 5.0V Conditions
www.fairchildsemi.com
4
74ACT16374
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS48A
5
www.fairchildsemi.com
74ACT16374 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MTD48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X