Part Number Hot Search : 
HMC383 252004B EV200 34605 85EBZ PE44445 71DSG KXR94
Product Description
Full Text Search
 

To Download MTD48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT16541 16-Bit Buffer/Line Driver with 3-STATE Outputs
August 1999 Revised May 2005
74ACT16541 16-Bit Buffer/Line Driver with 3-STATE Outputs
General Description
The ACT16541 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is byte controlled. Each byte has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.
Features
s Separate control logic for each byte s Outputs source/sink 24 mA s TTL-compatible inputs
Ordering Code:
Order Number 74ACT16541SSC 74ACT16541MTD Package Number MS48A MTD48 Package Description 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names OEn I0-I15 O0-O15 Description Output Enable Input (Active LOW) Inputs Outputs
FACT is a trademark of Fairchild Semiconductor Corporation
(c) 2005 Fairchild Semiconductor Corporation
DS500300
www.fairchildsemi.com
74ACT16541
Functional Description
The ACT16541 contains sixteen non-inverting buffers with 3-STATE standard outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. The 3-STATE outputs are controlled by an Output Enable (OEn) input for each byte. When OEn is LOW, the outputs are in 2-state mode. When OEn is HIGH, the outputs are in the high impedance mode, but this does not interfere with entering new data into the inputs.
Truth Tables
Inputs OE1 L H X L OE2 L X H L Inputs OE3 L H X L
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
Outputs I0-I7 H X X L O0-O7 H Z Z L Outputs I8-I15 H X X L O8-O15 H Z Z L
OE4 L X H L
Logic Diagram
www.fairchildsemi.com
2
74ACT16541
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = 0.5V VI = VCC + 0.5V DC Output Diode Current (IOK) VO = 0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source/Sink Current (IO) DC VCC or Ground Current per Output Pin Storage Temperature
0.5V to +7.0V 20 mA
+20 mA
Recommended Operating Conditions
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate ('V/'t) VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications.
4.5V to 5.5V 0V to VCC 0V to VCC
20 mA
+20 mA
40qC to +85qC
125 mV/ns
0.5V to VCC + 0.5V r50 mA r50 mA 65qC to +150qC
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter Minimum HIGH Input Voltage Maximum LOW Input Voltage Minimum HIGH Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Output Voltage 4.5 5.5 4.5 5.5 IOZ IIN ICCT ICC IOLD IOHD Maximum 3-STATE Leakage Current Maximum Input Leakage Current Maximum ICC/Input Max Quiescent Supply Current Minimum Dynamic Output Current (Note 3) 5.5 75 mA mA VOLD = 1.65V Max VOHD = 3.85V Min 5.5 5.5 0.6 8.0 1.5 80.0 mA VI = VCC 2.1V VIN = VCC or GND 5.5 5.5 0.001 0.001 TA = +25qC Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 TA = 40qC to +85qC Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 V Units V V V Conditions VOUT = 0.1V or VCC 0.1V VOUT = 0.1V or VCC 0.1V IOUT = 50 PA VIN = VIL or VIH V IOH = 24 mA IOH = 24 mA (Note 2) IOUT = 50 PA VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 2) VI = VIL, VIH VO = VCC, GND VI = VCC, GND
r0.5 r0.1
r5.0 r1.0
PA PA
PA
75
Note 2: All outputs loaded; thresholds associated with output under test. Note 3: Maximum test duration 2.0 ms; one output loaded at a time.
3
www.fairchildsemi.com
74ACT16541
AC Electrical Characteristics
VCC Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ
Note 4: Voltage Range 5.0 is 5.0V r 0.5V.
TA = +25qC CL = 50 pF Min 3.0 2.5 2.6 2.7 2.7 2.4 Typ 5.2 4.8 5.0 5.4 5.6 5.2 Max 7.3 7.3 7.4 8.0 8.3 7.9
TA = 40qC to +85qC CL = 50 pF Min 3.0 2.5 2.6 2.7 2.7 2.4 Max 7.8 7.8 7.9 8.5 8.7 8.4 ns ns ns Units
Parameter Propagation Delay Data to Output Output Enable Time Output Disable Time
(V) (Note 4) 5.0 5.0 5.0
Capacitance
Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 30 Units pF pF VCC = 5.0V VCC = 5.0V Conditions
www.fairchildsemi.com
4
74ACT16541
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS48A
5
www.fairchildsemi.com
74ACT16541 16-Bit Buffer/Line Driver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MTD48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X