Part Number Hot Search : 
LB1830 12E1080 RN731VFH 7014S3 EL4584C CY7C15 2M20Z 1N5268
Product Description
Full Text Search
 

To Download MTC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC688 8-Bit Magnitude Comparator (Equality Detector)
September 1983 Revised May 2005
MM74HC688 8-Bit Magnitude Comparator (Equality Detector)
General Description
The MM74HC688 equality detector utilizes advanced silicon-gate CMOS technology to compare bit for bit two 8-bit words and indicates whether or not they are equal. The P Q output indicates equality when it is LOW. A single active low enable is provided to facilitate cascading of several packages and enable comparison of words greater than 8 bits. This device is useful in memory block decoding applications, where memory block enable signals must be generated from computer address information. The comparator's output can drive 10 low power Schottky equivalent loads. This comparator is functionally and pin compatible to the 74LS688. All inputs are protected from damage due to static discharge by diodes to VCC and ground.
Features
s Typical propagation delay: 20 ns s Wide power supply range: 2-6V s Low quiescent current: 80 PA (74 Series) s Large output current: 4 mA (74 Series) s Same as HC521
Ordering Code:
Order Number MM74HC688WM MM74HC688SJ MM74HC688MTC MM74HC688N Package Number M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP
Logic Diagram
Top View
Truth Table
Inputs Data P,Q P Q P!Q PQ X Enable G L L L H P L H H H Q
(c) 2005 Fairchild Semiconductor Corporation
DS005018
www.fairchildsemi.com
MM74HC688
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260qC 600 mW 500 mW (ICC) Storage Temperature Range (TSTG)
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT ) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) VCC VCC VCC 2.0V 4.5V 6.0V 1000 500 400 ns ns ns 2 0 Max 6 VCC Units V V
0.5 to 7.0V 1.5 to VCC 1.5V 0.5 to VCC 0.5V r20 mA r25 mA r50 mA 65qC to 150qC
40
85
qC
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: 12 mW/qC from 65qC to 85qC.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage VOH Minimum HIGH Level Output Voltage VIN VIH or VIL Conditions
(Note 4)
VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V TA Typ 1.5 3.15 4.2 0.5 1.35 1.8 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 25qC TA
40 to 85qC TA 55 to 125qC
Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4
Units V V V V V V V V V V V V V V V V
|IOUT| d 20 PA
2.0V 4.5V 6.0V
VIN
VIH or VIL 4.5V 6.0V 2.0V 4.5V 6.0V
|IOUT| d 4.0 mA |IOUT| d 5.2 mA VOL Maximum LOW Level Output Voltage VIN VIH or VIL |IOUT| d 20 PA
VIN
VIH or VIL 4.5V 6.0V 6.0V 6.0V
|IOUT| d 4.0 mA |IOUT| d 5.2 mA IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN IOUT VCC or GND 0 PA VIN VCC or GND
r0.1
8.0
r1.0
80
r1.0
160
PA PA
Note 4: For a power supply of 5V r10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HC688
AC Electrical Characteristics
VCC
5V, TA
25qC, CL
15 pF, tr
Parameter
tf 6 ns
Conditions Typ 21 14 Guaranteed Limit 30 20 Units ns ns
Symbol tPHL, tPLH tPLH, tPHL
Maximum Propagation Delay, any P or Q to Output Maximum Propagation Delay, Enable to any Output
AC Electrical Characteristics
VCC
2.0V to 6.0V, CL
50 pF, tr
tf 6 ns (unless otherwise specified)
Conditions VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V TA 25qC Typ 60 22 19 45 15 13 30 8 7 45 5 10 10 10 175 35 30 120 24 20 75 15 13 TA
Symbol tPHL, tPLH
Parameter Maximum Propagation Delay, P or Q to Output
40 to 85qC TA 55 to 125qC
Guaranteed Limits 220 44 38 150 30 25 95 19 16 263 53 45 180 36 30 110 22 19
Units ns ns ns ns ns ns ns ns ns pF pF
tPHL, tPLH
Maximum Propagation Delay, Enable to Output
tTHL, tTLH
Maximum Output Rise and Fall Time
CPD CIN
Power Dissipation Capacitance (Note 5) Maximum Input Capacitance
Note 5: CPD determines the no load dynamic power consumption, PD IS CPD VCC f ICC.
CPD VCC2 f ICC VCC, and the no load dynamic current consumption,
3
www.fairchildsemi.com
MM74HC688
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
www.fairchildsemi.com
4
MM74HC688
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
5
www.fairchildsemi.com
MM74HC688
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
www.fairchildsemi.com
6
MM74HC688 8-Bit Magnitude Comparator (Equality Detector)
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MTC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X